công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMX2470 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện LMX2470
Giải thích chi tiết về linh kiện  2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2470 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LMX2470_14 Datasheet HTML 2Page - Texas Instruments LMX2470_14 Datasheet HTML 3Page - Texas Instruments LMX2470_14 Datasheet HTML 4Page - Texas Instruments LMX2470_14 Datasheet HTML 5Page - Texas Instruments LMX2470_14 Datasheet HTML 6Page - Texas Instruments LMX2470_14 Datasheet HTML 7Page - Texas Instruments LMX2470_14 Datasheet HTML 8Page - Texas Instruments LMX2470_14 Datasheet HTML 9Page - Texas Instruments LMX2470_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
LMX2470
SNAS195A – MAY 2004 – REVISED MAY 2004
www.ti.com
Electrical Characteristics (continued)
(VCC = 2.5V; -40°C ≤ TA ≤ +85°C unless otherwise specified)
Value
Symbol
Parameter
Conditions
Units
Min
Typ
Max
ICPoutIFTRI
IF Charge Pump TRI-STATE
0.4
≤ VCPoutIF ≤ VCC RF -0.4
2
10
nA
Current Magnitude
ICPoutIF%MIS
IF CP Sink vs. CP Source
VCPoutIF = VCC/2
3
%
Mismatch
TA = 25°C
ICPoutIF%V
IF CP Current vs. CP Voltage
0.4
≤ VCPoutIF ≤ VCC -0.4
8
15
%
TA = 25°C
ICPoutIF%TEMP
IF CP Current vs. Temperature
VCPoutIF = VCC/2
8
%
OSCILLATOR PARAMETERS
fOSCin
Oscillator Operating Frequency
OSC2X = 0
5
110
MHz
OSC2X = 1
5
20
MHz
vOSCin
Oscillator Input Sensitivity
0.5
VCC
V
IOSCin
Oscillator Input Current
-100
100
µA
DIGITAL INTERFACE (DATA, CLK, LE, EN, ENRF, Ftest/LD, FLoutRF, FLoutIF)
VIH
High-Level Input Voltage
1.6
VCC
V
VIL
Low-Level Input Voltage
0.4
V
IIH
High-Level Input Current
VIH = VCC
-1.0
1.0
µA
IIL
Low-Level Input Current
VIL = 0 V
-1.0
1.0
µA
VOH
High-Level Output Voltage
IOH = -500 µA
VCC-0.4
V
VOL
Low-Level Output Voltage
IOL = 500 µA
0.4
V
MICROWIRE INTERFACE TIMING
TCS
Data to Clock Set Up Time
See Microwire Input Timing
50
ns
TCH
Data to Clock Hold Time
See Microwire Input Timing
10
ns
TCWH
Clock Pulse Width High
See Microwire Input Timing
50
ns
TCWL
Clock Pulse Width Low
See Microwire Input Timing
50
ns
TES
Clock to Load Enable Set Up
See Microwire Input Timing
50
ns
Time
TEW
Load Enable Pulse Width
See Microwire Input Timing
50
ns
PHASE NOISE
LF1HzRF
RF Synthesizer Normalized
RF_CPG = 0
-200
dBc/Hz
Phase Noise Contribution (1)
RF_CPG = 3
-206
dBc/Hz
RF_CPG = 7
-208
dBc/Hz
RF_CPG = 15
-210
dBc/Hz
LF1HzIF
IF Synthesizer Normalized
Applies to both low and high current
-209
dBc/Hz
Phase Noise Contribution (1)
modes
(1)
Normalized Phase Noise Contribution is defined as: LN(f) = L(f) – 20log(N) – 10log(fCOMP) where L(f) is defined as the single side band
phase noise measured at an offset frequency, f, in a 1 Hz Bandwidth. The offset frequency, f, must be chosen sufficiently smaller than
the PLL loop bandwidth, yet large enough to avoid substantial phase noise contribution from the reference source. The offset chosen
was 4 KHz.
6
Submit Documentation Feedback
Copyright © 2004, Texas Instruments Incorporated
Product Folder Links: LMX2470


Số phần tương tự - LMX2470_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2470SLEX NSC-LMX2470SLEX Datasheet
453Kb / 36P
   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
More results

Mô tả tương tự - LMX2470_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2470 NSC-LMX2470 Datasheet
453Kb / 36P
   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
LMX2471 NSC-LMX2471 Datasheet
458Kb / 36P
   3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
logo
Analog Devices
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. B
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
   26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4155 AD-ADF4155 Datasheet
530Kb / 32P
   Integer-N/Fractional-N PLL Synthesizer
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
   Integer N/Fractional-N, PLL Synthesizer
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
logo
Texas Instruments
TRF3765 TI1-TRF3765_15 Datasheet
1Mb / 52P
[Old version datasheet]   Integer-N/Fractional-N PLL With Integrated VCO
TRF3765 TI1-TRF3765 Datasheet
1Mb / 51P
[Old version datasheet]   Integer-N/Fractional-N PLL with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com