công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMH2180 bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
LMH2180 bảng dữ liệu(HTML) 2 Page - Texas Instruments |
2 / 22 page IN2 EN2 VSS OUT1 EN1 VDD IN1 OUT2 A3 B3 C3 C2 C1 B1 A1 A2 VDD IN 1 IN 2 ENABLE 2 ENABLE 1 OUT 1 OUT 2 VSS 1 2 3 4 5 6 7 8 DEVICE CODE LMH2180 SNAS419C – JANUARY 2008 – REVISED AUGUST 2011 www.ti.com Connection Diagrams Top View Top View Figure 1. 8-Pin WSON Package Figure 2. 8-Bump DSBGA Package See Package Number NGW0008A or NGQ0008A See Package Number YFQ0008AAA PIN DESCRIPTIONS Pin No. Pin No. Pin Name Description WSON DSBGA 1 A3 VDD Voltage supply connection 2 A2 IN 1 Input 1 3 A1 IN 2 Input 2 4 B1 ENABLE 2 Enable buffer 2 5 C1 VSS Ground connection 6 C2 OUT 2 Output 2 7 C3 OUT 1 Output 1 8 B3 ENABLE 1 Enable buffer 1 These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. Absolute Maximum Ratings (1) (2) Supply Voltages (V+ – V−) 5.5V ESD Tolerance Human Body (3) 2000V Machine Model (4) 200V Charged Device Model 1000V Storage Temperature Range −65°C to 150°C Junction Temperature (5) 150°C Soldering Information Infrared or Convection (35 sec.) 235°C (1) “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of the device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All voltages are measured with respect to the ground pin, unless otherwise specified. (2) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and specifications. (3) Human body model, applicable std. JESD22–A114C. (4) Machine model, applicable std. JESD22–A115–A. (5) The maximum power dissipation must be derated at elevated temperatures and is dictated by TJ(MAX), θJA , and the ambient temperature TA. The maximum allowable power dissipation is PDMAX = (TJMAX − TA) / θJA or the number given in the Absolute Maximum Ratings, whichever is lower. 2 Submit Documentation Feedback Copyright © 2008–2011, Texas Instruments Incorporated Product Folder Links: LMH2180 |
Số phần tương tự - LMH2180 |
|
Mô tả tương tự - LMH2180 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |