công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH2180 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LMH2180
Giải thích chi tiết về linh kiện  75 MHz Dual Clock Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH2180 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LMH2180_14 Datasheet HTML 1Page - Texas Instruments LMH2180_14 Datasheet HTML 2Page - Texas Instruments LMH2180_14 Datasheet HTML 3Page - Texas Instruments LMH2180_14 Datasheet HTML 4Page - Texas Instruments LMH2180_14 Datasheet HTML 5Page - Texas Instruments LMH2180_14 Datasheet HTML 6Page - Texas Instruments LMH2180_14 Datasheet HTML 7Page - Texas Instruments LMH2180_14 Datasheet HTML 8Page - Texas Instruments LMH2180_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LMH2180
SNAS419C – JANUARY 2008 – REVISED AUGUST 2011
www.ti.com
2.7V Electrical Characteristics (continued)
Unless otherwise specified, all limits are specified for TA = 25°C, VDD = 2.7V, VSS = 0V, VCM = 1V, Enable1,2 = VDD, CL = 10
pF, RL = 30 kΩ, Load is connected to VSS, CCOUPLING = 10 nF. Boldface limits apply at temperature range extremes of
operating condition.
(1)
Parameter
Test Conditions
Min (2)
Typ (3)
Max (2)
Units
ACL
Small Signal Voltage Gain
VIN = 0.2 VPP
0.95
1.0
1.05
V/V
VOS
Output Offset Voltage
17
-0.5
mV
18
TC VOS
Temperature Coefficient Output Offset
2.8
µV/°C
Voltage (5)
ROUT
Output Resistance
f = 100 kHz
0.6
f = 38.4 MHz
166
disabled
High Impedance
Miscellaneous Performance
RIN
Input Resistance per Buffer
Enable = VDD
137
k
Enable = VSS
137
CIN
Input Capacitance per Buffer
Enable = VDD
1.3
pF
Enable = VSS
1.3
ZIN
Input Impedance
f = 38.4 MHz, Enable = VDD
4.5
k
f = 38.4 MHz, Enable = VSS
4.2
VO
Output Swing Positive
VIN = VDD
2.66
2.69
V
2.65
Output Swing Negative
VIN = VSS
35
19
mV
37
ISC
Output Short-Circuit Current (6)(7)
Sourcing, VIN = VDD, VOUT = VSS
−21
−25
−18
mA
Sinking, VIN = VSS, VOUT = VDD
23
25
15
Ven_hmin
Enable High Active Minimum Voltage
1.2
V
Ven_lmax
Enable Low Inactive Maximum Voltage
0.6
(5)
Average Temperature Coefficient is determined by dividing the changing in a parameter at temperature extremes by the total
temperature change.
(6)
Short
−Circuit test is a momentary test. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150°C.
(7)
Positive current corresponds to current flowing into the device.
5V Electrical Characteristics
Unless otherwise specified, all limits are specified for TA = 25°C, VDD = 5V, VSS = 0V, VCM = 1V, Enable1,2 = VDD, CL = 10 pF,
RL = 30 kΩ, Load is connected to VSS, CCOUPLING = 10 nF. Boldface limits apply at temperature range extremes of operating
condition.
(1)
Parameter
Test Conditions
Min (2)
Typ (3)
Max (2)
Units
Frequency Domain Response
SSBW
Small Signal Bandwidth
VIN = 100 mVPP; −3 dB
87
MHz
LSBW
Large Signal Bandwidth
VIN = 1.0 VPP; −3 dB
68
MHz
GFN
Gain Flatness < 0.1 dB
f > 100 kHz
25
MHz
Distortion and Noise Performance
φn
Phase Noise
VIN = 1 VPP, fC = 38.4 MHz, Δf = 1 kHz
−123
dBc/Hz
VIN = 1 VPP, fC = 38.4 MHz, Δf = 10
−132
dBc/Hz
kHz
(1)
The Electrical Characteristics tables list specifications under the listed Recommended Operating Conditions except as otherwise
modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and are not
specified.
(2)
Datasheet min/max specification limits are specified by test or statistical analysis.
(3)
Typical values represent the most likely parametric norms at TA = +25°C, and at the Recommended Operation Conditions at the time of
product characterization and are not specified.
4
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LMH2180


Số phần tương tự - LMH2180_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH2180SD NSC-LMH2180SD Datasheet
505Kb / 16P
   75 MHz Dual Clock Buffer
logo
Texas Instruments
LMH2180SD TI1-LMH2180SD Datasheet
512Kb / 18P
[Old version datasheet]   LMH2180 75 MHz Dual Clock Buffer
LMH2180SD/NOPB TI1-LMH2180SD/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   75 MHz Dual Clock Buffer
LMH2180SDE TI1-LMH2180SDE Datasheet
512Kb / 18P
[Old version datasheet]   LMH2180 75 MHz Dual Clock Buffer
LMH2180SDE/NOPB TI1-LMH2180SDE/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   75 MHz Dual Clock Buffer
More results

Mô tả tương tự - LMH2180_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH2180 NSC-LMH2180 Datasheet
505Kb / 16P
   75 MHz Dual Clock Buffer
logo
Texas Instruments
LMH2180 TI1-LMH2180 Datasheet
1Mb / 24P
[Old version datasheet]   75 MHz Dual Clock Buffer
LMH2180SDE TI1-LMH2180SDE Datasheet
512Kb / 18P
[Old version datasheet]   LMH2180 75 MHz Dual Clock Buffer
LMV112 TI1-LMV112_14 Datasheet
1Mb / 19P
[Old version datasheet]   40 MHz Dual Clock Buffer
logo
National Semiconductor ...
LMV112 NSC-LMV112 Datasheet
975Kb / 14P
   40 MHz Dual Clock Buffer
logo
Texas Instruments
LMK01801 TI1-LMK01801_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual Clock Divider Buffer
LMK01801 TI1-LMK01801 Datasheet
488Kb / 39P
[Old version datasheet]   Dual Clock Divider Buffer
logo
NXP Semiconductors
PCK2002PL NXP-PCK2002PL Datasheet
66Kb / 8P
   533 MHz PCI-X clock buffer
2002 Oct 10
logo
SpectraLinear Inc
CY28358 SPECTRALINEAR-CY28358 Datasheet
135Kb / 10P
   200-MHz Differential Clock Buffer/Driver
logo
Texas Instruments
CDCV304 TI-CDCV304 Datasheet
112Kb / 8P
[Old version datasheet]   140-MHz PCI-X CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com