công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH0346 bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMH0346
Giải thích chi tiết về linh kiện  3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0346 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LMH0346 Datasheet HTML 7Page - Texas Instruments LMH0346 Datasheet HTML 8Page - Texas Instruments LMH0346 Datasheet HTML 9Page - Texas Instruments LMH0346 Datasheet HTML 10Page - Texas Instruments LMH0346 Datasheet HTML 11Page - Texas Instruments LMH0346 Datasheet HTML 12Page - Texas Instruments LMH0346 Datasheet HTML 13Page - Texas Instruments LMH0346 Datasheet HTML 14Page - Texas Instruments LMH0346 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LMH0346
www.ti.com
SNLS248J – APRIL 2007 – REVISED APRIL 2013
Differential output SCO/SDO2 functions as the second serial data output when the SCO_EN input is a logic-low
level. This output functions as the serial clock output when the SCO_EN input is a logic-high level. The SCO_EN
input has an internal pull-down device and the default state of SCO_EN is low (serial data output 2 enabled).
SCO/SDO2 is muted when the OUTPUT MUTE input is a logic low level. When the Bypass mode is activated
and this output is functioning as a serial clock output (SCO_EN is high), the output will also be muted. If an
unsupported data rate is used while in Auto Bypass mode with this output functioning as a serial clock output, the
output is invalid.
Control Inputs and Indicator Outputs
SERIAL DATA RATE SELECTOR
The Serial Data Rate Selector (RATE [1:0]) permits the user to fix the operating serial data rate. The pins have
internal pull-downs which maintain a logic-low input condition unless externally driven to a logic-high condition.
This input also serves to place the device in a test mode. The codes shown in Table 1 select the desired
operating serial data rate. The LMH0346 then enters either the Auto-Rate Detect mode or a single operating rate.
Selecting the 270 Mbps rate mode may also be used when reclocking DVB-ASI data. DVB-ASI data is MPEG2
coded data that is transmitted in 8B10B coding. The device will reclock this data without harmonic locking. Auto-
Rate Detect mode may be used for any supported data rate, including DVB-ASI.
Table 1. Data Rate Select Input Codes
Rate [1:0] Code
Data Rate or Mode
Comments
00
Auto-Rate Detect mode
01
270 Mbps
May be used to support DVB-ASI operation
10
1483/1485 Mbps, 2967/2970 Mbps
LOCK DETECT
The Lock Detect (LD) output, when high, indicates that data is being received and the PLL is locked. LD may be
connected to the OUTPUT MUTE input to mute the data and clock outputs when no data signal is being
received. Note that when the Bypass/Auto Bypass input is set high, Lock Detect will remain low. See Table 2.
OUTPUT MUTE
The OUTPUT MUTE input, when low, mutes the serial data and clock outputs. It may be connected to Lock
Detect or externally driven to mute or un-mute the outputs. If OUTPUT MUTE is connected to LD, then the data
and clock outputs are muted when the PLL is not locked. This function overrides the Bypass function: see
Table 2. OUTPUT MUTE has an internal pull-up device to enable the output by default.
BYPASS/AUTO BYPASS
The Bypass/Auto Bypass input, when high, forces the device to output the data without reclocking it. When this
input is low, the device automatically bypasses the reclocking function when the device is in an unlocked
condition or the detected data rate is a rate which the device does not support. Note that when the Bypass/Auto
Bypass input is set high, Lock Detect will remain low. See Table 2. BYPASS/AUTO BYPASS has an internal pull-
down device.
Table 2. Control Functionality
LOCK DETECT
OUTPUT MUTE
BYPASS/AUTO BYPASS
DEVICE STATUS
0
1
X
PLL unlocked, reclocker bypassed
1
1
0
PLL locked to supported data rate, reclocker not bypassed
X
0
X
Outputs muted
0
LOCK DETECT
X
Outputs muted
1
LOCK DETECT
0
PLL locked to supported data rate, reclocker not bypassed
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH0346


Số phần tương tự - LMH0346

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH0346 NSC-LMH0346 Datasheet
310Kb / 14P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0346 NSC-LMH0346 Datasheet
337Kb / 16P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0346 NSC-LMH0346 Datasheet
374Kb / 16P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0346 TI1-LMH0346 Datasheet
883Kb / 23P
[Old version datasheet]   HD/SD SDI Reclocker with Dual Differential Outputs
logo
National Semiconductor ...
LMH0346MH NSC-LMH0346MH Datasheet
310Kb / 14P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
More results

Mô tả tương tự - LMH0346

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH0346 NSC-LMH0346_08 Datasheet
310Kb / 14P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0346 NSC-LMH0346_09 Datasheet
374Kb / 16P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0346_0808 NSC-LMH0346_0808 Datasheet
337Kb / 16P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0046 TI1-LMH0046_14 Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
LMH0346 TI1-LMH0346 Datasheet
883Kb / 23P
[Old version datasheet]   HD/SD SDI Reclocker with Dual Differential Outputs
LMH0046MH TI-LMH0046MH Datasheet
2Mb / 20P
[Old version datasheet]   LMH0046 HD/SD SDI Reclocker With Dual Differential Outputs
logo
National Semiconductor ...
LMH0026 NSC-LMH0026 Datasheet
313Kb / 12P
   SD SDI Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0026 TI1-LMH0026 Datasheet
239Kb / 15P
[Old version datasheet]   SD SDI Reclocker with Dual Differential Outputs
logo
Gennum Corporation
GS9076 GENNUM-GS9076 Datasheet
458Kb / 25P
   HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0336 TI1-LMH0336 Datasheet
136Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com