công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH0346 bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện LMH0346
Giải thích chi tiết về linh kiện  3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0346 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LMH0346_14 Datasheet HTML 6Page - Texas Instruments LMH0346_14 Datasheet HTML 7Page - Texas Instruments LMH0346_14 Datasheet HTML 8Page - Texas Instruments LMH0346_14 Datasheet HTML 9Page - Texas Instruments LMH0346_14 Datasheet HTML 10Page - Texas Instruments LMH0346_14 Datasheet HTML 11Page - Texas Instruments LMH0346_14 Datasheet HTML 12Page - Texas Instruments LMH0346_14 Datasheet HTML 13Page - Texas Instruments LMH0346_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
50:
SDO, SCO/SDO2
VCC
VCC
50:
VCC
SDO, SCO/SDO2
SDI
VCC
VCC
SDI
2 k:
80 k:
1 pF
20 k:
VCC
2 k:
LMH0346
SNLS248J – APRIL 2007 – REVISED APRIL 2013
www.ti.com
Figure 3. Equivalent SDI Input Circuit (SDI, SDI)
Figure 4. Equivalent SDO Output Circuit (SDO, SDO, SCO/SDO2, SCO/SDO2)
OPERATING SERIAL DATA RATES
This device operates at serial data rates of 270 Mbps, 1483 Mbps, 1485 Mbps, 2967 Mbps, and 2970 Mbps. The
device does not lock to harmonics of these rates. The device does not lock and automatically enters the
reclocker bypass mode for the following data rates: 143 Mbps, 177 Mbps, 360 Mbps, and 540 Mbps.
SERIAL DATA CLOCK/SERIAL DATA 2 OUTPUT
The Serial Data Clock/Serial Data 2 Output is controlled by the SCO_EN input and provides either a second
retimed serial data output or a low jitter differential clock output appropriate to the serial data rate being
processed. When operating as a serial clock output, the rising edge of the clock will be positioned within the
corresponding serial data bit interval within 10% of the center of the data interval.
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMH0346


Số phần tương tự - LMH0346_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH0346MH NSC-LMH0346MH Datasheet
310Kb / 14P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0346MH NSC-LMH0346MH Datasheet
374Kb / 16P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0346MH/NOPB TI1-LMH0346MH/NOPB Datasheet
883Kb / 23P
[Old version datasheet]   HD/SD SDI Reclocker with Dual Differential Outputs
LMH0346MHX/NOPB TI1-LMH0346MHX/NOPB Datasheet
883Kb / 23P
[Old version datasheet]   HD/SD SDI Reclocker with Dual Differential Outputs
logo
National Semiconductor ...
LMH0346SQ NSC-LMH0346SQ Datasheet
374Kb / 16P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
More results

Mô tả tương tự - LMH0346_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH0346 NSC-LMH0346_08 Datasheet
310Kb / 14P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0346 NSC-LMH0346_09 Datasheet
374Kb / 16P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0346_0808 NSC-LMH0346_0808 Datasheet
337Kb / 16P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0046 TI1-LMH0046_14 Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
LMH0346 TI1-LMH0346 Datasheet
883Kb / 23P
[Old version datasheet]   HD/SD SDI Reclocker with Dual Differential Outputs
LMH0046MH TI-LMH0046MH Datasheet
2Mb / 20P
[Old version datasheet]   LMH0046 HD/SD SDI Reclocker With Dual Differential Outputs
logo
National Semiconductor ...
LMH0026 NSC-LMH0026 Datasheet
313Kb / 12P
   SD SDI Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0026 TI1-LMH0026 Datasheet
239Kb / 15P
[Old version datasheet]   SD SDI Reclocker with Dual Differential Outputs
logo
Gennum Corporation
GS9076 GENNUM-GS9076 Datasheet
458Kb / 25P
   HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0336 TI1-LMH0336 Datasheet
136Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com