công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM6T150A-E355 bảng dữ liệu(PDF) 3 Page - Vishay Siliconix |
|
SM6T150A-E355 bảng dữ liệu(HTML) 3 Page - Vishay Siliconix |
3 / 6 page SM6T Series www.vishay.com Vishay General Semiconductor Revision: 13-Dec-13 3 Document Number: 88385 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted) Fig. 1 - Peak Pulse Power Rating Curve Fig. 2 - Pulse Power or Current vs. Initial Junction Temperature Fig. 3 - Pulse Waveform Fig. 4 - Typical Junction Capacitance Fig. 5 - Typical Transient Thermal Impedance Fig. 6 - Maximum Non-Repetitive Peak Forward Surge Current 0.1 1 10 100 0.2 x 0.2" (5.0 x 5.0 mm) Copper Pad Areas td - Pulse Width (s) 0.1 µs 1.0 µs 10 µs 100 µs 1.0 ms 10 ms 0 255075 100 100 75 50 25 0 125 150 175 200 TJ - Initial Temperature (°C) 0 50 100 150 t d 0 1.0 2.0 3.0 4.0 t - Time (ms) t r = 10 µs Peak Value I PPM Half Value - I PPM I PP 2 10/1000 µs Waveform as defined by R.E.A. T J = 25 °C Pulse Width (t d) is defined as the Point where the Peak Current decays to 50 % of I PPM 10 100 1000 6000 10 1 100 200 Uni-Directional Bi-Directional VWM - Reverse Stand-Off Voltage (V) T J = 25 °C f = 1.0 MHz V sig = 50 mVp-p Measured at Zero Bias V R, Measured at Stand-Off Voltage V WM 0.1 1.0 10 100 0.001 0.01 0.1 10 1 100 1000 t - Pulse Duration (s) 10 200 100 10 1 100 8.3 ms Single Half Sine-Wave Uni-Directional Only Number of Cycles at 60 Hz |
Số phần tương tự - SM6T150A-E355 |
|
Mô tả tương tự - SM6T150A-E355 |