công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC140PW-EX bảng dữ liệu(PDF) 2 Page - MORNSUN Science& Technology Ltd.

tên linh kiện TC140PW-EX
Giải thích chi tiết về linh kiện  PROGRAMMABLE THERMOCOUPIES ISOLATION SAFETY BARRIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MORNSUN [MORNSUN Science& Technology Ltd.]
Trang chủ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TC140PW-EX bảng dữ liệu(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  TC140PW-EX Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TC140PW-EX Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TC140PW-EX Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TC140PW-EX Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TCxxxPW-EX
2013.11.01-A/0
Page 2 of4
ELECTRICAL CHARACTERISTICS
Power input
parameters
Input voltage
18~30VDC(Typical values 24VDC)
Power dissipation
≤1.8W
Power protection
Reverse polarity protection
Safe Area
Input signal
See selection guide
Cold junction compensation
Compensation range:-25~+75℃(Error is less than1
° C per 20 ℃)
Method of compensation: Internal compensation
Hazardous Area
Fault output
Output type
4~20mA
0~20mA
1~5V
0~5V
0~10V
2~10V
Input disconnection
23mA
23mA
5.75V
5.75V
11.5V
11.5V
Lower limit alarm
About 3mA
About 21mA
About 0.75V
About 5.25V
About 10.5V
About 1.5V
Upper limit alarm
About 22mA
About 22mA
About 5.5V
About 5.5V
About 11V
About 11V
Normal operation
A1,A2 light off
Upper limit alarm
Above the upper limit of range+5 ℃ (temperature signal) or +2 mV (mV signal),output signal
is about 110% of the maximum,A1 has been bright.
Lower limit alarm
Below the lower limit of range -5℃ (temperature signal) or -2mV (mV signal),output signal is
about 15% of the maximum, (Output types are4~20mA, 2~10V,1~5V)or105% of the maximum
(Output types are 0~20Ma,0~5V,0~10V),A2 has been bright.
Break alarm
Broken accidentally or input signal
≥70mV,output signal is 115% of the maximum,A1and A2
bright at the same time
Load capacity
Communication port
≤500Ω(Output current maximum)
≥1MΩ(Output voltage maximum)
≤(Ue-4)/0.02 (loop power supply output) 20V≤Ue≤30V
Communication interface
MiniUSB port
Communication protocol
See "MORNSUN Modbus Protocol Rules"
TRANSMISSION CHARACTERISTICS
Zero Offset
0.1%F.S.
(Sin= 0,100% load,@25℃)
Accuracy
0.1%F.S.
(Full-scale range,100% load,@25℃)
Temperature drift
0.0050%F.S./℃
(-25℃~+71℃Operating temperature range)
Response time
< 0.5s
ISOLATION CHARACTERISTICS
Electrical Isolation
Safe Area and hazardous Area 2.5KVAC 1min,leakage current
≤5mA
Output and power supply 2.5KVDC 1min,leakage current
≤5mA
Insulation resistance
100M
Ω,500VDC(Signal input port, signal output port)
EMC CHARACTERISTICS
EMI
CE
CISPR22/EN55022 CLASSA
RE
CISPR22/EN55022 CLASSA
EMS
ESD
IEC/EN61000-4-2
Contact
±4KV/Air ±8KV
perf. CriteriaB
RS
IEC/EN61000-4-3
10V/m
perf. CriteriaA
EFT
IEC/EN61000-4-4
power port
±2KV
perf. CriteriaB
IEC/EN61000-4-4
signal port
±1KV
perf. CriteriaB
Surge
IEC/EN61000-4-5
power port
±1KV/2KV
perf. CriteriaB
IEC/EN61000-4-5
signal port
±1KV(Line to GND)
perf. CriteriaB
CS
IEC/EN61000-4-6
3 Vr.m.s
perf. CriteriaA
STANDARDS & CERTIFICATES
Explosion protection certificate mark certificate mark
[Exia Ga]IIC
Explosion protection certificate parameters
Um=250Vrms,Uo=10.5V,Io=21mA,Po=56mW,Co=1.7uF,Lo=10mH
Explosion protection certificate agency
CHINA NATIONAL QUALITY SUPERVISION AND TEST CENTRE FOR EXPLOSION
PROTECTED ELECTRICAL PRODUCTS
Explosion qualified No.
CNEx13.3054


Số phần tương tự - TC140PW-EX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MORNSUN Science& Techno...
TC140PW MORNSUN-TC140PW Datasheet
574Kb / 4P
   Programmable Thermocouple isolators
More results

Mô tả tương tự - TC140PW-EX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MORNSUN Science& Techno...
TR100PW-EX MORNSUN-TR100PW-EX Datasheet
675Kb / 4P
   ISOLATION SAFETY Barrier
TR100PI-EX MORNSUN-TR100PI-EX Datasheet
527Kb / 4P
   Thermoresistor Isolation Safety Barrier
TC100PI MORNSUN-TC100PI Datasheet
516Kb / 4P
   Thermocouples Isolation Safety Barrier
TC100PI-EX MORNSUN-TC100PI-EX Datasheet
380Kb / 4P
   Thermocouples Isolation Safety Barrier
TC100PI-EX-SP MORNSUN-TC100PI-EX-SP Datasheet
390Kb / 4P
   Thermocouples Isolation Safety Barrier
TSF202-EX MORNSUN-TSF202-EX Datasheet
464Kb / 3P
   Switch Output isolation safety barrier
TR100PI MORNSUN-TR100PI Datasheet
455Kb / 3P
   PROGRAMMABLE RTDS DETECTION TYPE ISOLATION BARRIER
logo
Allen-Bradley
2031-A0023A ALLEN-BRADLEY-2031-A0023A Datasheet
254Kb / 20P
   Safety Isolation System
logo
MORNSUN Science& Techno...
TD102-EX-485 MORNSUN-TD102-EX-485 Datasheet
564Kb / 4P
   RS485竊뉶ull-duplex竊뎘nput isolation safety barrier
TAF100-EX-11 MORNSUN-TAF100-EX-11 Datasheet
498Kb / 3P
   DC input operation type analog signal isolation safety barrier
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com