công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TA120PW bảng dữ liệu(PDF) 1 Page - MORNSUN Science& Technology Ltd.

tên linh kiện TA120PW
Giải thích chi tiết về linh kiện  Isolated Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MORNSUN [MORNSUN Science& Technology Ltd.]
Trang chủ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TA120PW bảng dữ liệu(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  TA120PW Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TA120PW Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TA120PW Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TA120PW Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. TA120PW Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Isolated Transmitter
TAxxxPW series
2014.02.18-A/2
Page 1 of5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Programmable analog isolators with isolated power
output
FEATURES
l
3-port electrical isolation between input, output
and power supply
l
12.5mm slim case
l
High accuracy (0.1% F.S.)
l
High linearity (0.1% F.S.)
l
Low temperature drift(50PPM/°C)
l
Low-power dissipation
l
Excellent EMC performance
l
Mini USB port communication
l
Input / Output range programmable
l
High reliability(MTBF>500,000 hours)
AxxxPW series analog isolator and isolator with isolation power output which are mainly applied in industrial automation systems can
isolated convert analog input signal of the industrial field instruments to the matched analog output signal for the DCS/PLC, realizing the
acquisition and transmission of field signal. An independent power supply is needed for the product and the port of power supply, input
and output are isolated from each other. This series of products contain combinations of 1 input 1 output, 1 input 2 output, 2 input 2 output
and so on. The thickness of 12.5mm meet the need for high density field installation.
Selection Guide
Transformation types
1 input 1 output
2 input 2 output
1 input 2 output
Current input, Current output (Isolator)
TA100PW
TA200PW
TA600PW
Current input, Voltage output (Isolator)
TA120PW
TA220PW
TA620PW
Voltage input, Voltage output (Isolator)
TA130PW
TA230PW
TA630PW
Voltage input, Current output (Isolator)
TA140PW
TA240PW
TA640PW
Current input, Current output
(Isolators with isolated power output)
TA105PW
TA205PW
TA605PW
Current input, Voltage output
(Isolators with isolated power output)
TA125PW
TA225PW
TA625PW
Inputsignal
--
Input type
Inputsignal
Current input
4~20mA / 0~20mA(Programmable)
Voltage input
0~5V/ 0~10V / 1~5V/ 2~10V(Programmable)
Outputsignal
--
Output type
Output signal
Current output
4~20mA / 0~20mA(Programmable)
Voltage output
0~5V/ 0~10V / 1~5V/ 2~10V(Programmable)
Note:1. Customers need to choose the type of the input signal, output signal and range. We could also offer customer design for special input and output;
2. You can get the USB Adapter T-01 for the isolator from MORNSUN free of charge if you need.
Input Specifications
Item
Operating Conditions
Value
Power input parameters
Input voltage
18~30VDC(Typical values 24VDC)
Power dissipation (isolators)
1 input 1output≤0.9W
1 input 2 output, 2 input 2 output≤1.2W
Power dissipation
(isolators with isolated power output)
1 input 1output≤1.5W
1 input 2 output, 2 input 2 output≤2.5W
Power protection
Reverse polarity protection, over-voltage protection
Field Area
Input impedance
25Ω(Input current signal)
500KΩ(Input voltage signal)
Isolation power output
No-load 24VDC±10%, 20mA output ≥ 20VDC
Distribution output protection
Short-circuit protection


Số phần tương tự - TA120PW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Transcom, Inc.
TA120-155-45-31 TRANSCOM-TA120-155-45-31 Datasheet
32Kb / 1P
   12 ??15.5 GHz 1W Amplifier
logo
Beijing Yaohuadechang E...
TA1200 YHDC-TA1200 Datasheet
1Mb / 1P
   Through core type precision current transformer
logo
Okaya Electric America,...
TA120033 OKAYA-TA120033 Datasheet
80Kb / 1P
   SPARK QUENCHER
logo
Transko Electronics, In...
TA12004AD TRANSKO-TA12004AD Datasheet
567Kb / 4P
   120.0 MHz IF SAW Filter / 4.2 MHz Bandwidth
Revision 0: 27. Jun. 2009
TA12009AD1 TRANSKO-TA12009AD1 Datasheet
544Kb / 4P
   120.0 MHz IF SAW Filter / 9.70 MHz Bandwidth
Revision 0: 18. Nov. 2008
More results

Mô tả tương tự - TA120PW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MORNSUN Science& Techno...
T1130DS MORNSUN-T1130DS Datasheet
341Kb / 4P
   Isolated Transmitter
TM1130P MORNSUN-TM1130P Datasheet
312Kb / 3P
   Isolated Transmitter
T6S60L-6.25 MORNSUN-T6S60L-6.25 Datasheet
325Kb / 3P
   Isolated Transmitter
T5130AP MORNSUN-T5130AP Datasheet
196Kb / 3P
   Isolated Transmitter
TP210 MORNSUN-TP210 Datasheet
226Kb / 4P
   Isolated Transmitter
T1130P MORNSUN-T1130P Datasheet
226Kb / 4P
   Isolated Transmitter
TS13AD-2 MORNSUN-TS13AD-2 Datasheet
208Kb / 3P
   Isolated Transmitter
TM2130AP MORNSUN-TM2130AP Datasheet
320Kb / 3P
   Isolated Transmitter
TF5134N MORNSUN-TF5134N Datasheet
179Kb / 4P
   Isolated Transmitter
logo
Texas Instruments
UC1726 TI1-UC1726_12 Datasheet
350Kb / 7P
[Old version datasheet]   Isolated Drive Transmitter
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com