công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LS05-15B03SS bảng dữ liệu(PDF) 2 Page - MORNSUN Science& Technology Ltd.

tên linh kiện LS05-15B03SS
Giải thích chi tiết về linh kiện  AC/DC converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MORNSUN [MORNSUN Science& Technology Ltd.]
Trang chủ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS05-15B03SS bảng dữ liệu(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  LS05-15B03SS Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS05-15B03SS Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS05-15B03SS Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LS05-15B03SS Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LS05-15B03SS Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AC/DC Converter
LS05-15BXXSS Series
2014.04.14-A/0
Page 2 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Hold-up Time
115VAC input
--
20
--
ms
230VAC input
--
80
--
Note: *Ripple and Noise measuring refer to “ripple and noise measure figure”, please see
AC-DC Converter Application Notes for specific operation methods.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output
Test time: 1min(leakage current setting value:5 mA)
3000
--
--
VAC
Operating Temperature
-25
--
+85
°C
Storage Temperature
-40
--
+105
Storage Humidity
--
--
85
%RH
Welding Temperature
Wave-soldering
260±5℃; time:5~10s
Manual-welding
360±10℃; time:3~5s
Switching Frequency
--
100
--
kHz
Power Derating
-25℃~0℃
0.8
--
--
%/°C
+55℃~+85℃
1.33
--
--
Safety Standard
IEC60950/EN60950/UL60950
Safety-regulated Certification
EN60950/UL60950
Safety Class
CLASS II
Hot Plug
Unavailable
MTBF
MIL-HDBK-217F@25°C > 300,000 h
Physical Specifications
Package Dimensions
42.00*13.65*20.00mm
Weight
7 g(Typ.)
Cooling method
Free air convection
EMC Specifications
EMI
Conducted Disturbance
CISPR22/EN55022, CLASS A (See Fig. 1 for recommended circuit)
CISPR22/EN55022, CLASS B (See Fig. 2 for recommended circuit)
Radiated Emission
CISPR22/EN55022, CLASS B (See Fig. 1or Fig. 2 for recommended circuit)
EMS
Electrostatic Discharge
IEC/EN61000-4-2
contact ±4KV
Perf. Criteria B
Radiation Immunity
IEC/EN61000-4-3
10V/m
perf. Criteria A
EFT
IEC/EN61000-4-4
±2KV (See Fig. 1 for recommended circuit)
perf. Criteria B
IEC/EN61000-4-4
±4KV (See Fig. 2 for recommended circuit)
perf. Criteria B
Surge Immunity
IEC/EN61000-4-5
±1KV/2KV (See Fig. 1or Fig. 2 for recommended circuit)
perf. Criteria B
Conducted Disturbance
IEC/EN61000-4-6
3 Vr.m.s(See Fig. 2 for recommended circuit)
perf. Criteria A
Immunity for Power
IEC/EN61000-4-8
10A/m
perf. Criteria A
Immunities of voltage dip,
drop and short interruption
IEC/EN61000-4-11
0%-70%
perf. Criteria B
Product Characteristic Curve
40
100
60
80
055
85
-25
Input voltage:110~240VAC
40
100
60
80
110
240
264
85
VAC
Ambient Temperature( )
Temperature Derating Graph
Input Voltage V
()
Input Voltage Derating Graph
Ambient temperature:25℃
Note: Input voltage should be derated based on temperature derating
when it is
.
85~110VAC /240~264VAC
Note: When input DC, VDC=1.414VAC-20.


Số phần tương tự - LS05-15B03SS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MORNSUN Science& Techno...
LS05-15B03S MORNSUN-LS05-15B03S Datasheet
918Kb / 5P
   5W,AC-DC CONVERTER
More results

Mô tả tương tự - LS05-15B03SS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com