công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LS03-05BY7S bảng dữ liệu(PDF) 3 Page - MORNSUN Science& Technology Ltd.

tên linh kiện LS03-05BY7S
Giải thích chi tiết về linh kiện  HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MORNSUN [MORNSUN Science& Technology Ltd.]
Trang chủ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS03-05BY7S bảng dữ liệu(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  LS03-05BY7S Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS03-05BY7S Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS03-05BY7S Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LS03-05BY7S
A/1-2011
Page 3 of 3
EXTERNAL CAPACITORS TYPICAL VALUE
Output Voltage
C1
C2
C3
FUSE
TVS
3.3V
10
μF/400V
100
μF/25V
0.1
μF/50V
(Ceramic Capacitor)
0.5A/250V
P4KE10A
Note:
1. Filtering capacitors C1 is electrolytic capacitors, C1 is used in AC input, when input voltage is below 100VAC, and the value of C1 is
22
μF/400V. output filtering capacitors C2 is recommended to use high frequency and low impedance electrolytic capacitors. For capacitance
and current of capacitor please refer to manufacture
’s datasheet. Voltage derating of capacitor should be 80% or above. C3 is ceramic
capacitor, it is used to filter high frequency noise. TVS is a recommended component to protect post-circuits (if converter fails).
2. If EMC performance is required, recommended to add
“EMC filter” at the input end.
C4: X capacitor, recommended param eter: 0.1
μF/275V
C5,C6: Y capacitor, recommended parameter: 220pF/400V
CY: Y capacitor, recommended parameter: 102K/400V
NF: Common-mode choke, recommended parameter:10mH-30mH
3. MOV: Voltage dependent resistor, model 471KD07. It is used to protect converter in lightning strike and surge.
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
MECHANICAL DIMENSIONS & RECOMMENDED FOOTPRINT
PACKAGING DIAGRAM
SIP Package
1
7
3
10
12
C AP
- Vin ( N)
- Vo
+ Vo
Pin
F un c tion
F OO T PR IN T D E TA ILS
Note:
First An gle Proje ction
Unit: mm[in ch]
Pin se ction : 0 .84 *0 .4 0mm[0 .0 33 *0.01 6in ch]
Pin se ction to lera nce s:
Gen era l to leran ces: 0 .5 0mm[ 0.02 0in ch]
±0.10mm[±0.004inch]
±±
Small white box dimensions: L*W*H=163*150*35mm
Package quantity: 10pcs
inner box dimensions: L*W*H=430*175*160mm
Package quantity: 100pcs
Outer box dimensions: L*W*H=560*450*520mm
Package quantity:900pcs
+ V in ( L)
0.40[0.016]
0.84[0.033]
1.30[0.051]
Max3.53[0.139]
Max35.00[1.378]
Max10.50
[0.413]
1
3
7
10 12
27.94[1.100]
5.08[0.200]
22.86[0.900]
12.70[0.500]
∅1
.00
[0.
039
]
Max3.53[0.139]
5.08[0.200]
12.70[0.500]
22.86[0.900]
27.94[1.100]
Max35.00[1.378]
1
3
7
10 12
Note
Grid
mm
:
:2.54*2.54
.
Note:
1. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
2. In this datasheet, all the test methods of indications are based on corporate standards.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
Http://www.mornsun-power.com


Số phần tương tự - LS03-05BY7S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MORNSUN Science& Techno...
LS03-05B03S MORNSUN-LS03-05B03S Datasheet
887Kb / 5P
   3W, AC-DC (High Voltage DC-DC) CONVERTER
LS03-05B03SC MORNSUN-LS03-05B03SC Datasheet
381Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B05K MORNSUN-LS03-05B05K Datasheet
392Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B05KC MORNSUN-LS03-05B05KC Datasheet
403Kb / 4P
   3W, HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B05S MORNSUN-LS03-05B05S Datasheet
887Kb / 5P
   3W, AC-DC (High Voltage DC-DC) CONVERTER
More results

Mô tả tương tự - LS03-05BY7S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MORNSUN Science& Techno...
LS03-15B05SR2 MORNSUN-LS03-15B05SR2 Datasheet
880Kb / 5P
   AC-DC(HIGH VOLTAGE DC-DC) CONVERTER
LS03-05B05S-FPT MORNSUN-LS03-05B05S-FPT Datasheet
652Kb / 4P
   HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B03SC MORNSUN-LS03-05B03SC Datasheet
381Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B03S MORNSUN-LS03-05B03S Datasheet
887Kb / 5P
   3W, AC-DC (High Voltage DC-DC) CONVERTER
LS03-05B05K MORNSUN-LS03-05B05K Datasheet
392Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B05KC MORNSUN-LS03-05B05KC Datasheet
403Kb / 4P
   3W, HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
AME5-VZ AIMTEC-AME5-VZ Datasheet
587Kb / 3P
   AC-DC / DC-DC Converter
AME25-CVZ AIMTEC-AME25-CVZ Datasheet
655Kb / 6P
   AC-DC / DC-DC Converter
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com