công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LS03-05B05S bảng dữ liệu(PDF) 4 Page - MORNSUN Science& Technology Ltd.

tên linh kiện LS03-05B05S
Giải thích chi tiết về linh kiện  3W, AC-DC (High Voltage DC-DC) CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MORNSUN [MORNSUN Science& Technology Ltd.]
Trang chủ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS03-05B05S bảng dữ liệu(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  LS03-05B05S Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS03-05B05S Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS03-05B05S Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LS03-05B05S Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LS03-05B05S Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LS03-05BxxS(-F)
2013.09.04-A/3
Page 4 of 5
EMC RECOMMENDED CIRCUIT PCB LAYOUT
(figure 4):EMC application circuit PCB layout
Safety and recommend wiring: linewidth
≥3mm, line-line distance≥6mm, line-ground distance≥6mm, external components between primary circuit and secondary
circuit
≥6.4mm. Module required dispensing fixed after assembled
EXTERNAL CIRCUIT PARAMETERS
Output Voltage
C1
C2
C3
FUSE
CY
TVS
3.3V
10
µF/400V
1
µF/50V
(Ceramic
capacitor)
150
µF/25V
1A/250V
1nF/400VAC
SMBJ7.0A
5V
9V
SMBJ12A
12V
SMBJ20A
15V
100
µF/35V
24V
SMBJ30A
Note: 1. C1:AC input, is filtering electrolytic capacitor (which is required), when input voltage is below 100VAC, and the value of C1 is 22
μF/400V.
DC input, is a filtering capacitor in EMC Filter, the value of C1 is 10
µF/400V(when input voltage is above 370VDC, and the value of C1 is 10µF/450V), If EMC
performance is not required,C1 could not need.
2. C2 is ceramic capacitor, it is used to filter high frequency noise. Output filtering capacitor C3 (which is required when AC input or DC input) is recommended to
use high frequency and low impedance electrolytic capacitors. For capacitance and current of capacitor please refer to manufacture
’s datasheet. Voltage
derating of capacitor should be 80% or above. TVS is a recommended component to protect post-circuits (if converter fails). External input NTC model is
recommended to use 5D-9. External input MOV model is recommended to use S14K350.
3. For standard EMC requirement, please refer to figure 1.If higher EMC requirement ,please refer to figure 3, recommended parameters are shown in the table below.
Recommend Parameter For Higher EMC Standard Circuit
Components
Recommend Parameter
MOV2
S10K300
CY1, CY2
1nF/400VAC
CX
0.1
µF/275VAC
LCM
3.5mH
LDM
5mH
FC-L01DV1
MORNSUN
’s 1KV/2KV Surge protector
FUSE
1A/250V, slow blow, it must be connected to FUSE
LS03 DIMENSIONS, RECOMMENDED FOOTPRINT&PACKAGING


Số phần tương tự - LS03-05B05S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MORNSUN Science& Techno...
LS03-05B05S-FPT MORNSUN-LS03-05B05S-FPT Datasheet
652Kb / 4P
   HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B05SC MORNSUN-LS03-05B05SC Datasheet
381Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
More results

Mô tả tương tự - LS03-05B05S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MORNSUN Science& Techno...
LS03-05B03SC MORNSUN-LS03-05B03SC Datasheet
381Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B05K MORNSUN-LS03-05B05K Datasheet
392Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B05KC MORNSUN-LS03-05B05KC Datasheet
403Kb / 4P
   3W, HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LD03-16B03 MORNSUN-LD03-16B03 Datasheet
989Kb / 4P
   3W, AC/DC converter
LS03-15B03SR2S MORNSUN-LS03-15B03SR2S_15 Datasheet
359Kb / 6P
   3W, AC/DC converter
LO03-10B03 MORNSUN-LO03-10B03 Datasheet
556Kb / 4P
   3W, AC-DC converter
LS03-16B03SS MORNSUN-LS03-16B03SS Datasheet
1Mb / 5P
   3W, AC/DC converter
LD03-10B03R2 MORNSUN-LD03-10B03R2_15 Datasheet
328Kb / 5P
   3W, AC-DC converter
LS03-05BY7S MORNSUN-LS03-05BY7S Datasheet
311Kb / 3P
   HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-15B05SR2 MORNSUN-LS03-15B05SR2 Datasheet
880Kb / 5P
   AC-DC(HIGH VOLTAGE DC-DC) CONVERTER
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com