công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS4226 bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS4226
Giải thích chi tiết về linh kiện  Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4226 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button ADS4226 Datasheet HTML 3Page - Texas Instruments ADS4226 Datasheet HTML 4Page - Texas Instruments ADS4226 Datasheet HTML 5Page - Texas Instruments ADS4226 Datasheet HTML 6Page - Texas Instruments ADS4226 Datasheet HTML 7Page - Texas Instruments ADS4226 Datasheet HTML 8Page - Texas Instruments ADS4226 Datasheet HTML 9Page - Texas Instruments ADS4226 Datasheet HTML 10Page - Texas Instruments ADS4226 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 105 page
background image
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
www.ti.com
SBAS533C
– MARCH 2011 – REVISED JUNE 2011
ELECTRICAL CHARACTERISTICS: ADS4226/ADS4225/ADS4222
Typical values are at +25
°C, AVDD = 1.8V, DRVDD = 1.8V, 50% clock duty cycle, –1dBFS differential analog input, LVDS
interface, and 0dB gain, unless otherwise noted. Minimum and maximum values are across the full temperature range:
TMIN = –40°C to TMAX = +85°C, AVDD = 1.8V, and DRVDD = 1.8V.
ADS4226 (160MSPS)
ADS4225 (125MSPS)
ADS4222 (65MSPS)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Resolution
12
12
12
Bits
fIN = 20MHz
70.5
70.8
70.9
dBFS
fIN = 70MHz
70.3
68.0
70.5
68.0
70.3
dBFS
Signal-to-noise ratio
SNR
fIN = 100MHz
70.1
70.3
70.2
dBFS
fIN = 170MHz
67.5
69.5
69.9
69.9
dBFS
fIN = 300MHz
68.2
68.1
68.2
dBFS
fIN = 20MHz
70.4
70.7
70.8
dBFS
fIN = 70MHz
70.1
67.0
70.3
67.0
70.2
dBFS
Signal-to-noise and
SINAD
fIN = 100MHz
69.8
70.1
70.1
dBFS
distortion ratio
fIN = 170MHz
66.5
69.3
69.5
68.7
dBFS
fIN = 300MHz
67.6
67.5
67.2
dBFS
fIN = 20MHz
86
88
91
dBc
fIN = 70MHz
84
72.5
86
72.5
88
dBc
Spurious-free dynamic range
SFDR
fIN = 100MHz
82
85
87
dBc
fIN = 170MHz
70
82
88
85
dBc
fIN = 300MHz
78
78
74
dBc
fIN = 20MHz
84
86
88
dBc
fIN = 70MHz
81
70.0
84
71.0
85
dBc
Total harmonic distortion
THD
fIN = 100MHz
81
83
85
dBc
fIN = 170MHz
68
80
84
82
dBc
fIN = 300MHz
76
75
73
dBc
fIN = 20MHz
86
88
91
dBc
fIN = 70MHz
84
72.5
86
72.5
88
dBc
Second-harmonic distortion
HD2
fIN = 100MHz
82
85
87
dBc
fIN = 170MHz
70
82
88
85
dBc
fIN = 300MHz
78
78
74
dBc
fIN = 20MHz
92
93
95
dBc
fIN = 70MHz
86
72.5
89
72.5
90
dBc
Third-harmonic distortion
HD3
fIN = 100MHz
93
89
96
dBc
fIN = 170MHz
70
94
90
87
dBc
fIN = 300MHz
80
81
81
dBc
fIN = 20MHz
90
95
98
dBc
fIN = 70MHz
92
76.0
94
77.0
97
dBc
Worst spur
fIN = 100MHz
89
93
95
dBc
(other than second and third harmonics)
fIN = 170MHz
75
89
91
93
dBc
fIN = 300MHz
91
89
92
dBc
f1 = 46MHz, f2 = 50MHz,
96
96
98
dBFS
each tone at
–7dBFS
Two-tone intermodulation
IMD
distortion
f1 = 185MHz, f2 = 190MHz,
83
92
92
dBFS
each tone at
–7dBFS
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246


Số phần tương tự - ADS4226

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4226 TI1-ADS4226 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
ADS4226 TI1-ADS4226 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4226 TI-ADS4226 Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS4226 TI1-ADS4226 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4226IRGC25 TI1-ADS4226IRGC25 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
More results

Mô tả tương tự - ADS4226

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4222 TI1-ADS4222 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4226 TI1-ADS4226 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
logo
Linear Technology
LTC2205-14 LINER-LTC2205-14 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
LTC2205-14 LINER-LTC2205-14_15 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com