công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS4229 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện ADS4229
Giải thích chi tiết về linh kiện  Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4229 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button ADS4229_14 Datasheet HTML 3Page - Texas Instruments ADS4229_14 Datasheet HTML 4Page - Texas Instruments ADS4229_14 Datasheet HTML 5Page - Texas Instruments ADS4229_14 Datasheet HTML 6Page - Texas Instruments ADS4229_14 Datasheet HTML 7Page - Texas Instruments ADS4229_14 Datasheet HTML 8Page - Texas Instruments ADS4229_14 Datasheet HTML 9Page - Texas Instruments ADS4229_14 Datasheet HTML 10Page - Texas Instruments ADS4229_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
DAn_P
DBn_P
DAn_M
DBn_M
GND
Logic0
V
(1)
ODL =
350mV
-
Logic1
V
(1)
ODH =+350mV
V
OCM
ADS4229
www.ti.com
SBAS550B – JUNE 2011 – REVISED AUGUST 2012
DIGITAL CHARACTERISTICS
At AVDD = 1.8 V and DRVDD = 1.8 V, unless otherwise noted. DC specifications refer to the condition where the digital
outputs do not switch, but are permanently at a valid logic level '0' or '1'.
ADS4229
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS (RESET, SCLK, SDATA, SEN, CTRL1, CTRL2, CTRL3)(1)
High-level input voltage
1.3
V
All digital inputs support 1.8-V
and 3.3-V CMOS logic levels
Low-level input voltage
0.4
V
SDATA, SCLK(2)
VHIGH = 1.8 V
10
µA
High-level input current
SEN(3)
VHIGH = 1.8 V
0
µA
SDATA, SCLK
VLOW = 0 V
0
µA
Low-level input current
SEN
VLOW = 0 V
10
µA
DIGITAL OUTPUTS, CMOS INTERFACE (DA[13:0], DB[13:0], CLKOUT, SDOUT)
High-level output voltage
DRVDD – 0.1
DRVDD
V
Low-level output voltage
0
0.1
V
Output capacitance (internal to device)
pF
DIGITAL OUTPUTS, LVDS INTERFACE
High-level output
With an external
VODH
270
350
430
mV
differential voltage
100-
Ω termination
Low-level output
With an external
VODL
–430
–350
–270
mV
differential voltage
100-
Ω termination
Output common-mode voltage
VOCM
0.9
1.05
1.25
V
(1)
SCLK, SDATA, and SEN function as digital input pins in serial configuration mode.
(2)
SDATA, SCLK have internal 150-k
Ω pull-down resistor.
(3)
SEN has an internal 150-k
Ω pull-up resistor to AVDD. Because the pull-up is weak, SEN can also be driven by 1.8 V or 3.3 V CMOS
buffers.
(1) With external 100-
Ω termination.
Figure 1. LVDS Output Voltage Levels
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS4229


Số phần tương tự - ADS4229_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4229 TI1-ADS4229_15 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
More results

Mô tả tương tự - ADS4229_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4229 TI1-ADS4229 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
OCTOBER2011
ADS4229 TI1-ADS4229_15 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229IRGC25 TI1-ADS4229IRGC25 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4249 TI1-ADS4249 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4249 TI1-ADS4249_16 Datasheet
1Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS42B49 TI1-ADS42B49 Datasheet
1Mb / 65P
[Old version datasheet]   250-MSPS Ultralow-Power ADC
ADS4128 TI1-ADS4128_14 Datasheet
1Mb / 62P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI1-ADS4128_16 Datasheet
2Mb / 57P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI-ADS4128 Datasheet
1Mb / 61P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com