công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS4225 bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS4225
Giải thích chi tiết về linh kiện  Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4225 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button ADS4225 Datasheet HTML 6Page - Texas Instruments ADS4225 Datasheet HTML 7Page - Texas Instruments ADS4225 Datasheet HTML 8Page - Texas Instruments ADS4225 Datasheet HTML 9Page - Texas Instruments ADS4225 Datasheet HTML 10Page - Texas Instruments ADS4225 Datasheet HTML 11Page - Texas Instruments ADS4225 Datasheet HTML 12Page - Texas Instruments ADS4225 Datasheet HTML 13Page - Texas Instruments ADS4225 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 105 page
background image
DAn_P
DBn_P
DAn_M
DBn_M
GND
Logic0
V
(1)
ODL =
350mV
-
Logic1
V
(1)
ODH =+350mV
V
OCM
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
SBAS533C
– MARCH 2011 – REVISED JUNE 2011
www.ti.com
DIGITAL CHARACTERISTICS
At AVDD = 1.8V and DRVDD = 1.8V, unless otherwise noted. DC specifications refer to the condition where the digital
outputs do not switch, but are permanently at a valid logic level
'0' or '1'.
ADS424x/422x
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS (RESET, SCLK, SDATA, SEN, CTRL1, CTRL2, CTRL3)(1)
High-level input voltage
1.3
V
All digital inputs support 1.8V
and 3.3V CMOS logic levels
Low-level input voltage
0.4
V
SDATA, SCLK(2)
VHIGH = 1.8V
10
µA
High-level input current
SEN(3)
VHIGH = 1.8V
0
µA
SDATA, SCLK
VLOW = 0V
0
µA
Low-level input current
SEN
VLOW = 0V
10
µA
DIGITAL OUTPUTS, CMOS INTERFACE (DA[13:0], DB[13:0], CLKOUT, SDOUT)
High-level output voltage
DRVDD
– 0.1
DRVDD
V
Low-level output voltage
0
0.1
V
Output capacitance (internal to device)
pF
DIGITAL OUTPUTS, LVDS INTERFACE
High-level output
With an external
VODH
270
350
430
mV
differential voltage
100
Ω termination
Low-level output
With an external
VODL
–430
–350
–270
mV
differential voltage
100
Ω termination
Output common-mode voltage
VOCM
0.9
1.05
1.25
V
(1)
SCLK, SDATA, and SEN function as digital input pins in serial configuration mode.
(2)
SDATA, SCLK have internal 150k
Ω pull-down resistor.
(3)
SEN has an internal 150k
Ω pull-up resistor to AVDD. Because the pull-up is weak, SEN can also be driven by 1.8V or 3.3V CMOS
buffers.
(1) With external 100
Ω termination.
Figure 1. LVDS Output Voltage Levels
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246


Số phần tương tự - ADS4225

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4225 TI1-ADS4225 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
ADS4225 TI1-ADS4225 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4225 TI-ADS4225 Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS4225 TI1-ADS4225 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4225IRGC25 TI1-ADS4225IRGC25 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
More results

Mô tả tương tự - ADS4225

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4222 TI1-ADS4222 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4226 TI1-ADS4226 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
logo
Linear Technology
LTC2205-14 LINER-LTC2205-14 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
LTC2205-14 LINER-LTC2205-14_15 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com