công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS4222 bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS4222
Giải thích chi tiết về linh kiện  Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4222 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  ADS4222 Datasheet HTML 1Page - Texas Instruments ADS4222 Datasheet HTML 2Page - Texas Instruments ADS4222 Datasheet HTML 3Page - Texas Instruments ADS4222 Datasheet HTML 4Page - Texas Instruments ADS4222 Datasheet HTML 5Page - Texas Instruments ADS4222 Datasheet HTML 6Page - Texas Instruments ADS4222 Datasheet HTML 7Page - Texas Instruments ADS4222 Datasheet HTML 8Page - Texas Instruments ADS4222 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 105 page
background image
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
www.ti.com
SBAS533C
– MARCH 2011 – REVISED JUNE 2011
ABSOLUTE MAXIMUM RATINGS
(1)
ADS424x/422x
MIN
MAX
UNIT
Supply voltage range, AVDD
–0.3
2.1
V
Supply voltage range, DRVDD
–0.3
2.1
V
Voltage between AGND and DRGND
–0.3
0.3
V
Voltage between AVDD to DRVDD (when AVDD leads DRVDD)
–2.4
2.4
V
Voltage between DRVDD to AVDD (when DRVDD leads AVDD)
–2.4
2.4
V
Minimum
INP_A, INM_A, INP_B, INM_B
–0.3
V
(1.9, AVDD + 0.3)
Voltage applied to input pins
CLKP, CLKM(2)
–0.3
AVDD + 0.3
V
RESET, SCLK, SDATA, SEN,
–0.3
3.9
V
CTRL1, CTRL2, CTRL3
Operating free-air temperature range, TA
–40
+85
°C
Operating junction temperature range, TJ
+125
°C
Storage temperature range, Tstg
–65
+150
°C
ESD rating
Human body model (HBM)
2
kV
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
When AVDD is turned off, it is recommended to switch off the input clock (or ensure the voltage on CLKP, CLKM is less than |0.3V|).
This configuration prevents the ESD protection diodes at the clock input pins from turning on.
THERMAL INFORMATION
ADS42xx
THERMAL METRIC(1)
RGC
UNITS
64 PINS
θJA
Junction-to-ambient thermal resistance
23.9
θJCtop
Junction-to-case (top) thermal resistance
10.9
θJB
Junction-to-board thermal resistance
4.3
°C/W
ψJT
Junction-to-top characterization parameter
0.1
ψJB
Junction-to-board characterization parameter
4.4
θJCbot
Junction-to-case (bottom) thermal resistance
0.6
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246


Số phần tương tự - ADS4222

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4222 TI1-ADS4222 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
ADS4222 TI1-ADS4222 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI-ADS4222 Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS4222 TI1-ADS4222 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4222IRGCR TI1-ADS4222IRGCR Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
More results

Mô tả tương tự - ADS4222

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4222 TI1-ADS4222 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4226 TI1-ADS4226 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
logo
Linear Technology
LTC2205-14 LINER-LTC2205-14 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
LTC2205-14 LINER-LTC2205-14_15 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com