công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS4145 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện ADS4145
Giải thích chi tiết về linh kiện  14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4145 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADS4145_14 Datasheet HTML 1Page - Texas Instruments ADS4145_14 Datasheet HTML 2Page - Texas Instruments ADS4145_14 Datasheet HTML 3Page - Texas Instruments ADS4145_14 Datasheet HTML 4Page - Texas Instruments ADS4145_14 Datasheet HTML 5Page - Texas Instruments ADS4145_14 Datasheet HTML 6Page - Texas Instruments ADS4145_14 Datasheet HTML 7Page - Texas Instruments ADS4145_14 Datasheet HTML 8Page - Texas Instruments ADS4145_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 82 page
background image
ADS4122, ADS4125
ADS4142, ADS4145
SBAS520A
– FEBRUARY 2011 – REVISED MARCH 2011
www.ti.com
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range, unless otherwise noted.
ADS4122/5, ADS4142/5
MIN
TYP
MAX
UNIT
SUPPLIES
AVDD
Analog supply voltage
1.7
1.8
1.9
V
DRVDD
Digital supply voltage
1.7
1.8
1.9
V
ANALOG INPUTS
Differential input voltage range(1)
2
VPP
Input common-mode voltage
VCM ± 0.05
V
Maximum analog input frequency with 2VPP input amplitude
(2)
400
MHz
Maximum analog input frequency with 1VPP input amplitude
(2)
800
MHz
CLOCK INPUT
Input clock sample rate
ADS4122/ADS4142, low-speed mode enabled by default
20
65
MSPS
ADS4125/ADS4145, low-speed mode enabled
20
80
MSPS
ADS4125/ADS4145, low-speed mode disabled
>80
125
MSPS
Input clock amplitude differential (VCLKP – VCLKM)
Sine wave, ac-coupled
0.2
1.5
VPP
LVPECL, ac-coupled
1.6
VPP
LVDS, ac-coupled
0.7
VPP
LVCMOS, single-ended, ac-coupled
1.8
V
Input clock duty cycle
Low-speed enabled
40
50
60
%
Low-speed disabled
35
50
65
%
DIGITAL OUTPUTS
CLOAD
Maximum external load capacitance from each output pin to DRGND
5
pF
Differential load resistance between the LVDS output pairs (LVDS
RLOAD
100
Ω
mode)
TA
Operating free-air temperature
–40
+85
°C
HIGH PERFORMANCE MODES(3)(4)(5)
Set the MODE 1 register bits to get best performance across sample
Mode 1
clock and input signal frequencies.
Register address = 03h, register data = 03h
Set the MODE 2 register bit to get best performance at high input
Mode 2
signal frequencies greater than 230MHz.
Register address = 4Ah, register data = 01h
(1)
With 0dB gain. See the Gain section in the Application Information for relation between input voltage range and gain.
(2)
See the Theory of Operation section in the Application Information.
(3)
It is recommended to use these modes to obtain best performance. These modes can be set using the serial interface only.
(4)
See the Serial Interface section for details on register programming.
(5)
Note that these modes cannot be set when the serial interface is not used (when the RESET pin is tied high); see the Device
Configuration section.
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): ADS4122 ADS4125 ADS4142 ADS4145


Số phần tương tự - ADS4145_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4145IRGZ25 TI1-ADS4145IRGZ25 Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
ADS4145IRGZ25 TI1-ADS4145IRGZ25 Datasheet
3Mb / 74P
[Old version datasheet]   Ultra Low-Power ADC
ADS4145IRGZR TI1-ADS4145IRGZR Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
ADS4145IRGZR TI1-ADS4145IRGZR Datasheet
3Mb / 74P
[Old version datasheet]   Ultra Low-Power ADC
ADS4145IRGZT TI1-ADS4145IRGZT Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
More results

Mô tả tương tự - ADS4145_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4122 TI1-ADS4122_14 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4122 TI1-ADS4122 Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
ADS41B25 TI1-ADS41B25 Datasheet
1Mb / 57P
[Old version datasheet]   12-Bit, 125MSPS, Ultralow-Power ADC with Analog Buffer
ADS4226 TI1-ADS4226 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
ADS4245-EP TI1-ADS4245-EP Datasheet
1Mb / 63P
[Old version datasheet]   ADS4245-EP Dual-Channel, 14-Bit, 125MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com