công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS4145 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện ADS4145
Giải thích chi tiết về linh kiện  14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4145 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  ADS4145_14 Datasheet HTML 1Page - Texas Instruments ADS4145_14 Datasheet HTML 2Page - Texas Instruments ADS4145_14 Datasheet HTML 3Page - Texas Instruments ADS4145_14 Datasheet HTML 4Page - Texas Instruments ADS4145_14 Datasheet HTML 5Page - Texas Instruments ADS4145_14 Datasheet HTML 6Page - Texas Instruments ADS4145_14 Datasheet HTML 7Page - Texas Instruments ADS4145_14 Datasheet HTML 8Page - Texas Instruments ADS4145_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 82 page
background image
ADS4122, ADS4125
ADS4142, ADS4145
www.ti.com
SBAS520A
– FEBRUARY 2011 – REVISED MARCH 2011
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
Supply voltage range, AVDD
–0.3 to 2.1
V
Supply voltage range, DRVDD
–0.3 to 2.1
V
Voltage between AGND and DRGND
–0.3 to 0.3
V
Voltage between AVDD to DRVDD (when AVDD leads DRVDD)
0 to 2.1
V
Voltage between DRVDD to AVDD (when DRVDD leads AVDD)
0 to 2.1
V
INP, INM
–0.3 to minimum (1.9, AVDD + 0.3)
V
Voltage applied to input pins
CLKP, CLKM(2), DFS, OE
–0.3 to AVDD + 0.3
V
RESET, SCLK, SDATA, SEN
–0.3 to 3.9
V
Operating free-air temperature range, TA
–40 to +85
°C
Operating junction temperature range, TJ
+125
°C
Storage temperature range, TSTG
–65 to +150
°C
ESD, human body model (HBM)
2
kV
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
When AVDD is turned off, it is recommended to switch off the input clock (or ensure the voltage on CLKP, CLKM is less than |0.3V|.
This prevents the ESD protection diodes at the clock input pins from turning on.
THERMAL INFORMATION
ADS4122/25/42/45
THERMAL METRIC(1)
RGZ
UNITS
48 PINS
θJA
Junction-to-ambient thermal resistance
29
θJCtop
Junction-to-case (top) thermal resistance
n/a
θJB
Junction-to-board thermal resistance
10
°C/W
ψJT
Junction-to-top characterization parameter
0.3
ψJB
Junction-to-board characterization parameter
9
θJCbot
Junction-to-case (bottom) thermal resistance
1.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS4122 ADS4125 ADS4142 ADS4145


Số phần tương tự - ADS4145_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4145IRGZ25 TI1-ADS4145IRGZ25 Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
ADS4145IRGZ25 TI1-ADS4145IRGZ25 Datasheet
3Mb / 74P
[Old version datasheet]   Ultra Low-Power ADC
ADS4145IRGZR TI1-ADS4145IRGZR Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
ADS4145IRGZR TI1-ADS4145IRGZR Datasheet
3Mb / 74P
[Old version datasheet]   Ultra Low-Power ADC
ADS4145IRGZT TI1-ADS4145IRGZT Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
More results

Mô tả tương tự - ADS4145_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4122 TI1-ADS4122_14 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4122 TI1-ADS4122 Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
ADS41B25 TI1-ADS41B25 Datasheet
1Mb / 57P
[Old version datasheet]   12-Bit, 125MSPS, Ultralow-Power ADC with Analog Buffer
ADS4226 TI1-ADS4226 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
ADS4245-EP TI1-ADS4245-EP Datasheet
1Mb / 63P
[Old version datasheet]   ADS4245-EP Dual-Channel, 14-Bit, 125MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com