công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1220 bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1220
Giải thích chi tiết về linh kiện  Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1220 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button ADS1220 Datasheet HTML 7Page - Texas Instruments ADS1220 Datasheet HTML 8Page - Texas Instruments ADS1220 Datasheet HTML 9Page - Texas Instruments ADS1220 Datasheet HTML 10Page - Texas Instruments ADS1220 Datasheet HTML 11Page - Texas Instruments ADS1220 Datasheet HTML 12Page - Texas Instruments ADS1220 Datasheet HTML 13Page - Texas Instruments ADS1220 Datasheet HTML 14Page - Texas Instruments ADS1220 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
-60
-40
-20
0
20
40
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Differential Input Voltage V
IN (V)
Ta = -40
SC
Ta = +25
SC
Ta = +85
SC
Ta = +125
SC
C038
AVDD = 3.3 V
PGA Enabled
AIN0:AIN1
-60
-40
-20
0
20
40
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Differential Input Voltage V
IN (V)
Ta = -40
SC
Ta = +25
SC
Ta = +85
SC
Ta = +125
SC
C023
AVDD = 3.3 V
PGA Enabled
AIN3:AIN2
-50
-40
-30
-20
-10
0
10
20
0.5
1
1.5
2
2.5
3
Absolute Input Voltage V
AINx (V)
AIN0
AIN1
AIN2
AIN3
C032
AVDD = 3.3 V
PGA Enabled
T
A = +85°C
-250
-200
-150
-100
-50
0
50
100
0.5
1
1.5
2
2.5
3
Absolute Input Voltage V
AINx (V)
AIN0
AIN1
AIN2
AIN3
C033
AVDD = 3.3 V
PGA Enabled
T
A = +125°C
-15
-10
-5
0
5
10
15
0.5
1
1.5
2
2.5
3
Absolute Input Voltage V
AINx (V)
AIN0
AIN1
AIN2
AIN3
C030
AVDD = 3.3 V
PGA Enabled
T
A = -40°C
-15
-10
-5
0
5
10
15
0.5
1
1.5
2
2.5
3
Absolute Input Voltage V
AINx (V)
AIN0
AIN1
AIN2
AIN3
C031
AVDD = 3.3 V
PGA Enabled
T
A = +25°C
ADS1220
www.ti.com
SBAS501A – MAY 2013 – REVISED JULY 2013
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = 3.3 V, and AVSS = 0 V using external VREF = 2.5 V, unless otherwise noted.
Figure 14. ABSOLUTE INPUT CURRENT vs
Figure 15. ABSOLUTE INPUT CURRENT vs
ABSOLUTE INPUT VOLTAGE
ABSOLUTE INPUT VOLTAGE
(PGA Enabled, TA = –40°C)
(PGA Enabled, TA = +25°C)
Figure 16. ABSOLUTE INPUT CURRENT vs
Figure 17. ABSOLUTE INPUT CURRENT vs
ABSOLUTE INPUT VOLTAGE
ABSOLUTE INPUT VOLTAGE
(PGA Enabled, TA = +85°C)
(PGA Enabled, TA = +125°C)
Figure 18. DIFFERENTIAL INPUT CURRENT vs
Figure 19. DIFFERENTIAL INPUT CURRENT vs
DIFFERENTIAL INPUT VOLTAGE
DIFFERENTIAL INPUT VOLTAGE
(PGA Enabled, AIN0:AIN1)
(PGA Enabled, AIN3:AIN2)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADS1220


Số phần tương tự - ADS1220

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1220 TI-ADS1220 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220IPW TI1-ADS1220IPW Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
ADS1220IPWR TI1-ADS1220IPWR Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
ADS1220IRVAR TI1-ADS1220IRVAR Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
ADS1220IRVAT TI1-ADS1220IRVAT Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
More results

Mô tả tương tự - ADS1220

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1220 TI-ADS1220 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120_14 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120-Q1 TI1-ADS1120-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI1-ADS1220_15 Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
logo
Burr-Brown (TI)
ADS1232 BURR-BROWN-ADS1232 Datasheet
166Kb / 10P
   Ultra Low-Noise, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1255 TI1-ADS1255 Datasheet
1,000Kb / 45P
[Old version datasheet]   Very Low Noise, 24-Bit Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS1256 BURR-BROWN-ADS1256 Datasheet
427Kb / 39P
   Very Low Noise, 24-Bit Analog-to-Digital Converter
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com