công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC128S102 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện ADC128S102
Giải thích chi tiết về linh kiện  8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S102 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button ADC128S102_14 Datasheet HTML 3Page - Texas Instruments ADC128S102_14 Datasheet HTML 4Page - Texas Instruments ADC128S102_14 Datasheet HTML 5Page - Texas Instruments ADC128S102_14 Datasheet HTML 6Page - Texas Instruments ADC128S102_14 Datasheet HTML 7Page - Texas Instruments ADC128S102_14 Datasheet HTML 8Page - Texas Instruments ADC128S102_14 Datasheet HTML 9Page - Texas Instruments ADC128S102_14 Datasheet HTML 10Page - Texas Instruments ADC128S102_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
tCONVERT
tACQ
tCH
tCL
tDACC
tEN
tDH
tDS
FOUR ZEROS
DB10
DONTC
DONTC
ADD2
ADD1
ADD0
DONTC
DONTC
DONTC
DB11
DB9
DB8
DB1
16
8
7
6
5
4
3
2
1
DB0
DIN
DOUT
SCLK
CS
tDIS
tDHLD
8
9
10
11
12
13
14
15
16
Track
Hold
Power Up
ADD2
ADD1
ADD0
DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DIN
DOUT
SCLK
CS
Control register
1
2
3
4
5
6
7
1
2
3
4
5
6
7
ADD2
ADD1
ADD0
8
DB11 DB10 DB9
Power
Down
Power Up
Track
Hold
FOUR ZEROS
FOUR ZEROS
DB1
DB0
ADC128S102
www.ti.com
SNAS298D – AUGUST 2005 – REVISED JANUARY 2011
ADC128S102 Timing Specifications
The following specifications apply for VA = VD = +2.7V to +5.25V, AGND = DGND = 0V, fSCLK = 8 MHz to 16 MHz, fSAMPLE =
500 ksps to 1 MSPS, and CL = 50pF. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Limits
Symbol
Parameter
Conditions
Typical
Units
(1)
tCSH
CS Hold Time after SCLK Rising Edge
0
10
ns (min)
CS Setup Time prior to SCLK Rising
tCSS
4.5
10
ns (min)
Edge
tEN
CS Falling Edge to DOUT enabled
5
30
ns (max)
DOUT Access Time after SCLK Falling
tDACC
17
27
ns (max)
Edge
DOUT Hold Time after SCLK Falling
tDHLD
4
ns (typ)
Edge
DIN Setup Time prior to SCLK Rising
tDS
3
10
ns (min)
Edge
tDH
DIN Hold Time after SCLK Rising Edge
3
10
ns (min)
tCH
SCLK High Time
0.4 x tSCLK
ns (min)
tCL
SCLK Low Time
0.4 x tSCLK
ns (min)
DOUT falling
2.4
20
ns (max)
CS Rising Edge to DOUT High-
tDIS
Impedance
DOUT rising
0.9
20
ns (max)
(1)
Tested limits are guaranteed to National's AOQL (Average Outgoing Quality Level).
Timing Diagrams
Figure 1. ADC128S102 Operational Timing Diagram
Figure 2. ADC128S102 Serial Timing Diagram
Copyright © 2005–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC128S102


Số phần tương tự - ADC128S102_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_15 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit A/D Converter
More results

Mô tả tương tự - ADC128S102_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
   8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC122S101 TI1-ADC122S101_14 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
ADC122S101 TI1-ADC122S101_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC082S101 TI1-ADC082S101_14 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC108S102 TI1-ADC108S102_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC088S102 TI1-ADC088S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP Datasheet
773Kb / 31P
[Old version datasheet]   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC124S101CIMMX TI-ADC124S101CIMMX Datasheet
1Mb / 27P
[Old version datasheet]   ADC124S101 4 Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com