công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CB0505D-1W bảng dữ liệu(PDF) 3 Page - MORNSUN Science& Technology Ltd.

tên linh kiện CB0505D-1W
Giải thích chi tiết về linh kiện  UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MORNSUN [MORNSUN Science& Technology Ltd.]
Trang chủ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

CB0505D-1W bảng dữ liệu(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  CB0505D-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. CB0505D-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. CB0505D-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. CB0505D-1W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
CB0505D-1W
A/0-2012
Page 3 of 4
OUTLINE DIMENSIONS, RECOMMENDED FOOTPRINT & PACKAGING
1
5
4
7
Functi on
Vin
GND
+Vo
0V
F OOT PRINT DETAILS
Note:
Unit:mm[inch]
Pin section tolerances:
±0.10mm[±0.004inch]
General tolerances:
±0.25mm[±0.010inch]
Note:
Unit :mm[inch]
General tolerances:
±0.50mm[±0.020inch]
Pin
L=530mm[20.866inch] Devices per tube quantity: 40pcs
L=220mm[8.661inch]
Devices per tube quantity: 16pcs
Short tube inner packaging dimensions: L*W*H=255*170*80mm
Short tube outer packaging dimensions
(with six inner packaging boxes):L*W*H=375*280*270mm
Long tube inner packaging dimensions: L*W*H=580*200*100mm
Long tube outer packaging dimensions
(with two inner packaging boxes):L*W*H=600*215*220mm
Long tube outer packaging dimensions
(with three inner packaging boxes):L*W*H=600*215*325mm
Note grid
mm
:
:2.54*2.54.
( Fr o n t Vi e w)
( B o tto m Vi e w)
∅1.00 [0.039]
7
5
1
4
12.50[0.492]
3.50[0.138]
1
7
5
4
12.70[0.500]
7.62[0.300]
0.50[0.020]
5.08[0.200]
4.10 [0.161]
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT
TUBE OUTLINE DIMENSIONS
TEST CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with an inductor Lin and Capacitor Cin to simulate source impedance.
DC
Cin
Lin
DC
Load
Oscilloscope
Current
Probe
Lin(4.7
µH)
Cin(220
µF, ESR < 1.0Ω at 100 KHz)
DESIGN CONSIDERATIONS
1) Requirement on output load
To ensure this module can operate efficiently and reliably, During operation, the minimum output load is not less than 10% of the full load. If the
actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load.
2) Overload Protection
Under normal operating conditions, the output circuit of these products has no protection against overload. The simplest method is to add a
circuit breaker to the circuit.
3) Recommended Circuit
If you want to further decrease the input/output ripple, a capacitor filtering network may be connected to the input and output ends of the DC/DC
converter, see (Figure 2).
It should also be noted that the capacitance of filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every
channel of output, provided the safe and reliable operation is ensured, the recommended capacitance of its filter capacitor sees (Table 1).
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
(Figure 2)
EXTERNAL CAPACITOR TABLE (Table 1)
Vin
(VDC)
Cin
(
μF)
Vout
(VDC)
Cout
(
μF)
5
4.7
5
10
It
’s not recommended to connect any external capacitor in the application field with less than 0.5 watt output.


Số phần tương tự - CB0505D-1W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MORNSUN Science& Techno...
CB0505XT-1W MORNSUN-CB0505XT-1W Datasheet
144Kb / 3P
   UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
More results

Mô tả tương tự - CB0505D-1W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MORNSUN Science& Techno...
CB0505XT-1W MORNSUN-CB0505XT-1W Datasheet
144Kb / 3P
   UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
B0503S-3 MORNSUN-B0503S-3 Datasheet
262Kb / 3P
   UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
Mean Well Enterprises C...
SMA01L-05 MEANWELL-SMA01L-05 Datasheet
141Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SBT01 MEANWELL-SBT01 Datasheet
266Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SMU02 MEANWELL-SMU02 Datasheet
57Kb / 1P
   2W DC-DC Unregulated Single Output Converter
SPU03 MEANWELL-SPU03 Datasheet
54Kb / 1P
   3W DC-DC Unregulated Single Output Converter
SMU01 MEANWELL-SMU01 Datasheet
53Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SFT01 MEANWELL-SFT01 Datasheet
206Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SPU03 MEANWELL-SPU03_12 Datasheet
184Kb / 1P
   3W DC-DC Unregulated Single Output Converter
SUS01 MEANWELL-SUS01 Datasheet
166Kb / 1P
   1W DC-DC Unregulated Single Output Converter
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com