công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM49370 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện LM49370
Giải thích chi tiết về linh kiện  Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM49370 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM49370_14 Datasheet HTML 3Page - Texas Instruments LM49370_14 Datasheet HTML 4Page - Texas Instruments LM49370_14 Datasheet HTML 5Page - Texas Instruments LM49370_14 Datasheet HTML 6Page - Texas Instruments LM49370_14 Datasheet HTML 7Page - Texas Instruments LM49370_14 Datasheet HTML 8Page - Texas Instruments LM49370_14 Datasheet HTML 9Page - Texas Instruments LM49370_14 Datasheet HTML 10Page - Texas Instruments LM49370_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
LM49370
www.ti.com
SNAS356D – FEBRUARY 2007 – REVISED MARCH 2012
Electrical Characteristics
(1)(2) (continued)
Unless otherwise stated PLL_VDD = 3.3V, D_VDD = 3.3V, BB_VDD = 1.8V, A_VDD = 3.3V, LS_VDD = 3.3V. The following
specifications apply for the circuit shown in Figure 2 unless otherwise stated. Limits apply for 25°C.
LM49370
Symbol
Parameter
Conditions
Units
Limit(4)
Typical(3)
(5)
Chip Mode '10', fMCLK = 12MHz,
fS = 48kHz,
7.9
mA
DAC on; PLL off
Digital Playback Mode Digital
Active Current
Chip Mode '10', fMCLK = 13MHz,
fPLLOUT = 12MHz, fS = 48kHz;
12.5
14.5
mA(max)
DAC + PLL on
Chip Mode '10', HP On, SE mode,
9.0
13.5
mA(max)
DAC inputs selected
Digital Playback Mode Analog
Chip Mode '10', HP On, OCL mode,
9.4
13.5
mA(max)
Active Current
DAC inputs selected
Chip Mode '10', LS On,
11.5
15.5
mA(max)
DAC inputs selected
Analog Playback Mode Digital Active
Chip Mode '10', fMCLK = 13MHz,
0.9
1.8
mA(max)
Current
DAC +ADC + PLL off
Chip Mode '10', HP On, SE mode,
5.9
9.5
mA(max)
AUX inputs selected
Analog Playback Mode Analog Active
Chip Mode '10', HP On, OCL mode,
6.3
9.7
mA(max)
Current
AUX inputs selected
Chip Mode '10', LS On,
8.4
12
mA(max)
AUX inputs selected
Chip Mode '10', fMCLK = 13MHz, fS =
CODEC Mode Digital Active Current
2.7
3.5
mA(max)
8kHz, DAC +ADC on; PLL Off
CODEC Mode Analog Active Current
Chip Mode '10', EP On,
11.2
15.5
mA(max)
DAC inputs selected
Voice Module Mode Digital Active
Chip Mode '10', fMCLK = 13MHz,
0.9
1.8
mA(max)
Current
DAC +ADC + PLL off
Voice Module Mode Analog Active
Chip Mode '10', EP + CPOUT on,
7.4
11
mA(max)
Current
CPIN input selected
LOUDSPEAKER AMPLIFIER
8
Ω load, LS_VDD = 5V
1.2
W
PLS
Max Loudspeaker Power
8
Ω load, LS_VDD = 4.2V
0.9
W
8
Ω load, LS_VDD = 3.3V
0.5
0.43
W (min)
8
Ω load, LS_VDD = 3.3V,
LSTHD+N
Loudspeaker Harmonic Distortion
0.04
%
PO = 400mW
0 dB Input
LSEFF
Efficiency
84
%
MCLK = 12.000 MHz
AUX inputs terminated
Power Supply Rejection Ration
CBYPASS = 1.0 µF
PSRRLS
70
dB
(Loudspeaker)
VRIPPLE = 200 mVP-P
fRIPPLE = 217 Hz
SNRLS
Signal to Noise Ratio
From 0 dB Analog AUX input, A-weighted
90
80
dB(min)
eN
Output Noise(7)
A-weighted
62
µV
VOS
Loudspeaker Offset Voltage
12
mV
(7)
Disabling or bypassing the PLL will usually result in an improvement in noise measurements.
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM49370


Số phần tương tự - LM49370_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM49370RL NSC-LM49370RL Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
Texas Instruments
LM49370RL/NOPB TI1-LM49370RL/NOPB Datasheet
2Mb / 89P
[Old version datasheet]   Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
LM49370RLX-NOPB TI1-LM49370RLX-NOPB Datasheet
2Mb / 89P
[Old version datasheet]   Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
LM49370RLX/NOPB TI1-LM49370RLX/NOPB Datasheet
2Mb / 89P
[Old version datasheet]   Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
logo
National Semiconductor ...
LM49370 NSC-LM49370_08 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode
More results

Mô tả tương tự - LM49370_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
LM49370 NSC-LM49370_08 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode
logo
Texas Instruments
LM49370RLX-NOPB TI1-LM49370RLX-NOPB Datasheet
2Mb / 89P
[Old version datasheet]   Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
National Semiconductor ...
LM48511 NSC-LM48511_08 Datasheet
442Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM4675SDBD TI-LM4675SDBD Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675 TI1-LM4675_14 Datasheet
1Mb / 24P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
National Semiconductor ...
LM48511 NSC-LM48511 Datasheet
440Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675 NSC-LM4675 Datasheet
925Kb / 19P
   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM4675 TI1-LM4675 Datasheet
1Mb / 23P
[Old version datasheet]   LM4675 Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com