công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM48580 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LM48580
Giải thích chi tiết về linh kiện  High Efficiency Class H, High Voltage, Haptic Piezo Actuator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM48580 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM48580_14 Datasheet HTML 1Page - Texas Instruments LM48580_14 Datasheet HTML 2Page - Texas Instruments LM48580_14 Datasheet HTML 3Page - Texas Instruments LM48580_14 Datasheet HTML 4Page - Texas Instruments LM48580_14 Datasheet HTML 5Page - Texas Instruments LM48580_14 Datasheet HTML 6Page - Texas Instruments LM48580_14 Datasheet HTML 7Page - Texas Instruments LM48580_14 Datasheet HTML 8Page - Texas Instruments LM48580_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LM48580
SNAS491 – FEBRUARY 2010
www.ti.com
Absolute Maximum Ratings
(1) (2)
Supply Voltage (1)
6V
SW Voltage
25V
VBST Voltage
21V
VAMP
17V
Input Voltage
−0.3V to VDD + 0.3V
Power Dissipation (3)
Internally limited
ESD Rating, Human Body Model (4)
2kV
ESD Rating, Machine Model
(5)
150V
ESD Rating, Charge Device Model (6)
750V
Storage Temperature
−65°C to + 150°C
Junction Temperature
150°C
Thermal Resistance
θJA (TLA12Z1A)
64 °C/W
Soldering Information
See AN-1112 "Micro SMD Wafer Level Chip
Scale Package."
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list guaranteed specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not guaranteed.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX − TA) / θJA or the given in Absolute Maximum Ratings, whichever is
lower.
(4)
Human body model, applicable std. JESD22-A114C.
(5)
Machine model, applicable std. JESD22-A115-A.
(6)
Charge device model, applicable std. JESD22-C101-C.
Operating Ratings
Temperature Range
TMIN ≤ TA ≤ TMAX (Note 10)
−40°C ≤ TA ≤ +85°C
Supply Voltage
VDD
2.5V
≤ VDD ≤ 5.5V
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Links: LM48580


Số phần tương tự - LM48580_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM48580TL NSC-LM48580TL Datasheet
417Kb / 16P
   High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
logo
Texas Instruments
LM48580TL/NOPB TI1-LM48580TL/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   Audio Power Amplifier
logo
National Semiconductor ...
LM48580TLX NSC-LM48580TLX Datasheet
417Kb / 16P
   High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
logo
Texas Instruments
LM48580TLX TI-LM48580TLX Datasheet
1Mb / 19P
[Old version datasheet]   LM48580 Boomer??Audio Power Amplifier Series High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
LM48580TLX/NOPB TI1-LM48580TLX/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   Audio Power Amplifier
More results

Mô tả tương tự - LM48580_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM48580 NSC-LM48580 Datasheet
417Kb / 16P
   High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
logo
Texas Instruments
LM48580TLX TI-LM48580TLX Datasheet
1Mb / 19P
[Old version datasheet]   LM48580 Boomer??Audio Power Amplifier Series High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
logo
Maxim Integrated Produc...
MAX77501 MAXIM-MAX77501 Datasheet
109Kb / 2P
   110VPK-PK High-Efficiency Piezo Haptic Actuator Boost Driver
Rev 0; 6/19
MAX11835 MAXIM-MAX11835 Datasheet
147Kb / 1P
   Efficient, High-Voltage, TacTouchTM, Haptic Actuator Controller with I2C Interface
Rev 1; 5/12
logo
Analog Technologies, In...
APZD300V2A ANALOGTECHNOLOGIES-APZD300V2A Datasheet
243Kb / 5P
   High Efficiency Piezo Driver
3/11/2021
logo
Vishay Siliconix
IHPT-1411AF-ABA VISHAY-IHPT-1411AF-ABA Datasheet
404Kb / 3P
   Haptic Feedback Actuator
01-Jan-2022
logo
Maxim Integrated Produc...
MAX11835 MAXIM-MAX11835_V01 Datasheet
339Kb / 1P
   Efficient, High-Voltage, TacTouch?? Haptic Actuator Controller with I2C Interface
2015
logo
Vishay Siliconix
IHPT-1411AF-AB0 VISHAY-IHPT-1411AF-AB0 Datasheet
108Kb / 3P
   Haptic Feedback Actuator
01-Jan-2022
logo
STMicroelectronics
TDA7278 STMICROELECTRONICS-TDA7278 Datasheet
142Kb / 15P
   HIGH-EFFICIENCY CD ACTUATOR DRIVER
logo
Texas Instruments
DRV8662 TI1-DRV8662 Datasheet
54Kb / 2P
[Old version datasheet]   Piezo Haptic Driver with Integrated Boost Converter
JUNE2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com