công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM48560 bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM48560
Giải thích chi tiết về linh kiện  Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM48560 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LM48560 Datasheet HTML 2Page - Texas Instruments LM48560 Datasheet HTML 3Page - Texas Instruments LM48560 Datasheet HTML 4Page - Texas Instruments LM48560 Datasheet HTML 5Page - Texas Instruments LM48560 Datasheet HTML 6Page - Texas Instruments LM48560 Datasheet HTML 7Page - Texas Instruments LM48560 Datasheet HTML 8Page - Texas Instruments LM48560 Datasheet HTML 9Page - Texas Instruments LM48560 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
DUT
ZL
ANALYZER
200 mVp-p
VDD
IN+
IN-
VDD
+
-
DUT
ZL
ANALYZER
VDD
200 mVp-p
VDD
IN+
IN-
LM48560
SNAS513E – AUGUST 2011 – REVISED MAY 2013
www.ti.com
Figure 3. PSRR Test Circuit
Figure 4. CMRR Test Circuit
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM48560


Số phần tương tự - LM48560

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM48560 TI1-LM48560 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
November 10, 2011
LM48560 TI1-LM48560 Datasheet
1Mb / 27P
[Old version datasheet]   Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver
LM48560TL TI1-LM48560TL Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
November 10, 2011
LM48560TL/NOPB TI1-LM48560TL/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver
LM48560TLX TI1-LM48560TLX Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
November 10, 2011
More results

Mô tả tương tự - LM48560

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM48560 TI1-LM48560 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
November 10, 2011
LM48560 TI1-LM48560_15 Datasheet
1Mb / 27P
[Old version datasheet]   Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver
logo
Fangtek Ltd.
FT2045 FANGTEK-FT2045 Datasheet
1Mb / 22P
   3W Class-D Audio Power Amplifier with Automatic Level Control
FT2705 FANGTEK-FT2705 Datasheet
1Mb / 25P
   2X10W Class-D Stereo Audio Power Amplifier with Automatic Level Control
logo
Texas Instruments
LM48580TLX TI-LM48580TLX Datasheet
1Mb / 19P
[Old version datasheet]   LM48580 Boomer??Audio Power Amplifier Series High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
logo
Fangtek Ltd.
FT2128 FANGTEK-FT2128 Datasheet
1Mb / 23P
   3.4W Class-D Audio Power Amplifier with Dual Modes of Automatic Level Control
logo
SG Micro Corp
SGM4700 SGMICRO-SGM4700 Datasheet
1Mb / 33P
   High-Power Stereo Class-D Audio Power Amplifier with Adjustable Power Limit and Automatic Level Control
DECEMBER 2022 - REV. A
logo
Fangtek Ltd.
FT2925 FANGTEK-FT2925 Datasheet
1Mb / 27P
   2x6W Class-G Stereo Audio Power Amplifier with Automatic Level Control & Battery Tracking AGC
FT2920 FANGTEK-FT2920 Datasheet
1Mb / 28P
   8W Boosted Class-G Audio Power Amplifier with Automatic Level Control & Battery Tracking AGC
FT2923 FANGTEK-FT2923 Datasheet
1Mb / 27P
   2x4.5W Class-G Stereo Audio Power Amplifier with Automatic Level Control & Battery Tracking AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com