công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM48520 bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM48520
Giải thích chi tiết về linh kiện  Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM48520 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button LM48520 Datasheet HTML 4Page - Texas Instruments LM48520 Datasheet HTML 5Page - Texas Instruments LM48520 Datasheet HTML 6Page - Texas Instruments LM48520 Datasheet HTML 7Page - Texas Instruments LM48520 Datasheet HTML 8Page - Texas Instruments LM48520 Datasheet HTML 9Page - Texas Instruments LM48520 Datasheet HTML 10Page - Texas Instruments LM48520 Datasheet HTML 11Page - Texas Instruments LM48520 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
4
4.2
4.4
4.6
4.8
5
5.2
5.4
0
200
400
600
800 1000 1200 1400
LOAD CURRENT (mA)
4.4
4.6
4.8
5
5.2
5.4
0
200
400
600
800 1000 1200 1400
LOAD CURRENT (mA)
0
2
4
6
8
10
12
14
16
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
0
1
2
3
4
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
THD+N = 1%
THD+N = 10%
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
FREQUENCY (Hz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
FREQUENCY (Hz)
-100
LM48520, LM48520TLBD
SNAS367B – FEBRUARY 2008 – REVISED MARCH 2008
www.ti.com
Typical Performance Characteristics (continued)
CMRR
PSRR
vs
vs
Frequency
Frequency
VDD =3.3V, VRIPPLE = 1VP-P, RL = 8Ω
VDD =3.3V, VRIPPLE = 200mVP-P, RL = 8Ω
Supply Current
Output Power
vs
vs
Supply Voltage
Supply Voltage
No Load
RL = 8Ω, f = 1kHz
Boost Output Voltage
Boost Output Voltage
vs
vs
Load Current
Load Current
VDD = 2.7V
VDD = 3.3V
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Links: LM48520 LM48520TLBD


Số phần tương tự - LM48520

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM48520 NSC-LM48520 Datasheet
359Kb / 18P
   Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
logo
Texas Instruments
LM48520 TI1-LM48520 Datasheet
803Kb / 20P
[Old version datasheet]   Boosted Stereo Class D Audio Power Amplifier
logo
National Semiconductor ...
LM48520TL NSC-LM48520TL Datasheet
359Kb / 18P
   Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
logo
Texas Instruments
LM48520TL/NOPB TI1-LM48520TL/NOPB Datasheet
803Kb / 20P
[Old version datasheet]   Boosted Stereo Class D Audio Power Amplifier
LM48520TLBD TI1-LM48520TLBD Datasheet
803Kb / 20P
[Old version datasheet]   Boosted Stereo Class D Audio Power Amplifier
More results

Mô tả tương tự - LM48520

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM48520 NSC-LM48520 Datasheet
359Kb / 18P
   Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
logo
Texas Instruments
LM48520 TI1-LM48520 Datasheet
803Kb / 20P
[Old version datasheet]   Boosted Stereo Class D Audio Power Amplifier
LM49251 TI1-LM49251 Datasheet
3Mb / 42P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
logo
NXP Semiconductors
TFA9895 NXP-TFA9895 Datasheet
311Kb / 21P
   Boosted class-D audio amplifier with speaker boost protection and multiband dynamic range compressor
Rev. 1-23 October 2013
logo
Eutech Microelectronics...
EUA2310 EUTECH-EUA2310 Datasheet
103Kb / 1P
   15-W Stereo Class-D Audio Power Amplifier with Speaker Protection
EUA2313 EUTECH-EUA2313 Datasheet
103Kb / 1P
   6-W Stereo Class-D Audio Power Amplifier with Speaker Protection
EUA2310B EUTECH-EUA2310B Datasheet
1Mb / 1P
   15-W Stereo Class-D Audio Power Amplifier with Speaker Protection
EUA2313B EUTECH-EUA2313B Datasheet
99Kb / 1P
   6-W Stereo Class-D Audio Power Amplifier with Speaker Protection
logo
Texas Instruments
TLV320DAC3101 TI1-TLV320DAC3101_14 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com