công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM48520 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LM48520
Giải thích chi tiết về linh kiện  Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM48520 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM48520_14 Datasheet HTML 1Page - Texas Instruments LM48520_14 Datasheet HTML 2Page - Texas Instruments LM48520_14 Datasheet HTML 3Page - Texas Instruments LM48520_14 Datasheet HTML 4Page - Texas Instruments LM48520_14 Datasheet HTML 5Page - Texas Instruments LM48520_14 Datasheet HTML 6Page - Texas Instruments LM48520_14 Datasheet HTML 7Page - Texas Instruments LM48520_14 Datasheet HTML 8Page - Texas Instruments LM48520_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LM48520, LM48520TLBD
SNAS367B – FEBRUARY 2008 – REVISED MARCH 2008
www.ti.com
Table 2. Pin Descriptions (continued)
Pin Designator
Pin Name
Pin Function
B4
INL-
Inverting left channel input
B5
INL+
Non-inverting left channel input
C1
V1
Amplifier supply voltage. Connect to PV1.
C2
BstSD
Regulator active low shutdown
C3
GND
Ground
C4
Gain0
Gain setting input 0
C5
PV1
Amplifier H-bridge power supply. Connect to V1.
D1
AmpSD
Amplifier active low shutdown
D2
OUTR+
Non-inverting right channel output
D3
NC
No connect
D4
OUTL+
Non-inverting left channel output
D5
Gain1
Gain setting input 1
E1
VLimit
Set to control output clipping level
E2
OUTR-
Inverting right channel output
E3
PGND
Power ground
E4
OUTL-
Inverting left channel output
E5
NC
No connect
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage (VDD, V1)
6V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD + 0.3V
Power Dissipation (2)
Internally limited
ESD Susceptibility (3)
2000V
ESD Susceptibility (4)
200V
Junction Temperature
150°C
Thermal Resistance
θJA (TL)
40.5 °C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which guarantee specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not guaranteed for parameters where no limit is given, however, the typical value is a good
indication of device performance.
(2)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX − TA) / θJA or the given in Absolute Maximum Ratings, whichever is
lower.
(3)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(4)
Machine Model, 220pF–240pF discharged through all pins.
Operating Ratings
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ +85°C
Supply Voltage (VDD)
2.7V
≤ VDD ≤ 5.0V
Amplifier Voltage (V1 )
Not under Boosted Condition
2.4V
≤ V1 ≤ 5.5V
Amplifier Voltage (PV1 )
Under Boosted Condition
3.0V
≤ PV1 ≤ 5.0V
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Links: LM48520 LM48520TLBD


Số phần tương tự - LM48520_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM48520TL NSC-LM48520TL Datasheet
359Kb / 18P
   Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
logo
Texas Instruments
LM48520TL/NOPB TI1-LM48520TL/NOPB Datasheet
803Kb / 20P
[Old version datasheet]   Boosted Stereo Class D Audio Power Amplifier
LM48520TLBD TI1-LM48520TLBD Datasheet
803Kb / 20P
[Old version datasheet]   Boosted Stereo Class D Audio Power Amplifier
More results

Mô tả tương tự - LM48520_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM48520 NSC-LM48520 Datasheet
359Kb / 18P
   Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
logo
Texas Instruments
LM48520 TI1-LM48520 Datasheet
803Kb / 20P
[Old version datasheet]   Boosted Stereo Class D Audio Power Amplifier
LM49251 TI1-LM49251 Datasheet
3Mb / 42P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
logo
NXP Semiconductors
TFA9895 NXP-TFA9895 Datasheet
311Kb / 21P
   Boosted class-D audio amplifier with speaker boost protection and multiband dynamic range compressor
Rev. 1-23 October 2013
logo
Eutech Microelectronics...
EUA2310 EUTECH-EUA2310 Datasheet
103Kb / 1P
   15-W Stereo Class-D Audio Power Amplifier with Speaker Protection
EUA2313 EUTECH-EUA2313 Datasheet
103Kb / 1P
   6-W Stereo Class-D Audio Power Amplifier with Speaker Protection
EUA2310B EUTECH-EUA2310B Datasheet
1Mb / 1P
   15-W Stereo Class-D Audio Power Amplifier with Speaker Protection
EUA2313B EUTECH-EUA2313B Datasheet
99Kb / 1P
   6-W Stereo Class-D Audio Power Amplifier with Speaker Protection
logo
Texas Instruments
TLV320DAC3101 TI1-TLV320DAC3101_14 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com