công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM48413 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LM48413
Giải thích chi tiết về linh kiện  Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM48413 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM48413_14 Datasheet HTML 1Page - Texas Instruments LM48413_14 Datasheet HTML 2Page - Texas Instruments LM48413_14 Datasheet HTML 3Page - Texas Instruments LM48413_14 Datasheet HTML 4Page - Texas Instruments LM48413_14 Datasheet HTML 5Page - Texas Instruments LM48413_14 Datasheet HTML 6Page - Texas Instruments LM48413_14 Datasheet HTML 7Page - Texas Instruments LM48413_14 Datasheet HTML 8Page - Texas Instruments LM48413_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM48413
www.ti.com
SNAS460A – NOVEMBER 2008 – REVISED JANUARY 2009
LM48413 Boomer™ Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo
Class D Audio Power Amplifier with E2S and Texas Instruments 3D Enhancement
Check for Samples: LM48413
1
FEATURES
DESCRIPTION
The LM48413 is a single supply, high efficiency,
23
E2S System Reduces EMI Preserving Audio
1.2W/channel, filterless switching audio amplifier. The
Quality and Efficiency
LM48413 features Texas Instruments' Enhanced
Output Short Circuit Protection
Emissions Suppression (E2S) system - a unique
Stereo Class D Operation
patented ultra low EMI, spread spectrum, PWM
architecture. It significantly reduces RF emission
No Output Filter Required
while preserving audio quality and efficiency. The E2S
Texas Instruments 3D Enhancement
system
improves
battery
life,
reduces
external
Minimum External Components
component count, board area consumption, system
cost and product design cycle time. The LM48413TL
Click and Pop Suppression
is available in a micro-SMD package, further saving
Micro-Power Shutdown
space.
Available in Space-Saving Approximately 2mm
The LM48413 is designed to meet the demands of
x 2.2mm DSBGA package
mobile phones and other portable communication
devices. Operating from a single 5V supply, the
APPLICATIONS
device is capable of delivering 1.2W/channel of
continuous output power to a 8
Ω load with less than
Mobile Phones
1% THD+N. Flexible power supply requirements
PDAs
allow operation from 2.4V to 5.5V. The wide band
Laptops
spread
spectrum
architecture
of
the
LM48413
reduces EMI-radiated emissions due to the modulator
KEY SPECIFICATIONS
frequency.
Quiescent Power Supply Current at 3.6V
The LM48413 features high efficiency compared with
supply 4mA (Typ)
conventional Class AB amplifiers. The E2S system
includes an advanced, patent-pending edge rate
Power Output at VDD = 5V, RL = 8Ω, THD ≤ 1%
control
(ERC)
architecture
that
further
reduce
1.2 W (Typ)
emissions
by
minimizing
the
high
frequency
Shutdown current 0.03µA (Typ)
components of the device output, while maintaining
Efficiency at 3.6V, 100mW into 8
Ω 80% (Typ)
its high quality audio reproduction and high efficiency
(
η = 85% at VDD = 3.6V, PO = 500mW). The LM48413
Efficiency at 3.6V, 500mW into 8
Ω 80% (Typ)
also
includes
Texas
Instruments'
3D
audio
Efficiency at 5V, 1W into 8
Ω 86% (Typ)
enhancement that improves stereo sound quality. In
devices where the left and right speakers are in close
proximity,
3D
enhancement
affects
channel
specialization, widening the perceived soundstage.
Output short circuit protection prevents the device
from being damaged during fault conditions. Superior
click
and
pop
suppression
eliminates
audible
transients on power up/down and during shutdown.
Shutdown control also provided to maximizes power
savings.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Boomer is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM48413_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM48413TL NSC-LM48413TL Datasheet
392Kb / 22P
   Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier with E2S and National 3D Enhancement
logo
Texas Instruments
LM48413TL/NOPB TI1-LM48413TL/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Audio Power Amplifier
logo
National Semiconductor ...
LM48413TLX NSC-LM48413TLX Datasheet
392Kb / 22P
   Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier with E2S and National 3D Enhancement
More results

Mô tả tương tự - LM48413_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX9700 MAXIM-MAX9700_V01 Datasheet
2Mb / 17P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
19-3030; Rev 3; 3/18
MAX9746 MAXIM-MAX9746 Datasheet
343Kb / 16P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 5/06
MAX9700 MAXIM-MAX9700_08 Datasheet
340Kb / 20P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 2; 10/08
MAX9700 MAXIM-MAX9700 Datasheet
532Kb / 19P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 1; 6/04
logo
Texas Instruments
LM48411 TI1-LM48411 Datasheet
875Kb / 22P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9773 MAXIM-MAX9773 Datasheet
603Kb / 21P
   1.8W, Filterless, Ultra-Low EMI, Stereo Class D Audio Power Amplifier
19-3976; Rev 0; 1/06
logo
Texas Instruments
LM48410 TI1-LM48410 Datasheet
1Mb / 24P
[Old version datasheet]   Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
CS3816 YONGFUKANG-CS3816 Datasheet
438Kb / 9P
   2횞15W Filterless Low EMI Stereo Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9715 MAXIM-MAX9715_V01 Datasheet
343Kb / 13P
   2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
19-3589; Rev 2; 7/08
logo
National Semiconductor ...
LM48411 NSC-LM48411 Datasheet
407Kb / 18P
   Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com