công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Q202018PCI bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện Q202018PCI
Giải thích chi tiết về linh kiện  Body is impact-resistant polycarbonate for PCI series and ABS for ABI series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

Q202018PCI bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  Q202018PCI Datasheet HTML 1Page - List of Unclassifed Manufacturers Q202018PCI Datasheet HTML 2Page - List of Unclassifed Manufacturers Q202018PCI Datasheet HTML 3Page - List of Unclassifed Manufacturers Q202018PCI Datasheet HTML 4Page - List of Unclassifed Manufacturers Q202018PCI Datasheet HTML 5Page - List of Unclassifed Manufacturers Q202018PCI Datasheet HTML 6Page - List of Unclassifed Manufacturers Q202018PCI Datasheet HTML 7Page - List of Unclassifed Manufacturers Q202018PCI Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Subject to change without notice
PH (763) 422-2211 • FX (763) 422-2600 • hoffmanonline.com
© 2009 Hoffman Enclosures Inc.
Non-Metallic: Polycarbonate and ABS
QLINE® I
Spec-00411 E
Spec-00411
EPH (763) 422-2211
FX (763) 422-2600
Non-Metallic
Polycarbonate and ABS
QLINE® I
QLINE
® I, Type 4X
Industry Standards
Polycarbonate Enclosure
UL 508A Listed; Type 4, 4X, 12, 13; File No. E61997
cUL Listed per CSA C22.2 No 94; Type 4, 4X, 12, 13; File No.
E61997
Enclosure flammability evaluated per UL 508A
NEMA/EEMAC Type 4, 4X, 12, 13
CSA File No. 42186: Type 4, 4X, 12, 13
IEC 60529, IP66
ABS Enclosure
NEMA/EEMAC Type 4, 4X, 12, 13
IEC 60529, IP66
Application
The largest-sized QLINE
® enclosure, QLINE I provides easy access and
protects larger controls from corrosive environments. Choose from
screw cover, hinge, internal mounting, variable depth and quick-
release latch options to meet your design and security requirements.
The ABS series shares the same features and similar physical
properties as the polycarbonate but is a more economical, non-UL
rated alternative.
Specifications
• Body is impact-resistant polycarbonate for PCI series and ABS for
ABI series
• Opaque and clear covers are impact-resistant polycarbonate for
PCI; opaque covers are ABS for ABI series
• Polycarbonate and ABS material is easily punched, drilled, filed or
sawed
• Mounting holes molded directly under cover screws
• Molded internal pads for mounting optional panels, rails and other
components
• Molded internal rails for mounting adjustable-depth panel kit
• Screws provided for mounting optional panel
• Optional extension rings are molded polycarbonate
• Cover includes a molded-in hole for wire lead
• Seamless foam-in-place gasket assures water-tight and dust-tight
seal
• Material is halogen free
Screw Cover Enclosures have easy-to-remove covers attached to
body with strong, durable polyamide cross-point cover screws.
Enclosures with Quick-Release Latches have polycarbonate hinges
and polyester latches with a padlock provision.
Finish
Polycarbonate and ABS enclosure material is RAL 7035 light-gray
inside and out. Optional panels are plated steel.
Accessories
See also Accessories.
Brass Insert Kit
Cover Screw Kit
Extension Rings
Hardware Kit
H2OMIT
® Vent Drains, Type 4X
Hinge Kit
HOL-SEALERS™ Non-Metallic Hole Seals
Mounting Bracket Kit
Panel Depth Fitting
Modification and Customization
Hoffman excels at modifying and customizing products to your
specifications. Contact your local Hoffman sales office or distributor
for complete information.
Bulletin: Q41


Số phần tương tự - Q202018PCI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
Q202018PCI ETC2-Q202018PCI Datasheet
1Mb / 8P
   Body is impact-resistant polycarbonate for PCI series and ABS for ABI series
Q202018PCICC ETC2-Q202018PCICC Datasheet
1Mb / 8P
   Body is impact-resistant polycarbonate for PCI series and ABS for ABI series
Q202018PCIQRCCR ETC2-Q202018PCIQRCCR Datasheet
1Mb / 8P
   Body is impact-resistant polycarbonate for PCI series and ABS for ABI series
Q202018PCIQRR ETC2-Q202018PCIQRR Datasheet
1Mb / 8P
   Body is impact-resistant polycarbonate for PCI series and ABS for ABI series
More results

Mô tả tương tự - Q202018PCI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
KL1507 ETC2-KL1507 Datasheet
1Mb / 8P
   Body is impact-resistant polycarbonate for PCI series and ABS for ABI series
G2128 ETC2-G2128 Datasheet
91Kb / 1P
   Multipurpose Enclosures - ABS and Polycarbonate
logo
Taoglas antenna solutio...
WS.02.B.205111 TAOGLAS-WS.02.B.205111 Datasheet
1Mb / 21P
   UV and Vandal Resistant ABS Housing
RG.02.01.3000W TAOGLAS-RG.02.01.3000W Datasheet
720Kb / 13P
   UV and Vandal resistant ABS housing
MA111.W.C.LB.001 TAOGLAS-MA111.W.C.LB.001 Datasheet
881Kb / 17P
   uv and vandal resistant abs housing and thread
MA111.C.LB.001 TAOGLAS-MA111.C.LB.001 Datasheet
2Mb / 15P
   UV and vandal resistant ABS housing and thread
logo
Bud Industries, Inc.
PTX-18482-P BUD-PTX-18482-P Datasheet
81Kb / 1P
   ABS PANEL FOR PTR SERIES
1/25/21
PTX-18483-P BUD-PTX-18483-P Datasheet
108Kb / 1P
   ABS PANEL FOR PTR SERIES
1/25/21
PTX-18486-P BUD-PTX-18486-P Datasheet
161Kb / 1P
   ABS PANEL FOR PTR SERIES
1/25/21
PTX-18491-P BUD-PTX-18491-P Datasheet
329Kb / 1P
   ABS PANEL FOR PTR SERIES
1/25/21
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com