công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4985 bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện LM4985
Giải thích chi tiết về linh kiện  LAudio Power Amplifier Series Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4985 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LM4985 Datasheet HTML 6Page - Texas Instruments LM4985 Datasheet HTML 7Page - Texas Instruments LM4985 Datasheet HTML 8Page - Texas Instruments LM4985 Datasheet HTML 9Page - Texas Instruments LM4985 Datasheet HTML 10Page - Texas Instruments LM4985 Datasheet HTML 11Page - Texas Instruments LM4985 Datasheet HTML 12Page - Texas Instruments LM4985 Datasheet HTML 13Page - Texas Instruments LM4985 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
20
100
1k
10k 20k
0.01
0.1
1
10
FREQUENCY (Hz)
0.02
0.2
2
0.05
0.5
5
50
200
2k
500
5k
20
100
1k
10k 20k
0.01
0.1
1
10
FREQUENCY (Hz)
0.02
0.2
2
0.05
0.5
5
50
200
2k
500
5k
20
100
1k
10k 20k
0.01
0.1
1
10
FREQUENCY (Hz)
0.02
0.2
2
0.05
0.5
5
50
200
2k
500
5k
20
100
1k
10k 20k
0.01
0.1
1
10
FREQUENCY (Hz)
0.02
0.2
2
0.05
0.5
5
50
200
2k
500
5k
20
100
1k
10k 20k
0.01
0.1
1
10
FREQUENCY (Hz)
0.02
0.2
2
0.05
0.5
5
50
200
2k
500
5k
20
100
1k
10k 20k
0.01
0.1
1
10
FREQUENCY (Hz)
0.02
0.2
2
0.05
0.5
5
50
200
2k
500
5k
LM4985, LM4985TMEVAL
SNAS346B – MAY 2006 – REVISED MAY 2006
www.ti.com
Typical Performance Characteristics
TA = 25°C, AV = 0dB, fIN = 1kHz unless otherwise stated.
THD+N vs Frequency
THD+N vs Frequency
VDD = 2.5V, RL = 16Ω
VDD = 3.6V, RL = 16Ω
POUT = 20mW, C-CUPL
POUT = 50mW, C-CUPL
Figure 5.
Figure 6.
THD+N vs Frequency
THD+N vs Frequency
VDD = 5V, RL = 16Ω
VDD = 2.5V, RL = 32Ω
POUT = 50mW, C-CUPL
POUT = 15mW, C-CUPL
Figure 7.
Figure 8.
THD+N vs Frequency
THD+N vs Frequency
VDD = 3.6V, RL = 32Ω
VDD = 5.0V, RL = 32Ω
POUT = 35mW, C-CUPL
POUT = 60mW, C-CUPL
Figure 9.
Figure 10.
10
Submit Documentation Feedback
Copyright © 2006, Texas Instruments Incorporated
Product Folder Links: LM4985 LM4985TMEVAL


Số phần tương tự - LM4985

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4985 NSC-LM4985 Datasheet
1Mb / 29P
   Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
LM4985TM NSC-LM4985TM Datasheet
1Mb / 29P
   Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
More results

Mô tả tương tự - LM4985

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4985 NSC-LM4985 Datasheet
1Mb / 29P
   Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
LM4911 NSC-LM4911 Datasheet
1Mb / 22P
   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
Texas Instruments
LM4911 TI-LM4911_15 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
LM4911 TI1-LM4911 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
National Semiconductor ...
LM4912 NSC-LM4912 Datasheet
699Kb / 14P
   Stereo 40mW Low Noise Headphone Amplifier
logo
Texas Instruments
LM4929 TI1-LM4929 Datasheet
1Mb / 20P
[Old version datasheet]   Audio Power Amplifier Series Stereo 40mW Low Noise Headphone Amplifier with OCL Output
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
National Semiconductor ...
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
   Stereo 40mW Low Noise Headphone Amplifier with OCL Output
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com