công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4953 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LM4953
Giải thích chi tiết về linh kiện  Power Amplifier Series Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4953 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM4953 Datasheet HTML 1Page - Texas Instruments LM4953 Datasheet HTML 2Page - Texas Instruments LM4953 Datasheet HTML 3Page - Texas Instruments LM4953 Datasheet HTML 4Page - Texas Instruments LM4953 Datasheet HTML 5Page - Texas Instruments LM4953 Datasheet HTML 6Page - Texas Instruments LM4953 Datasheet HTML 7Page - Texas Instruments LM4953 Datasheet HTML 8Page - Texas Instruments LM4953 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LM4953, LM4953SDBD
SNAS299E – SEPTEMBER 2005 – REVISED FEBRUARY 2006
www.ti.com
Electrical Characteristics VDD = 3.6V
The following specifications apply for VDD = 3.6V, AV-BTL = 6dB, ZL = 2μF+30Ω unless otherwise specified. Limits apply to TA =
25°C. See Figure 1.
Symbol
Parameter
Conditions
LM4953
Units (Limits)
Typ(1)
Limit(2)(3)
Quiescent Power Supply
IDD
VIN = 0, RLOAD = 2μF+30Ω
8
mA (max)
Current
Quiescent Power Supply
Istandby
VIN = 0, ZLOAD = 2μF+30Ω
2.7
mA
Current Auto Standby Mode
ISD
Shutdown Current
VSD = GND
0.1
1
µA (max)
SD1
V (min)
VSDIH
Shutdown Voltage Input High
0.7*CPVdd
SD2
SD1
V (max)
VSDIL
Shutdown Voltage Input Low
0.3*CPVdd
SD2
TWU
Wake-up Time
125
μsec
VOS
Output Offset Voltage
1
10
mV (max)
THD = 1% (max); f = 1kHz
VOUT
Output Voltage Swing
12.6
Vpp
RL = 2μF+30Ω, Mono BTL
Total Harmonic Distortion +
THD+N
VOUT = 6Vp-p, fIN = 1kHz
0.02
%
Noise
OS
Output Noise
A-Weighted Filter, VIN = 0V
15
μV
VRIPPLE = 200mVp-p, f = 217Hz,
67
dB
Input Referred
PSRR
Power Supply Rejection Ratio
VRIPPLE = 200mVp-p, f = 1kHz,
65
dB
Input Referred
SNR
Signal-to-Noise Ratio
ZL = 2μF+30Ω, VOUT = 6Vp-p
105
dB
(1)
Typicals are measured at 25°C and represent the parametric norm.
(2)
Limits are specified to Texas Instruments' AOQL (Average Outgoing Quality Level).
(3)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
4
Submit Documentation Feedback
Copyright © 2005–2006, Texas Instruments Incorporated
Product Folder Links: LM4953 LM4953SDBD


Số phần tương tự - LM4953

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4953 NSC-LM4953 Datasheet
663Kb / 11P
   Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
logo
Shanghai Leiditech Elec...
LM4953 LEIDITECH-LM4953 Datasheet
1Mb / 5P
   P-ChannelEnhancement Mode Power MOSFET
logo
National Semiconductor ...
LM4953SD NSC-LM4953SD Datasheet
663Kb / 11P
   Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
More results

Mô tả tương tự - LM4953

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4953 NSC-LM4953 Datasheet
663Kb / 11P
   Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
logo
Texas Instruments
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
National Semiconductor ...
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48861 TI1-LM48861 Datasheet
851Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
National Semiconductor ...
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
Texas Instruments
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48860 TI1-LM48860_14 Datasheet
1,014Kb / 24P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
Nuvoton Technology Corp...
NAU88L21 NUVOTON-NAU88L21 Datasheet
1Mb / 69P
   Ultra-Low Power Audio CODEC Ground-Referenced Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820_14 Datasheet
994Kb / 19P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
logo
National Semiconductor ...
LM4926 NSC-LM4926 Datasheet
1Mb / 22P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com