công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4940 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM4940
Giải thích chi tiết về linh kiện  6W Stereo Audio Power Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4940 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM4940 Datasheet HTML 1Page - Texas Instruments LM4940 Datasheet HTML 2Page - Texas Instruments LM4940 Datasheet HTML 3Page - Texas Instruments LM4940 Datasheet HTML 4Page - Texas Instruments LM4940 Datasheet HTML 5Page - Texas Instruments LM4940 Datasheet HTML 6Page - Texas Instruments LM4940 Datasheet HTML 7Page - Texas Instruments LM4940 Datasheet HTML 8Page - Texas Instruments LM4940 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LM4940
www.ti.com
SNAS219B – MAY 2004 – REVISED MARCH 2011
EXTERNAL COMPONENTS DESCRIPTION
Refer to Figure 1.
Components
Functional Description
This is the inverting input resistance that, along with RF, sets the closed-loop gain. Input resistance RIN and input
1.
RIN
capacitance CIN form a high pass filter.
The filter's cutoff frequency is fC = 1/(2πRINCIN).
This is the input coupling capacitor. It blocks DC voltage at the amplifier's inverting input. CIN and RIN create a
2.
CIN
highpass filter. The filter's cutoff frequency is fC = 1/(2πRINCIN). Refer to the SELECTING EXTERNAL
COMPONENTS section for an explanation of determining CIN's value.
3.
RF
This is the feedback resistance that, along with Ri, sets closed-loop gain.
The supply bypass capacitor. Refer to the POWER SUPPLY BYPASSING section for information about properly
4.
CS
placing, and selecting the value of, this capacitor.
This capacitor filters the half-supply voltage present on the BYPASS pin. Refer to the SELECTING EXTERNAL
5.
CBYPASS
COMPONENTS for information about properly placing, and selecting the value of, this capacitor.
This is the output coupling capacitor. It blocks the nominal VDD/2 voltage present at the output and prevents it
6.
COUT
from reaching the load. COUT and RL form a high pass filter whose cutoff frequency is fC = 1/(2πRLCOUT). Refer to
the SELECTING EXTERNAL COMPONENTS section for an explanation of determining COUT's value.
Copyright © 2004–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4940


Số phần tương tự - LM4940

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4940 NSC-LM4940 Datasheet
1Mb / 14P
   6W Streo Audio Power Amplifier
logo
Texas Instruments
LM4940TS/NOPB TI1-LM4940TS/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   6W Stereo Audio Power Amplifier
LM4940TSX TI1-LM4940TSX Datasheet
1Mb / 23P
[Old version datasheet]   6W Stereo Audio Power Amplifier
LM4940TSX/NOPB TI1-LM4940TSX/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   6W Stereo Audio Power Amplifier
More results

Mô tả tương tự - LM4940

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM4940TSX TI1-LM4940TSX Datasheet
1Mb / 23P
[Old version datasheet]   6W Stereo Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2607 ANPEC-APA2607 Datasheet
571Kb / 26P
   6W Stereo Class-D Audio Power Amplifier
APA2613 ANPEC-APA2613 Datasheet
473Kb / 25P
   6W Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA402DS ETC1-TMPA402DS Datasheet
236Kb / 13P
   6W/Ch STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Wuxi Youda electronics ...
YD1519B YOUDA-YD1519B Datasheet
96Kb / 6P
   6W STEREO POWER AMPLIFIER
CTC810 YOUDA-CTC810 Datasheet
119Kb / 4P
   6W AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4940 NSC-LM4940 Datasheet
1Mb / 14P
   6W Streo Audio Power Amplifier
logo
STMicroelectronics
TDA2007A STMICROELECTRONICS-TDA2007A Datasheet
110Kb / 7P
   6 6W STEREO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8606 PAM-PAM8606 Datasheet
292Kb / 16P
   6W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
SG Micro Corp
SGM4812 SGMICRO-SGM4812 Datasheet
335Kb / 11P
   Stereo Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com