công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4935 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện LM4935
Giải thích chi tiết về linh kiện  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM4935_14 Datasheet HTML 1Page - Texas Instruments LM4935_14 Datasheet HTML 2Page - Texas Instruments LM4935_14 Datasheet HTML 3Page - Texas Instruments LM4935_14 Datasheet HTML 4Page - Texas Instruments LM4935_14 Datasheet HTML 5Page - Texas Instruments LM4935_14 Datasheet HTML 6Page - Texas Instruments LM4935_14 Datasheet HTML 7Page - Texas Instruments LM4935_14 Datasheet HTML 8Page - Texas Instruments LM4935_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 91 page
background image
AUX_OUT
EP_OUT
LS_OUT
BYPASS
HP_VMIDFB
HP_VMID
HPL_OUT
HPR_OUT
VREF_FLT
INT_BIAS
EXT_BIAS
MIC_DET
EXT_MIC
INT_MIC
CP_OUT
CP_IN
PLL_FLT
MCLK
BB_VDD
D_VDD
SCL/SCK
SDA/SDI
TEST_MODE/CS
SPI_MODE
CLK
WS
SDI
SDO
GPIO1
GPIO2
IRQ
VSAR2
VSAR1
AUX_R
AUX_L
POWER
MANAGEMENT
and CONTROL
CLOCKS and
6'_PLL
REGISTERS
I
2
C/SPI
SLAVE
AB
AB
AMP
BIAS
and DET
MIC
BIAS
and DET
BG
AB
AB
AB
DC VOLUME
CONTROL
AUTO GAIN
CONTROL
6'
ADC
6'
DAC
SAR
ADC
-34.5 dB to 12 dB
MIC
-46.5 dB to
12 dB
A_VDD/2
D_VDD/2
BB_VDD
0 dB to
-30 dB
6 dB to
36 dB
D
LM4935, LM4935RLEVAL
www.ti.com
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
2
Device Information
2.1
LM4935 Overview
Figure 2-1. Conceptual Schematic
Copyright © 2005–2006, Texas Instruments Incorporated
Device Information
3
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL


Số phần tương tự - LM4935_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM49350 NSC-LM49350 Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
logo
Texas Instruments
LM49350 TI-LM49350 Datasheet
2Mb / 108P
[Old version datasheet]   LM49350 Boomer짰 Audio Power Amplifier Series High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
logo
National Semiconductor ...
LM49350RL NSC-LM49350RL Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
logo
Texas Instruments
LM49350RL/NOPB TI-LM49350RL/NOPB Datasheet
2Mb / 108P
[Old version datasheet]   LM49350 Boomer짰 Audio Power Amplifier Series High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
LM49350RLEVAL TI-LM49350RLEVAL Datasheet
2Mb / 108P
[Old version datasheet]   LM49350 Boomer짰 Audio Power Amplifier Series High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
More results

Mô tả tương tự - LM4935_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM4935 TI1-LM4935 Datasheet
2Mb / 90P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
logo
National Semiconductor ...
LM4935 NSC-LM4935 Datasheet
4Mb / 112P
   Audio Sub-System with Dual-Mode Stereo Headphone and Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
logo
Texas Instruments
LM4931 TI1-LM4931 Datasheet
1Mb / 50P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
logo
National Semiconductor ...
LM4931 NSC-LM4931 Datasheet
1Mb / 47P
   Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
logo
Texas Instruments
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
[Old version datasheet]   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
National Semiconductor ...
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
LM4931 NSC-LM4931_06 Datasheet
1Mb / 48P
   Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
logo
Texas Instruments
LM4930 TI1-LM4930_14 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 TI1-LM4930 Datasheet
1Mb / 40P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM49321 TI1-LM49321 Datasheet
1Mb / 45P
[Old version datasheet]   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com