công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM4819 bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
LM4819 bảng dữ liệu(HTML) 5 Page - Texas Instruments |
5 / 28 page LM4819, LM4819MBD www.ti.com SNAS133C – MAY 2004 – REVISED OCTOBER 2004 Electrical Characteristics VDD = 5V (1) (2) The following specifications apply for VDD = 5V, RL = 16Ω unless otherwise stated. Limits apply for TA = 25°C. LM4819 Units Symbol Parameter Conditions Typical Limit (Limits) (3) (4) (5)I DD Quiescent Power Supply Current VIN = 0V, Io = 0A 1.5 3.0 mA (max) ISD Shutdown Current VPIN1 = VDD (6) 1.0 5.0 µA (max) VSDIH Shutdown Voltage Input High 4.0 V (min) VSDIL Shutdown Voltage Input Low 1.0 V (max) VOS Output Offset Voltage VIN = 0V 5 50 mV (max) THD = 10%, fIN = 1kHz 350 mW PO Output Power THD = 10%, fIN = 1kHz, RL = 8Ω 300 mW THD+N Total Harmonic Distortion + Noise PO = 270mWRMS, AVD = 2, fIN = 1kHz 1 % (1) All voltages are measured with respect to the ground pin, unless otherwise specified. (2) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit is given. However, the typical value is a good indication of device's performance. (3) Typical specifications are specified at 25°C and represent the parametric norm. (4) Tested limits are guaranteed to National's AOQL (Average Outgoing Quality Level). (5) Datasheet min/max specification limits are guaranteed by designs, test, or statistical analysis. (6) The shutdown pin (pin1) should be driven as close as possible to VDD for minimum current in Shutdown Mode. Copyright © 2004, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: LM4819 LM4819MBD |
Số phần tương tự - LM4819 |
|
Mô tả tương tự - LM4819 |