công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM4819MBD bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
LM4819MBD bảng dữ liệu(HTML) 3 Page - Texas Instruments |
3 / 28 page LM4819, LM4819MBD www.ti.com SNAS133C – MAY 2004 – REVISED OCTOBER 2004 MSOP Marking Figure 6. Top View G - Boomer Family 19 - LM4819MM These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. Absolute Maximum Ratings (1) (2) Supply Voltage 6.0V Storage Temperature −65°C to +150°C Input Voltage −0.3V to VDD +0.3V Power Dissipation (PD) (3) Internally Limited ESD Susceptibility (4) 3.5kV ESD Susceptibility (5) 250V Junction Temperature (TJ) 150°C Soldering Information (6) Small Outline Package Vapor Phase (60 seconds) 215°C Infrared (15 seconds) 220°C Thermal Resistance θJC (MSOP) 56°C/W θJA (MSOP) 210°C/W θJC (SOP) 35°C/W θJA (SOP) 170°C/W θJA (LLP) 117°C/W (7) θJA (LLP) 150°C/W (8) (1) All voltages are measured with respect to the ground pin, unless otherwise specified. (2) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit is given. However, the typical value is a good indication of device's performance. (3) The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum allowable power dissipation is PDMAX = (TJMAX–TA)/θJA. For the LM4819, TJMAX = 150°C and the typical junction-to- ambient thermal resistance ( θJA) when board mounted is 210°C/W for the MSOP package and 170°C/W for the SOP package. (4) Human body model, 100pF discharged through a 1.5 k Ω resistor. (5) Machine Model, 220pF–240pF capacitor is discharged through all pins. (6) See AN-450 "Surface Mounting and their Effects on Product Reliability" for other methods of soldering surface mount devices. (7) The given θJA is for an LM4819 package in an LDA08B with the Exposed-DAP soldered to a printed circuit board copper pad with an area equivalent to that of the Exposed-DAP itself. The Exposed-DAP of the LDA08B package should be electrically connected to GND or an electrically isolated copper area. (8) The given θJA is for an LM4819 package in an LDA08B with the Exposed-DAP not soldered to any printed circuit board copper. Operating Ratings (1) (2) (1) All voltages are measured with respect to the ground pin, unless otherwise specified. (2) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit is given. However, the typical value is a good indication of device's performance. Copyright © 2004, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LM4819 LM4819MBD |
Số phần tương tự - LM4819MBD |
|
Mô tả tương tự - LM4819MBD |