công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4675SDBD bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện LM4675SDBD
Giải thích chi tiết về linh kiện  Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4675SDBD bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LM4675SDBD Datasheet HTML 2Page - Texas Instruments LM4675SDBD Datasheet HTML 3Page - Texas Instruments LM4675SDBD Datasheet HTML 4Page - Texas Instruments LM4675SDBD Datasheet HTML 5Page - Texas Instruments LM4675SDBD Datasheet HTML 6Page - Texas Instruments LM4675SDBD Datasheet HTML 7Page - Texas Instruments LM4675SDBD Datasheet HTML 8Page - Texas Instruments LM4675SDBD Datasheet HTML 9Page - Texas Instruments LM4675SDBD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
10
100
1000
10000
100000
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
100
10
100
1000
10000
100000
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
100
10
100
1000
10000
100000
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
10
100
1000
10000
100000
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
OUTPUT POWER (W)
VDD = 5V
VDD = 3.6V
VDD = 3.0V
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
OUTPUT POWER (W)
VDD = 5V
VDD = 3.6V
0.01
0.1
1
10
100
VDD = 3.0V
LM4675, LM4675SDBD, LM4675TLBD
SNAS353B – AUGUST 2006 – REVISED JULY 2008
www.ti.com
Typical Performance Characteristics
The performance graphs were taken using the Audio Precision AUX-0025 Switching Amplifier measurement Filter in series
with the LC filter on the demo board.
THD + N vs Output Power
THD + N vs Output Power
f = 1kHz, RL = 8Ω
f = 1kHz, RL = 4Ω
Figure 5.
Figure 6.
THD + N vs Frequency
THD + N vs Frequency
VDD = 2.5V, POUT = 100mW, RL = 8Ω
VDD = 3.6V, POUT = 150mW, RL = 8Ω
Figure 7.
Figure 8.
THD + N vs Frequency
THD + N vs Frequency
VDD = 5V, POUT = 200mW, RL = 8Ω
VDD = 2.5V, POUT = 100mW, RL = 4Ω
Figure 9.
Figure 10.
6
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Links: LM4675 LM4675SDBD LM4675TLBD


Số phần tương tự - LM4675SDBD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM4675SDBD TI-LM4675SDBD Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675SDBD TI1-LM4675SDBD Datasheet
1Mb / 23P
[Old version datasheet]   LM4675 Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
More results

Mô tả tương tự - LM4675SDBD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675SDBD TI-LM4675SDBD Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
National Semiconductor ...
LM4675 NSC-LM4675 Datasheet
925Kb / 19P
   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM4675 TI1-LM4675 Datasheet
1Mb / 23P
[Old version datasheet]   LM4675 Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
National Semiconductor ...
LM48511 NSC-LM48511_08 Datasheet
442Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM48511 NSC-LM48511 Datasheet
440Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM48511 TI-LM48511_15 Datasheet
942Kb / 28P
[Old version datasheet]   LM48511 3-W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier With Spread Spectrum
logo
National Semiconductor ...
LM4673 NSC-LM4673 Datasheet
889Kb / 18P
   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
LM4673 NSC-LM4673_07 Datasheet
8Mb / 24P
   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
logo
Texas Instruments
LM4673 TI1-LM4673_14 Datasheet
4Mb / 29P
[Old version datasheet]   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com