công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4562HANOPB bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện LM4562HANOPB
Giải thích chi tiết về linh kiện  Dual High-Performance, High-Fidelity Audio Operational Amplifier
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4562HANOPB bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM4562HANOPB Datasheet HTML 7Page - Texas Instruments LM4562HANOPB Datasheet HTML 8Page - Texas Instruments LM4562HANOPB Datasheet HTML 9Page - Texas Instruments LM4562HANOPB Datasheet HTML 10Page - Texas Instruments LM4562HANOPB Datasheet HTML 11Page - Texas Instruments LM4562HANOPB Datasheet HTML 12Page - Texas Instruments LM4562HANOPB Datasheet HTML 13Page - Texas Instruments LM4562HANOPB Datasheet HTML 14Page - Texas Instruments LM4562HANOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
20
20k
FREQUENCY (Hz)
+0
10k
1k
2k
5k
50 100 200 500
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
1
100
FREQUENCY (Hz)
1
10
100
10
1000
10000
100000
1
10
100
VS = 30V
VCM = 15V
1.6 pA/ Hz
0.00001
0.01
0.00002
0.00005
0.0001
0.0002
0.0005
0.001
0.002
0.005
100m
1
300m
500m 700m
OUTPUT VOLTAGE (V)
1
100
FREQUENCY (Hz)
1
10
100
10
1000
10000
100000
1
10
100
VS = 30V
VCM = 15V
2.7 nV/ Hz
0.00001
0.0001
0.001
0.01
0.00002
0.0002
0.002
0.000006
0.00005
0.0005
0.005
OUTPUT VOLTAGE (V)
5
100m 200m 500m 1
2
10
0.00001
0.0001
0.001
0.01
0.00002
0.0002
0.002
0.000006
0.00005
0.0005
0.005
OUTPUT VOLTAGE (V)
5
100m 200m 500m 1
2
10
LM4562
www.ti.com
SNAS326I – AUGUST 2006 – REVISED JANUARY 2010
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
IMD vs Output Voltage
IMD vs Output Voltage
VCC = 12V, VEE = –12V
VCC = 17V, VEE = –17V
RL = 10kΩ
RL = 10kΩ
Figure 34.
Figure 35.
IMD vs Output Voltage
VCC = 2.5V, VEE = –2.5V
RL = 10kΩ
Voltage Noise Density vs Frequency
Figure 36.
Figure 37.
Crosstalk vs Frequency
VCC = 15V, VEE = –15V, VOUT = 3VRMS
Current Noise Density vs Frequency
AV = 0dB, RL = 2kΩ
Figure 38.
Figure 39.
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4562


Số phần tương tự - LM4562HANOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4562HA NSC-LM4562HA Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LM4562HA/NOPB TI1-LM4562HA/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
More results

Mô tả tương tự - LM4562HANOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LME49722 TI1-LME49722 Datasheet
195Kb / 13P
[Old version datasheet]   High Performance, High Fidelity Dual Audio Operational Amplifier
logo
National Semiconductor ...
LM4562 NSC-LM4562 Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49720 TI1-LME49720_14 Datasheet
1Mb / 40P
[Old version datasheet]   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49860 TI1-LME49860_14 Datasheet
1Mb / 40P
[Old version datasheet]   44V Dual High Performance, High Fidelity Audio Operational Amplifier
LME49720 TI-LME49720 Datasheet
1Mb / 36P
[Old version datasheet]   LME49720 Dual High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49725 NSC-LME49725 Datasheet
1Mb / 24P
   PowerWise Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LM4562 TI1-LM4562 Datasheet
1Mb / 41P
[Old version datasheet]   LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
LME49725 TI1-LME49725 Datasheet
1Mb / 25P
[Old version datasheet]   PowerWise짰 Dual High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com