công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4562 bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện LM4562
Giải thích chi tiết về linh kiện  Dual High-Performance, High-Fidelity Audio Operational Amplifier
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4562 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  LM4562_14 Datasheet HTML 1Page - Texas Instruments LM4562_14 Datasheet HTML 2Page - Texas Instruments LM4562_14 Datasheet HTML 3Page - Texas Instruments LM4562_14 Datasheet HTML 4Page - Texas Instruments LM4562_14 Datasheet HTML 5Page - Texas Instruments LM4562_14 Datasheet HTML 6Page - Texas Instruments LM4562_14 Datasheet HTML 7Page - Texas Instruments LM4562_14 Datasheet HTML 8Page - Texas Instruments LM4562_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
B
-
+
A
-
+
7
OUTPUT B
8
V
+
6
INVERTING INPUT B
5
NON-INVERTING
INPUT B
NON-INVERTING
INPUT A
3
V
-
4
INVERTING INPUT A
2
OUTPUT A
1
Dual-In-Line Package
-
+
LM4562
-
+
LM4562
-
+
LM4562
-
+
LM4562
10 pF
+
+
INPUT
OUTPUT
47 k:
3320:
150:
909:
26.1 k:
3.83 k:
100:
150:
22 nF//4.7 nF//500 pF
3320:
47 nF//33 nF
LM4562
SNAS326I – AUGUST 2006 – REVISED JANUARY 2010
www.ti.com
TYPICAL APPLICATION
A.
1% metal film resistors, 5% polypropylene capacitors
Figure 1. Passively Equalized RIAA Phono Preamplifier
CONNECTION DIAGRAMS
Figure 2. 8-Lead SOIC (D Package)
8-Lead PDIP (P Package)
2
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Links: LM4562


Số phần tương tự - LM4562_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4562HA NSC-LM4562HA Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LM4562HA/NOPB TI1-LM4562HA/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LM4562MA NSC-LM4562MA Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LM4562MA/NOPB TI1-LM4562MA/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
LM4562MAX/NOPB TI1-LM4562MAX/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
More results

Mô tả tương tự - LM4562_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LME49722 TI1-LME49722 Datasheet
195Kb / 13P
[Old version datasheet]   High Performance, High Fidelity Dual Audio Operational Amplifier
logo
National Semiconductor ...
LM4562 NSC-LM4562 Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49720 TI1-LME49720_14 Datasheet
1Mb / 40P
[Old version datasheet]   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49860 TI1-LME49860_14 Datasheet
1Mb / 40P
[Old version datasheet]   44V Dual High Performance, High Fidelity Audio Operational Amplifier
LME49720 TI-LME49720 Datasheet
1Mb / 36P
[Old version datasheet]   LME49720 Dual High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49725 NSC-LME49725 Datasheet
1Mb / 24P
   PowerWise Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LM4562 TI1-LM4562 Datasheet
1Mb / 41P
[Old version datasheet]   LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
LME49725 TI1-LME49725 Datasheet
1Mb / 25P
[Old version datasheet]   PowerWise짰 Dual High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com