công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FIN1215MTDX bảng dữ liệu(PDF) 6 Page - Fairchild Semiconductor

tên linh kiện FIN1215MTDX
Giải thích chi tiết về linh kiện  LVDS 21-Bit Serializers / De-Serializers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1215MTDX bảng dữ liệu(HTML) 6 Page - Fairchild Semiconductor

Back Button FIN1215MTDX Datasheet HTML 2Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 3Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 4Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 5Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 6Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 7Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 8Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 9Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN1215 / FIN1216 / FIN1217 • Rev. 1.0.3
6
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Power Supply Voltage
-0.3
+4.6
V
VTTL
TTL/CMOS Input/Output Voltage
-0.5
+4.6
V
VLVDS
LVDS Input/Output Voltage
-0.3
+4.6
V
IOSD
LVDS Output Short-Circuit Current
Continuous
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Maximum Junction Temperature, Soldering 4 seconds
+150
°C
TL
Lead Temperature
+260
°C
ESD
Human Body Model,
JESD22-A114
(1.5k
Ω, 100pF)
LVDS I/O to Ground
10.0
kV
All Pins (FIN1215, FIN1217)
6.5
Machine Model,
JESD22-A115, 0
Ω, 200pF
FIN1215, FIN1217 Only
>400
V
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
3.0
3.6
V
TA
Operating Temperature
-40
+85
°C
VCCNPP
Maximum Supply Noise Voltage
(6)
100
mVPP
Note:
6.
100mV VCC noise should be tested for frequency at least up to 2MHz. All the specifications should be met under
such a noise level.


Số phần tương tự - FIN1215MTDX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
FIN1215MTDX ONSEMI-FIN1215MTDX Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1215MTDX_NL FAIRCHILD-FIN1215MTDX_NL Datasheet
455Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
More results

Mô tả tương tự - FIN1215MTDX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
FIN1215 ONSEMI-FIN1215 Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1218 FAIRCHILD-FIN1218 Datasheet
434Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
FIN1217 FAIRCHILD-FIN1217_05 Datasheet
455Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
logo
Maxim Integrated Produc...
MAX9205 MAXIM-MAX9205_10 Datasheet
320Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 1; 11/10
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 0; 5/01
MAX9209_0710 MAXIM-MAX9209_0710 Datasheet
321Kb / 21P
   Programmable DC-Balanced 21-Bit Serializers
Rev 4; 10/07
MAX9205 MAXIM-MAX9205_14 Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
MAX9209 MAXIM-MAX9209 Datasheet
477Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 2; 2/04
MAX9209 MAXIM-MAX9209_07 Datasheet
319Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 3; 6/07
MAX9209 MAXIM-MAX9209_12 Datasheet
597Kb / 18P
   Programmable DC-Balanced 21-Bit Serializers
Rev 5; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com