công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMBJ51A bảng dữ liệu(PDF) 1 Page - Vishay Siliconix

tên linh kiện SMBJ51A
Giải thích chi tiết về linh kiện  Surface Mount TRANSZORB Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMBJ51A bảng dữ liệu(HTML) 1 Page - Vishay Siliconix

  SMBJ51A Datasheet HTML 1Page - Vishay Siliconix SMBJ51A Datasheet HTML 2Page - Vishay Siliconix SMBJ51A Datasheet HTML 3Page - Vishay Siliconix SMBJ51A Datasheet HTML 4Page - Vishay Siliconix SMBJ51A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMBJ5.0A thru SMBJ188A
www.vishay.com
Vishay General Semiconductor
Revision: 10-Dec-12
1
Document Number: 88392
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount TRANSZORB®
Transient Voltage Suppressors
DEVICES FOR BI-DIRECTION APPLICATIONS
For bi-directional devices use CA suffix (e.g. SMBJ10CA).
Electrical characteristics apply in both directions.
FEATURES
• Low profile package
• Ideal for automated placement
• Glass passivated chip junction
• Available in uni-directional and bi-directional
• 600 W peak pulse power capability with a
10/1000 μs waveform, repetitive rate (duty
cycle): 0.01 %
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and lighting
on ICs, MOSFET, signal lines of sensor units for consumer,
computer, industrial, and telecommunication.
MECHANICAL DATA
Case: DO-214AA (SMBJ)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-E3
-
RoHS-compliant,
commercial
grade
Base P/NHE3 - RoHS-compliant, AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: For uni-directional types the band denotes
cathode end, no marking on bi-directional types
Notes
(1) Non-repetitive current pulse, per fig. 3 and derated above TA = 25 °C per fig. 2.
(2) Mounted on 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pads to each terminal
PRIMARY CHARACTERISTICS
VBR (bi-directional)
6.4 V to 231 V
VBR (uni-directional)
6.4 V to 231 V
VWM
5.0 V to 188 V
PPPM
600 W
IFSM (uni-directional only)
100 A
TJ max.
150 °C
Polarity
Uni-directional, bi-directional
Package
DO-214AA (SMBJ)
DO-214AA (SMB J-Bend)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak pulse power dissipation with a 10/1000 μs waveform (1)(2) (fig. 1)
PPPM
600
W
Peak pulse current with a 10/1000 μs waveform (1)
IPPM
See next table
A
Peak forward surge current 8.3 ms single half sine-wave uni-directional only (2)
IFSM
100
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Số phần tương tự - SMBJ51A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Commercial Compon...
SMBJ51A MCC-SMBJ51A Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
Littelfuse
SMBJ51A LITTELFUSE-SMBJ51A Datasheet
987Kb / 6P
   The SMBJ is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
logo
Jinan Gude Electronic D...
SMBJ51A JGD-SMBJ51A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ51A SOCAY-SMBJ51A Datasheet
632Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Taiwan Semiconductor Co...
SMBJ51A TSC-SMBJ51A Datasheet
338Kb / 7P
   600 Watts Suface Mount Transient Voltage Suppressor
More results

Mô tả tương tự - SMBJ51A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 23-Apr-10
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 21-Sep-12
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SM6T22CA-E3 VISHAY-SM6T22CA-E3 Datasheet
128Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
TGL41-6.8 VISHAY-TGL41-6.8 Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
1.5SMC43CA VISHAY-1.5SMC43CA Datasheet
47Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
P4SMA440A-E3 VISHAY-P4SMA440A-E3 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-12
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com