công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6552MANOPB bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện LMH6552MANOPB
Giải thích chi tiết về linh kiện  1.5 GHz Fully Differential Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6552MANOPB bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LMH6552MANOPB Datasheet HTML 1Page - Texas Instruments LMH6552MANOPB Datasheet HTML 2Page - Texas Instruments LMH6552MANOPB Datasheet HTML 3Page - Texas Instruments LMH6552MANOPB Datasheet HTML 4Page - Texas Instruments LMH6552MANOPB Datasheet HTML 5Page - Texas Instruments LMH6552MANOPB Datasheet HTML 6Page - Texas Instruments LMH6552MANOPB Datasheet HTML 7Page - Texas Instruments LMH6552MANOPB Datasheet HTML 8Page - Texas Instruments LMH6552MANOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LMH6552
www.ti.com
SNOSAX9G – APRIL 2007 – REVISED JULY 2011
±2.5V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are guaranteed for TA = 25°C, V
+ = +2.5V, V= −2.5V, A
V = 1, VCM = 0V, RF = RG =
357
Ω, RL = 500Ω, for single ended in, differential out. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min (2)
Typ (3)
Max (2)
Units
0.1 dB Bandwidth
VOUT = 0.2 VPP, AV = 1
300
MHz
Slew Rate
2V Step, AV = 1
2100
V/
μs
Rise/Fall Time, 10% to 90%
2V Step
700
ps
0.1% Settling Time
2V Step
10
ns
Overdrive Recovery Time
VIN = 0.7 V to 0 V Step, AV = 5 V/V
6
ns
Distortion and Noise Response
HD2
2nd Harmonic Distortion
VOUT = 2 VPP, f = 20 MHz, RL = 800Ω
-82
dBc
VOUT = 2 VPP, f = 70 MHz, RL = 800Ω
-65
HD3
3rd Harmonic Distortion
VOUT = 2 VPP, f = 20 MHz, RL = 800Ω
-79
dBc
VOUT = 2 VPP, f = 70 MHz, RL = 800Ω
-67
IMD3
Two-Tone Intermodulation
f
≥ 70 MHz, Third Order Products,
−77
dBc
VOUT = 2 VPP Composite
Input Noise Voltage
f
≥ 1 MHz
1.1
nV/
√Hz
Input Noise Current
f
≥ 1 MHz
19.5
pA/
√Hz
Noise Figure (See Figure 48)
50
Ω System, AV = 9, 10 MHz
10.2
dB
Input Characteristics
IBI
Input Bias Current (4)
54
90
µA
IBoffset
Input Bias Current Differential
VCM = 0V, VID = 0V, IBoffset = (IB- IB+ )/2
2.3
18
μA
(3)
CMRR
Common-Mode Rejection Ratio (3)
DC, VCM = 0V, VID = 0V
75
dBc
RIN
Input Resistance
Differential
15
CIN
Input Capacitance
Differential
0.5
pF
CMVR
Input Common Mode Range
CMRR > 38 dB
±1.0
±1.3
V
Output Performance
Output Voltage Swing (5)
Differential Output
5.6
6.0
VPP
IOUT
Linear Output Current (5)
VOUT = 0V
±55
±65
mA
ISC
Short Circuit Current
One Output Shorted to Ground, VIN = 2V
±131
mA
Single Ended (6)
Output Balance Error
ΔVOUT Common Mode /ΔVOUT
60
dB
Differential,
ΔVOD = 1V, f < 1 MHz
Miscellaneous Performance
ZT
Open Loop Transimpedance
Differential
107
dB
PSRR
Power Supply Rejection Ratio
DC,
ΔVS = ±1V
80
dB
IS
Supply Current (5)
RL = ∞
17
20.4
24
mA
27
Enable Voltage Threshold
3.0
V
Disable Voltage Threshold
2.0
V
Enable/Disable Time
15
ns
ISD
Disable Shutdown Current
500
600
µA
Output Common Mode Control Circuit
Common Mode Small Signal
VIN+ = VIN= 0
310
MHz
Bandwidth
Slew Rate
VIN+ = VIN= 0
430
V/
μs
(4)
IBI is referred to a differential output offset voltage by the following relationship: VOD(offset) = IBI*2RF
(5)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
(6)
Short circuit current should be limited in duration to no more than 10 seconds. See POWER DISSIPATION of Application Information for
more details.
Copyright © 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6552


Số phần tương tự - LMH6552MANOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6552MA TI1-LMH6552MA Datasheet
1Mb / 38P
[Old version datasheet]   1.5-GHz Fully Differential Amplifier
LMH6552MA/NOPB TI1-LMH6552MA/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   1.5-GHz Fully Differential Amplifier
LMH6552MAX TI1-LMH6552MAX Datasheet
1Mb / 38P
[Old version datasheet]   1.5-GHz Fully Differential Amplifier
LMH6552MAX/NOPB TI1-LMH6552MAX/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   1.5-GHz Fully Differential Amplifier
More results

Mô tả tương tự - LMH6552MANOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6552 TI1-LMH6552 Datasheet
1Mb / 38P
[Old version datasheet]   1.5-GHz Fully Differential Amplifier
LMH6554 TI1-LMH6554 Datasheet
1Mb / 29P
[Old version datasheet]   2.8-GHz Ultra Linear Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554 Datasheet
989Kb / 16P
   2.8 GHz Ultra Linear Fully Differential Amplifier
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
logo
Texas Instruments
THS4521 TI1-THS4521 Datasheet
2Mb / 65P
[Old version datasheet]   Fully Differential Amplifier
THS4541 TI1-THS4541 Datasheet
2Mb / 62P
[Old version datasheet]   Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554_14 Datasheet
1Mb / 24P
   LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
logo
Texas Instruments
LMH6554 TI-LMH6554_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6554 2.8-GHz Ultra Linear Fully Differential Amplifier
LMH6554 TI-LMH6554 Datasheet
1Mb / 24P
[Old version datasheet]   LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com