công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6552 bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMH6552
Giải thích chi tiết về linh kiện  1.5 GHz Fully Differential Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6552 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LMH6552 Datasheet HTML 5Page - Texas Instruments LMH6552 Datasheet HTML 6Page - Texas Instruments LMH6552 Datasheet HTML 7Page - Texas Instruments LMH6552 Datasheet HTML 8Page - Texas Instruments LMH6552 Datasheet HTML 9Page - Texas Instruments LMH6552 Datasheet HTML 10Page - Texas Instruments LMH6552 Datasheet HTML 11Page - Texas Instruments LMH6552 Datasheet HTML 12Page - Texas Instruments LMH6552 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
HD2
HD3
3
5
7
9
11
12
-90
-80
-70
-60
-50
-20
TOTAL SUPPLY VOLTAGE (V)
-40
-30
RL = 800:
VOUT = 2 VPP
fc = 75 MHz
FREQUENCY (MHz)
-50
-55
-60
-65
-70
-75
-80
-85
-90
-95
-100
-105
1
25 50 75 100 125 150 175 200 225 250
HD2
HD3
V
+ = +5V
V
- = -5V
RL = 800
Ö
VOD = 2 VPP
VOCM = 0V
0
5
10 15 20 25 30 35 40 45 50
-80
-60
-40
-20
0
20
40
60
80
TIME (ns)
V
+
= +5V
V
-
= -5V
RL = 500:
RL = 357:
VOD = 2 VPP
0
5
10 15 20 25 30 35 40 45 50
-1.5
-1
-0.5
0
0.5
1
1.5
TIME (ns)
V
+
= +5
V
-
= -5V
RL = 500:
RF = 357:
0
5
10 15 20 25 30 35 40 45 50
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
TIME (ns)
V
+
= +5V
V
-
= -5V
RL = 500:
RF = 357:
LMH6552
www.ti.com
SNOSAX9G – APRIL 2007 – REVISED JULY 2011
Typical Performance Characteristics V
+ = +5V, V= −5V (continued)
(TA = 25°C, RF = RG = 357Ω, RL = 500Ω, AV = 1, for single ended in, differential out, unless specified).
2 VPP Pulse Response Single Ended Input
Large Signal Pulse Response
Figure 16.
Figure 17.
Distortion
vs.
Output Common Mode Pulse Response
Frequency Single Ended Input
Figure 18.
Figure 19.
Distortion
Distortion
vs.
vs.
Supply Voltage
Supply Voltage
Figure 20.
Figure 21.
Copyright © 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6552


Số phần tương tự - LMH6552

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6552 TI1-LMH6552 Datasheet
551Kb / 14P
[Old version datasheet]   selecting amplifiers, adcs, and clocks for high-performance signal paths
LMH6552 TI1-LMH6552 Datasheet
1Mb / 38P
[Old version datasheet]   1.5-GHz Fully Differential Amplifier
LMH6552MA TI1-LMH6552MA Datasheet
1Mb / 38P
[Old version datasheet]   1.5-GHz Fully Differential Amplifier
LMH6552MA/NOPB TI1-LMH6552MA/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   1.5-GHz Fully Differential Amplifier
LMH6552MAX TI1-LMH6552MAX Datasheet
1Mb / 38P
[Old version datasheet]   1.5-GHz Fully Differential Amplifier
More results

Mô tả tương tự - LMH6552

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6552 TI1-LMH6552 Datasheet
1Mb / 38P
[Old version datasheet]   1.5-GHz Fully Differential Amplifier
LMH6554 TI1-LMH6554 Datasheet
1Mb / 29P
[Old version datasheet]   2.8-GHz Ultra Linear Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554 Datasheet
989Kb / 16P
   2.8 GHz Ultra Linear Fully Differential Amplifier
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
logo
Texas Instruments
THS4521 TI1-THS4521 Datasheet
2Mb / 65P
[Old version datasheet]   Fully Differential Amplifier
THS4541 TI1-THS4541 Datasheet
2Mb / 62P
[Old version datasheet]   Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554_14 Datasheet
1Mb / 24P
   LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
logo
Texas Instruments
LMH6554 TI-LMH6554_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6554 2.8-GHz Ultra Linear Fully Differential Amplifier
LMH6554 TI-LMH6554 Datasheet
1Mb / 24P
[Old version datasheet]   LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com