công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6521SQENOPB bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện LMH6521SQENOPB
Giải thích chi tiết về linh kiện  High Performance Dual DVGA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6521SQENOPB bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LMH6521SQENOPB Datasheet HTML 3Page - Texas Instruments LMH6521SQENOPB Datasheet HTML 4Page - Texas Instruments LMH6521SQENOPB Datasheet HTML 5Page - Texas Instruments LMH6521SQENOPB Datasheet HTML 6Page - Texas Instruments LMH6521SQENOPB Datasheet HTML 7Page - Texas Instruments LMH6521SQENOPB Datasheet HTML 8Page - Texas Instruments LMH6521SQENOPB Datasheet HTML 9Page - Texas Instruments LMH6521SQENOPB Datasheet HTML 10Page - Texas Instruments LMH6521SQENOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LMH6521
www.ti.com
SNOSB47C – MAY 2011 – REVISED SEPTEMBER 2011
Table 1. Pin Descriptions (continued)
Pin Number
Symbol
Description
1
SDI
Serial Data In. See application section for more details.
32
CSb
Serial Chip Select (Active Low).
31
SDO
Serial Data Out.
3, 4, 6, 7, 8, 9, 10,
GND
Pins unused in Serial Mode, connect to DC ground.
16, 20, 21, 25
Digital Inputs Pulse Mode (MOD1 = 0 , MOD0 = 1)
2, 7
UPA, UPB
Up pulse pin. A logic 0 pulse will increase gain one step.
1, 8
DNA, DNB
Down pulse pin. A logic 0 pulse will decrease gain one step.
1 & 2 or 7 & 8
Pulsing both pins together will reset the gain to maximum gain.
31, 32
S0A, S1A
Step size zero and step size 1. (0,0) = 0.5dB; (0, 1)= 1dB; (1,0) = 2dB, and (1, 1)= 6dB.
10, 9
S0B, S1B
Step size zero and step size 1. (0,0) = 0.5dB; (0, 1)= 1dB; (1,0) = 2dB, and (1, 1)= 6dB.
3, 5, 6, 16, 25
GND
Pins unused in Pulse Mode, connect to DC ground.
Table 2. Digital Control Mode Pin Functions
Pin Number
Parallel Mode
Serial Mode
Pulse Mode
1
A3
SDI
DNA
2
A4
CLK
UPA
3
A5
NC
GND
4 (MOD0)
LOGIC HIGH (MOD0=1)
LOGIC LOW (MOD0=0)
LOGIC HIGH (MOD0=1)
5 (MOD1)
LOGIC HIGH (MOD1=1)
LOGIC HIGH (MOD1=1)
LOGIC LOW (MOD1=0)
6
B5
GND
GND
7
B4
NC
UPB
8
B3
NC
DNB
9
B2
NC
S1B
10
B1
NC
S0B
11
INB+
12
INB-
13
GND
14
+5V
15
GND
16
B0
GND
GND
17
OUTB+
18
OUTB-
19
ENB
20
LATB
GND
GND
21
LATA
GND
GND
22
ENA
23
OUTA-
24
OUTA+
25
A0
NC
GND
26
GND
27
+5V
28
GND
29
INA-
30
INA+
31
A1
SDO
S0A
32
A2
CS
S1A
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6521


Số phần tương tự - LMH6521SQENOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6521SQE TI1-LMH6521SQE Datasheet
418Kb / 24P
[Old version datasheet]   LMH6521 High Performance Dual DVGA
LMH6521SQE/NOPB TI1-LMH6521SQE/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   High Performance Dual DVGA
More results

Mô tả tương tự - LMH6521SQENOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6521 TI1-LMH6521 Datasheet
418Kb / 24P
[Old version datasheet]   LMH6521 High Performance Dual DVGA
LMH6521 TI-LMH6521_15 Datasheet
1Mb / 29P
[Old version datasheet]   High Performance Dual DVGA
LMH6521 TI1-LMH6521_16 Datasheet
1Mb / 29P
[Old version datasheet]   High Performance Dual DVGA
LMH6523 TI-LMH6523 Datasheet
1Mb / 31P
[Old version datasheet]   High Performance Quad DVGA
LMH6522 TI-LMH6522_15 Datasheet
1Mb / 34P
[Old version datasheet]   High Performance Quad DVGA
LMH6523 TI-LMH6523_15 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance Quad DVGA
LMH6522 TI1-LMH6522 Datasheet
682Kb / 30P
[Old version datasheet]   High Performance Quad DVGA
logo
TriQuint Semiconductor
TQC9311 TRIQUINT-TQC9311_15 Datasheet
582Kb / 9P
   0.4-3.6 GHz Dual Channel DVGA
logo
National Semiconductor ...
LMH6517 NSC-LMH6517 Datasheet
220Kb / 8P
   Multi Standard, IF and Baseband, Dual, DVGA
logo
Renesas Technology Corp
F0448 RENESAS-F0448 Datasheet
3Mb / 35P
   Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com