công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6521SQENOPB bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LMH6521SQENOPB
Giải thích chi tiết về linh kiện  High Performance Dual DVGA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6521SQENOPB bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LMH6521SQENOPB Datasheet HTML 1Page - Texas Instruments LMH6521SQENOPB Datasheet HTML 2Page - Texas Instruments LMH6521SQENOPB Datasheet HTML 3Page - Texas Instruments LMH6521SQENOPB Datasheet HTML 4Page - Texas Instruments LMH6521SQENOPB Datasheet HTML 5Page - Texas Instruments LMH6521SQENOPB Datasheet HTML 6Page - Texas Instruments LMH6521SQENOPB Datasheet HTML 7Page - Texas Instruments LMH6521SQENOPB Datasheet HTML 8Page - Texas Instruments LMH6521SQENOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LMH6521
SNOSB47C – MAY 2011 – REVISED SEPTEMBER 2011
www.ti.com
5V Electrical Characteristics
(1) (2) (3)
The following specifications apply for single supply with V+ = 5V, Differential VOUT = 4VPP, RL= 200Ω, TA=25°C, fin = 200 MHz,
and Maximum Gain (0 attenuation). Boldface limits apply at temperature extremes.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(4)
(5)
(4)
Dynamic Performance
SSBW
3 dB Small Signal Bandwidth
1200
MHz
Output Noise Voltage
At amplifier output with RSOURCE=200Ω
33
nV/
√Hz
Noise Figure
Source = 200
7.3
dB
OIP3
Output 3rd-Order Intercept Point
f=100MHz, PO= +4dBm per tone
56
dBm
f=200MHz, PO= +4dBm per tone
48.5
f=250MHz, PO= +4dBm per tone
46.5
OIP2
Output 2nd-Order Intercept Point
f=100MHz, PO= +4dBm per tone
92
dBm
f=200MHz, PO= +4dBm per tone
80
f=250MHz, PO= +4dBm per tone
73
HD2
2nd Harmonic Distortion
f=200MHz, PO= +6dBm
–84
dBc
HD3
3rd Harmonic Distortion
f=200MHz, PO= +6dBm
–83
dBc
P1dB
1dB Compression Point
17
dBm
Analog I/O
Input Resistance
Differential
200
Input Common Mode Voltage
Self Biased (AC coupled)
2.5
V
Input Common Mode Voltage
Externally Driven (DC coupled)
2–3
V
Range
Maximum Input Voltage Swing
Differential
11
VPPD
Output Resistance
Differential
20
Maximum Differential Output
Differential
10
VPPD
Voltage Swing
CMRR
Common Mode Rejection Ratio
At DC, VID = 0V, VCM = 2.5 ± 0.5V
80
dB
PSRR
Power Supply Rejection Ratio
At DC, V+ = 5 ± 0.5V, VIN = 2.5V
77
dB
Channel to Channel Isolation
f = 200 MHz, min. attenuation setting
73
dB
Gain Parameters
Maximum Voltage Gain
Gain Code 000000 (min. attenuation),
26
dB
Av = VO / VIN
Minimum Voltage Gain
Gain Code 111111 (max. attenuation),
–5.5
dB
Av = VO / VIN
Gain Accuracy
1
%
Gain Step Size
0.5
dB
Channel Gain Matching
ChA - ChB, any gain setting
±0.04
dB
Channel Phase Matching
±0.45
degrees
Cumulative Gain Error
0 to 12 dB attenuation setting
±0.1
dB
0 to 24 dB attenuation setting
±0.3
dB
0 to 31 dB attenuation setting
±0.5
dB
Cumulative Phase Shift
0 to 12 dB attenuation setting
±0.6
degrees
0 to 24 dB attenuation setting
±5.3
degrees
0 to 31 dB attenuation setting
±16.5
degrees
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. No guarantee of parametric performance is
indicated in the electrical tables under conditions different than those tested
(2)
Negative input current implies current flowing out of the device.
(3)
Drift determined by dividing the change in parameter at temperature extremes by the total temperature change.
(4)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are guaranteed through correlation using
Statistical Quality Control (SQC) methods.
(5)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
4
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Links: LMH6521


Số phần tương tự - LMH6521SQENOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6521SQE TI1-LMH6521SQE Datasheet
418Kb / 24P
[Old version datasheet]   LMH6521 High Performance Dual DVGA
LMH6521SQE/NOPB TI1-LMH6521SQE/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   High Performance Dual DVGA
More results

Mô tả tương tự - LMH6521SQENOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6521 TI1-LMH6521 Datasheet
418Kb / 24P
[Old version datasheet]   LMH6521 High Performance Dual DVGA
LMH6521 TI-LMH6521_15 Datasheet
1Mb / 29P
[Old version datasheet]   High Performance Dual DVGA
LMH6521 TI1-LMH6521_16 Datasheet
1Mb / 29P
[Old version datasheet]   High Performance Dual DVGA
LMH6523 TI-LMH6523 Datasheet
1Mb / 31P
[Old version datasheet]   High Performance Quad DVGA
LMH6522 TI-LMH6522_15 Datasheet
1Mb / 34P
[Old version datasheet]   High Performance Quad DVGA
LMH6523 TI-LMH6523_15 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance Quad DVGA
LMH6522 TI1-LMH6522 Datasheet
682Kb / 30P
[Old version datasheet]   High Performance Quad DVGA
logo
TriQuint Semiconductor
TQC9311 TRIQUINT-TQC9311_15 Datasheet
582Kb / 9P
   0.4-3.6 GHz Dual Channel DVGA
logo
National Semiconductor ...
LMH6517 NSC-LMH6517 Datasheet
220Kb / 8P
   Multi Standard, IF and Baseband, Dual, DVGA
logo
Renesas Technology Corp
F0448 RENESAS-F0448 Datasheet
3Mb / 35P
   Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com