công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6521SQNOPB bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện LMH6521SQNOPB
Giải thích chi tiết về linh kiện  High Performance Dual DVGA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6521SQNOPB bảng dữ liệu(HTML) 2 Page - Texas Instruments

  LMH6521SQNOPB Datasheet HTML 1Page - Texas Instruments LMH6521SQNOPB Datasheet HTML 2Page - Texas Instruments LMH6521SQNOPB Datasheet HTML 3Page - Texas Instruments LMH6521SQNOPB Datasheet HTML 4Page - Texas Instruments LMH6521SQNOPB Datasheet HTML 5Page - Texas Instruments LMH6521SQNOPB Datasheet HTML 6Page - Texas Instruments LMH6521SQNOPB Datasheet HTML 7Page - Texas Instruments LMH6521SQNOPB Datasheet HTML 8Page - Texas Instruments LMH6521SQNOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
26 dB
OUTA+
OUTA-
+5V
INA+
INA-
26 dB
INB+
INB-
OUTB+
OUTB-
Attenuator
0 dB to 31.5 dB
Attenuator
0 dB to 31.5 dB
ATTEN_A
LATCH _A
EN_A
SPI
ATTEN_B
LATCH _B
EN_B
6
Digital
Control
PULSE_A
PULSE_B
4
2
2
6
GND
0
4
8
12 16 20 24 28 32
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
ATTENUATION (dB)
Gain Matching Error
Phase Matching Error
LMH6521
SNOSB47C – MAY 2011 – REVISED SEPTEMBER 2011
www.ti.com
Figure 1. LMH6521 Block Diagram
Figure 2. Channel Matching Error (Ch A – Ch B)
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
ESD Tolerance (2)
Human Body Model
2 kV
Machine Model
200V
Charged Device Model
750V
Positive Supply Voltage (Pin 14, 27)
−0.6V to 5.5V
Differential Voltage between Any Two Grounds
<200 mV
Analog Input Voltage Range
−0.6V to V+
Digital Input Voltage Range
−0.6V to 5.5V
Junction Temperature
+150°C
Storage Temperature Range
−65°C to +150°C
Soldering Information
Infrared or Convection (30 sec)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications, see the
Electrical Characteristics tables.
(2)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC)Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
Operating Ratings
(1)
Supply Voltage (Pin 14 & 27)
4.75V to 5.25V
Differential Voltage Between Any Two Grounds
<10 mV
Analog Input Voltage Range,
AC Coupled
0V to V+
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications, see the
Electrical Characteristics tables.
2
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Links: LMH6521


Số phần tương tự - LMH6521SQNOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6521SQ TI1-LMH6521SQ Datasheet
418Kb / 24P
[Old version datasheet]   LMH6521 High Performance Dual DVGA
LMH6521SQ/NOPB TI1-LMH6521SQ/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   High Performance Dual DVGA
LMH6521SQE TI1-LMH6521SQE Datasheet
418Kb / 24P
[Old version datasheet]   LMH6521 High Performance Dual DVGA
LMH6521SQE/NOPB TI1-LMH6521SQE/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   High Performance Dual DVGA
LMH6521SQX TI1-LMH6521SQX Datasheet
418Kb / 24P
[Old version datasheet]   LMH6521 High Performance Dual DVGA
More results

Mô tả tương tự - LMH6521SQNOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6521 TI1-LMH6521 Datasheet
418Kb / 24P
[Old version datasheet]   LMH6521 High Performance Dual DVGA
LMH6521 TI-LMH6521_15 Datasheet
1Mb / 29P
[Old version datasheet]   High Performance Dual DVGA
LMH6521 TI1-LMH6521_16 Datasheet
1Mb / 29P
[Old version datasheet]   High Performance Dual DVGA
LMH6523 TI-LMH6523 Datasheet
1Mb / 31P
[Old version datasheet]   High Performance Quad DVGA
LMH6522 TI-LMH6522_15 Datasheet
1Mb / 34P
[Old version datasheet]   High Performance Quad DVGA
LMH6523 TI-LMH6523_15 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance Quad DVGA
LMH6522 TI1-LMH6522 Datasheet
682Kb / 30P
[Old version datasheet]   High Performance Quad DVGA
logo
TriQuint Semiconductor
TQC9311 TRIQUINT-TQC9311_15 Datasheet
582Kb / 9P
   0.4-3.6 GHz Dual Channel DVGA
logo
National Semiconductor ...
LMH6517 NSC-LMH6517 Datasheet
220Kb / 8P
   Multi Standard, IF and Baseband, Dual, DVGA
logo
Renesas Technology Corp
F0448 RENESAS-F0448 Datasheet
3Mb / 35P
   Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com