công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6518SQX bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện LMH6518SQX
Giải thích chi tiết về linh kiện  LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6518SQX bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LMH6518SQX Datasheet HTML 6Page - Texas Instruments LMH6518SQX Datasheet HTML 7Page - Texas Instruments LMH6518SQX Datasheet HTML 8Page - Texas Instruments LMH6518SQX Datasheet HTML 9Page - Texas Instruments LMH6518SQX Datasheet HTML 10Page - Texas Instruments LMH6518SQX Datasheet HTML 11Page - Texas Instruments LMH6518SQX Datasheet HTML 12Page - Texas Instruments LMH6518SQX Datasheet HTML 13Page - Texas Instruments LMH6518SQX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
0
2
4
6
8
10 12 14 16 18 20
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
FREQUENCY (MHz)
All Gains
20 MHz Filter
0
50
100
150
200
250
300
FREQUENCY (MHz)
-180
-130
-80
-30
20
HG, 0 dB, 10 dB, 20 dB
LG, 0 dB, 10 dB, 20 dB
20 MHz Filter
10
100
1G
FREQUENCY (MHz)
-6
-5
-4
-3
-2
-1
0
1
2
85°C, HG
85°C, LG
25°C, HG
25°C, LG
-40°C, HG
-40°C, LG
10 dB Ladder
10
100
1G
FREQUENCY (MHz)
-6
-5
-4
-3
-2
-1
0
1
2
-350
-300
-250
-200
-150
-100
-50
0
50
Phase
Gain
Aux, HG
Main, LG
Aux, HG
Main, HG
Main, LG
Aux, LG
10 dB Ladder
0
200
400
600
800
1000
-300
-250
-200
-150
-100
-50
0
FREQUENCY (MHz)
Full BW
LG, 0 dB
LG, 20 dB
HG, 0 dB
HG, 20 dB
10
100
1G
FREQUENCY (MHz)
-6
-5
-4
-3
-2
-1
0
1
2
85°C, HG
85°C, LG
25°C, HG
25°C, LG
-40°C, HG
-40°C, LG
10 dB Ladder
LMH6518
SNOSB21A – MAY 2008 – REVISED OCTOBER 2008
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, Input CM = 2.5V, VCM = 1.2V, VCM AUX = 1.2V, Single-ended input drive, VCC = 5V, VDD = 3.3V, RL
= 100
Ω differential (both Main & Auxiliary Outputs), VOUT = 0.7 VPP differential (both Main and Auxiliary Outputs), Main output
specification (Auxiliary is labeled “Auxiliary”), full bandwidth setting, gain = 18.8 dB (Preamp LG, 0 dB ladder attenuation), Full
Power setting
(1).
Phase
vs.
Gain
Response Over Temperature
Figure 8.
Figure 9.
Main
vs.
Auxiliary Response Over Temperature
Auxiliary Response
Figure 10.
Figure 11.
Response
Phase
vs.
vs.
Gain
Gain
Figure 12.
Figure 13.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Links: LMH6518


Số phần tương tự - LMH6518SQX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6518SQX/NOPB TI1-LMH6518SQX/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
More results

Mô tả tương tự - LMH6518SQX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6518SQ TI1-LMH6518SQ Datasheet
1Mb / 41P
[Old version datasheet]   LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
LMH6518 TI-LMH6518_15 Datasheet
1Mb / 41P
[Old version datasheet]   LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
logo
Maxim Integrated Produc...
MAX2027 MAXIM-MAX2027 Datasheet
1Mb / 10P
   IF Digitally Controlled Variable-Gain Amplifier
Rev 1; 2/04
MAX2055 MAXIM-MAX2055 Datasheet
805Kb / 13P
   Digitally Controlled, Variable-Gain, Differential ADC Driver/Amplifier
Rev 0; 4/03
logo
National Semiconductor ...
LMH6514 NSC-LMH6514 Datasheet
525Kb / 20P
   600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6515 NSC-LMH6515 Datasheet
529Kb / 18P
   600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6518 NSC-LMH6518 Datasheet
250Kb / 8P
   825 MHz, Digital Controlled, Variable Gain Amplifier
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
API Technologies Corp
MN2020 APITECH-MN2020 Datasheet
979Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
Texas Instruments
LMH6515 TI1-LMH6515 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com