công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6518SQE bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện LMH6518SQE
Giải thích chi tiết về linh kiện  LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6518SQE bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LMH6518SQE Datasheet HTML 3Page - Texas Instruments LMH6518SQE Datasheet HTML 4Page - Texas Instruments LMH6518SQE Datasheet HTML 5Page - Texas Instruments LMH6518SQE Datasheet HTML 6Page - Texas Instruments LMH6518SQE Datasheet HTML 7Page - Texas Instruments LMH6518SQE Datasheet HTML 8Page - Texas Instruments LMH6518SQE Datasheet HTML 9Page - Texas Instruments LMH6518SQE Datasheet HTML 10Page - Texas Instruments LMH6518SQE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
'VO_CM
'VOUT
LMH6518
www.ti.com
SNOSB21A – MAY 2008 – REVISED OCTOBER 2008
Table 1. Definition of Terms and Specifications
1.
AV_CM (dB)
Change in output offset voltage (
ΔVOOS) with respect to the change in input common mode
voltage (
ΔVI_CM)
2.
AV_DIFF (dB)
Gain with 100
Ω differential load
3.
CM
Common Mode
4.
CMRR (dB)
Common Mode rejection defined as: AV_DIFF (dB) - AV_CM (dB)
5.
CMRR_CM
Common
Mode
rejection
relative
to
VCM
defined
as:
ΔVOOS /ΔVCM
6.
HG
Preamp High Gain
7.
Ladder
Ladder Attenuator setting (0-20 dB)
8.
LG
Preamp Low Gain
9.
Max Gain
Gain = 38.8 dB
10.
Min Gain
Gain =
−1.16 dB
11.
+Out
Positive Main Output
12.
−Out
Negative Main Output
13.
+Out Aux
Positive Auxiliary Output
14.
−Out Aux
Negative Auxiliary Output
15.
PB
Phase Balance defined as the phase difference between the complimentary outputs relative to
180°
16.
PSRR
Input referred VOOS shift divided by change in VCC
17.
PSRR_CM
Output common mode voltage change (
ΔVO_CM) with respect to VCC voltage change (ΔVCC)
18.
VCM
Input pin voltage that sets Main output CM
19.
VCM_Aux
Input pin voltage that sets Auxiliary output CM
20.
VI_CM
Input CM voltage (average of +IN and
−IN)
21.
ΔVIN (V)
Differential voltage across device inputs
22.
VOOS
DC offset voltage. Differential output voltage measured with inputs shorted together to VCC/2
23.
VO_CM
Output common mode voltage (DC average of V+OUT and V−OUT)
24.
VOS_CM
CM offset voltage: VO_CM - VCM
25.
ΔVO_CM
Variation in output common mode voltage (VO_CM)
26.
Balance Error. Measure of the output swing balance of “+OUT” and “
−OUT”, as reflected on
the output common mode voltage (VO_CM), relative to the differential output swing (VOUT).
Calculated as output common mode voltage change (
ΔVO_CM) divided by the output differential
voltage change (
ΔVOUT, which is nominally around 700 mVPP)
27.
ΔVOUT
Change in differential output voltage (Corrected for DC offset (VOOS))
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6518


Số phần tương tự - LMH6518SQE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6518SQE/NOPB TI1-LMH6518SQE/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
More results

Mô tả tương tự - LMH6518SQE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6518SQ TI1-LMH6518SQ Datasheet
1Mb / 41P
[Old version datasheet]   LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
LMH6518 TI-LMH6518_15 Datasheet
1Mb / 41P
[Old version datasheet]   LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
logo
Maxim Integrated Produc...
MAX2027 MAXIM-MAX2027 Datasheet
1Mb / 10P
   IF Digitally Controlled Variable-Gain Amplifier
Rev 1; 2/04
MAX2055 MAXIM-MAX2055 Datasheet
805Kb / 13P
   Digitally Controlled, Variable-Gain, Differential ADC Driver/Amplifier
Rev 0; 4/03
logo
National Semiconductor ...
LMH6514 NSC-LMH6514 Datasheet
525Kb / 20P
   600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6515 NSC-LMH6515 Datasheet
529Kb / 18P
   600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6518 NSC-LMH6518 Datasheet
250Kb / 8P
   825 MHz, Digital Controlled, Variable Gain Amplifier
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
API Technologies Corp
MN2020 APITECH-MN2020 Datasheet
979Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
Texas Instruments
LMH6515 TI1-LMH6515 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com