công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6518SQE bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện LMH6518SQE
Giải thích chi tiết về linh kiện  LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6518SQE bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LMH6518SQE Datasheet HTML 1Page - Texas Instruments LMH6518SQE Datasheet HTML 2Page - Texas Instruments LMH6518SQE Datasheet HTML 3Page - Texas Instruments LMH6518SQE Datasheet HTML 4Page - Texas Instruments LMH6518SQE Datasheet HTML 5Page - Texas Instruments LMH6518SQE Datasheet HTML 6Page - Texas Instruments LMH6518SQE Datasheet HTML 7Page - Texas Instruments LMH6518SQE Datasheet HTML 8Page - Texas Instruments LMH6518SQE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
LMH6518
www.ti.com
SNOSB21A – MAY 2008 – REVISED OCTOBER 2008
Operating Ratings
(1)
Supply Voltage
VCC = 5V (±5%)
VDD = 3.3V (±5%)
Temperature Range
−40°C to 85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications, see the
Electrical Characteristics tables.
Thermal Properties
Temperature Range (1)
−40°C to 85°C
Junction-to-Ambient
Thermal Resistance (
θJA), WQFN
(1)
40°C/W
(1)
The maximum power dissipation is a function of TJ(MAX), θJA and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) – TA)/ θJA. All numbers apply for package soldered directly into a 2 layer PC board with zero air flow.
Package should be soldered unto a 6.8 mm2 copper area as shown in the “recommended land pattern” shown in the package drawing.
Electrical Characteristics
(1)
Unless otherwise specified, all limits are guaranteed for TA = 25°C, Input CM = 2.5V, VCM = 1.2V, VCM_Aux = 1.2V, Single-
ended input drive, VCC = 5V, VDD = 3.3V, RL = 100Ω differential (both Main & Auxiliary Outputs), VOUT = 0.7 VPP differential
(both Main & Auxiliary Outputs), both Main and Auxiliary Output Specifications, full bandwidth setting, gain = 18.8 dB (Preamp
LG, 0 dB ladder attenuation), Full Power setting
(2). Electrical Characteristics Definition of Terms and Specifications for
abbreviations used in the datasheet. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Min(3)
Typ(4)
Max(3)
Units
Dynamic Performance
LSBW
−3 dB Bandwidth
All Gains
900
MHz
Peaking
Peaking
All Gains
1
dB
GF_0.1 dB
±0.1 dB Gain Flatness
All Gains
150
MHz
GF_1 dB
±1 dB Gain Flatness
All Gains
400
MHz
TRS
Rise Time
460
ps
TRL
Fall Time
450
OS
Overshoot
Main Output
9
%
ts_1
Settling Time
Main Output, ±0.5%
10
ns
ts_2
Main Output, ±0.05%
14
t_recover
Recovery Time(5)
All Gains
<5
ns
PD
Propagation Delay
VOUT = 0.7 VPP, All Gains
1.2
ns
PD_VAR
Propagation Delay Variation
Gain Varied
100
ps
Noise, Distortion, and RF Specifications
en_1
Input Noise Spectral Density
Max Gain, 10 MHz
0.98
nV/
√Hz
en_2
Preamp LG and 0 dB Ladder,
4.1
10 MHz
eno_1
RMS Output Noise
Max Gain, 100 Hz to 400 MHz
1.7
mV
eno_2
Preamp LG, 0 dB Ladder, 100 Hz
940
μV
to 400 MHz
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No guarantee of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
“Full Power” setting is with Auxiliary output turned on.
(3)
Limits are 100% production tested at 25°C unless otherwise specified. Limits over the operating temperature range are guaranteed
through correlation using Statistical Quality Control (SQC) methods.
(4)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
(5)
Recovery time” is the slower of the Main and Auxiliary outputs. Output swing of 700 mVPP shifted up or down by 50% (0.35V) by
introducing an offset. Measured values correspond to the time it takes to return to within ±1% of 0.7 VPP (±7 mV).
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6518


Số phần tương tự - LMH6518SQE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6518SQE/NOPB TI1-LMH6518SQE/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
More results

Mô tả tương tự - LMH6518SQE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6518SQ TI1-LMH6518SQ Datasheet
1Mb / 41P
[Old version datasheet]   LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
LMH6518 TI-LMH6518_15 Datasheet
1Mb / 41P
[Old version datasheet]   LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
logo
Maxim Integrated Produc...
MAX2027 MAXIM-MAX2027 Datasheet
1Mb / 10P
   IF Digitally Controlled Variable-Gain Amplifier
Rev 1; 2/04
MAX2055 MAXIM-MAX2055 Datasheet
805Kb / 13P
   Digitally Controlled, Variable-Gain, Differential ADC Driver/Amplifier
Rev 0; 4/03
logo
National Semiconductor ...
LMH6514 NSC-LMH6514 Datasheet
525Kb / 20P
   600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6515 NSC-LMH6515 Datasheet
529Kb / 18P
   600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6518 NSC-LMH6518 Datasheet
250Kb / 8P
   825 MHz, Digital Controlled, Variable Gain Amplifier
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
API Technologies Corp
MN2020 APITECH-MN2020 Datasheet
979Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
Texas Instruments
LMH6515 TI1-LMH6515 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com