công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6518 bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện LMH6518
Giải thích chi tiết về linh kiện  LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6518 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LMH6518_14 Datasheet HTML 5Page - Texas Instruments LMH6518_14 Datasheet HTML 6Page - Texas Instruments LMH6518_14 Datasheet HTML 7Page - Texas Instruments LMH6518_14 Datasheet HTML 8Page - Texas Instruments LMH6518_14 Datasheet HTML 9Page - Texas Instruments LMH6518_14 Datasheet HTML 10Page - Texas Instruments LMH6518_14 Datasheet HTML 11Page - Texas Instruments LMH6518_14 Datasheet HTML 12Page - Texas Instruments LMH6518_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
1
10
100
1G
FREQUENCY (MHz)
-25
-20
-15
-10
-5
0
5
Full BW
750 MHz
650 MHz
350 MHz
200 MHz
100 MHz
20 MHz
Response (HG, 0 dB)
VOUT = 0.1 VPP
10
100
1G
FREQUENCY (MHz)
-6
-5
-4
-3
-2
-1
0
1
2
3
Full BW
HG, 0 dB
LG, 0 dB
HG, 20 dB
LG, 20 dB
1
10
100
1G
FREQUENCY (MHz)
-25
-20
-15
-10
-5
0
5
Full BW
750 MHz
650 MHz
350 MHz
200 MHz
100 MHz
20 MHz
Response (HG, 0 dB)
1
10
100
1G
FREQUENCY (MHz)
-25
-20
-15
-10
-5
0
5
Full BW
750 MHz
650 MHz
350 MHz
200 MHz
100 MHz
20 MHz
Response (LG, 0 dB)
VOUT = 0.1 VPP
1
10
100
1G
FREQUENCY (MHz)
-25
-20
-15
-10
-5
0
5
Full BW
750 MHz
650 MHz
350 MHz
200 MHz
100 MHz
20 MHz
Response (LG, 0 dB)
1
10
100
1G
FREQUENCY (MHz)
-300
-250
-200
-150
-100
-50
0
Full BW
750 MHz
20 MHz
100 MHz
200 MHz
350 MHz
650 MHz
Phase (LG, 0 dB)
LMH6518
www.ti.com
SNOSB21A – MAY 2008 – REVISED OCTOBER 2008
Typical Performance Characteristics
Unless otherwise specified, Input CM = 2.5V, VCM = 1.2V, VCM AUX = 1.2V, Single-ended input drive, VCC = 5V, VDD = 3.3V, RL
= 100
Ω differential (both Main & Auxiliary Outputs), VOUT = 0.7 VPP differential (both Main and Auxiliary Outputs), Main output
specification (Auxiliary is labeled “Auxiliary”), full bandwidth setting, gain = 18.8 dB (Preamp LG, 0 dB ladder attenuation), Full
Power setting
(1).
Response (LG, 0 dB)
Phase (LG, 0 dB)
Figure 2.
Figure 3.
Response (HG, 0 dB)
Small Signal Response (LG, 0 dB)
Figure 4.
Figure 5.
Response
vs.
Small Signal Response (HG, 0 dB)
Gain
Figure 6.
Figure 7.
(1)
“Full Power” setting is with Auxiliary output turned on.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6518


Số phần tương tự - LMH6518_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6518 TI-LMH6518_15 Datasheet
1Mb / 41P
[Old version datasheet]   LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
More results

Mô tả tương tự - LMH6518_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6518SQ TI1-LMH6518SQ Datasheet
1Mb / 41P
[Old version datasheet]   LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
LMH6518 TI-LMH6518_15 Datasheet
1Mb / 41P
[Old version datasheet]   LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
logo
Maxim Integrated Produc...
MAX2027 MAXIM-MAX2027 Datasheet
1Mb / 10P
   IF Digitally Controlled Variable-Gain Amplifier
Rev 1; 2/04
MAX2055 MAXIM-MAX2055 Datasheet
805Kb / 13P
   Digitally Controlled, Variable-Gain, Differential ADC Driver/Amplifier
Rev 0; 4/03
logo
National Semiconductor ...
LMH6514 NSC-LMH6514 Datasheet
525Kb / 20P
   600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6515 NSC-LMH6515 Datasheet
529Kb / 18P
   600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6518 NSC-LMH6518 Datasheet
250Kb / 8P
   825 MHz, Digital Controlled, Variable Gain Amplifier
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
API Technologies Corp
MN2020 APITECH-MN2020 Datasheet
979Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
Texas Instruments
LMH6515 TI1-LMH6515 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com