công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6517SQNOPB bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LMH6517SQNOPB
Giải thích chi tiết về linh kiện  Low Power, Low Noise, IF and Baseband, Dual 16 bit ADC Driver With Digitally Controlled Gain
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6517SQNOPB bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LMH6517SQNOPB Datasheet HTML 1Page - Texas Instruments LMH6517SQNOPB Datasheet HTML 2Page - Texas Instruments LMH6517SQNOPB Datasheet HTML 3Page - Texas Instruments LMH6517SQNOPB Datasheet HTML 4Page - Texas Instruments LMH6517SQNOPB Datasheet HTML 5Page - Texas Instruments LMH6517SQNOPB Datasheet HTML 6Page - Texas Instruments LMH6517SQNOPB Datasheet HTML 7Page - Texas Instruments LMH6517SQNOPB Datasheet HTML 8Page - Texas Instruments LMH6517SQNOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LMH6517
SNOSB19J – NOVEMBER 2008 – REVISED NOVEMBER 2011
www.ti.com
5V Electrical Characteristics
(1) (continued)
The following specifications apply for single supply with V+ = 5V, Maximum Gain , RL = 100Ω, VOUT = 2 VPP, fin = 150 MHz.
Boldface limits apply at temperature extremes.
Parameter
Test Conditions
Min (2)
Typ (3)
Max (2)
Units
Gain Step Phase Shift
between any two steps
0.5
°
Gain Step Switching Time
15
ns
Power Requirements
ICC
Supply Current
Each channel (two channels per package)
80
91
mA
P
Power
Each Channel
400
mW
ICC
Disabled Supply Current
Each Channel
7.5
mA
All Digital Inputs
Logic Compatibility
TTL, 2.5V CMOS, 3.3V CMOS
VIL
Logic Input Low Voltage
0
0.4
V
VIH
Logic Input High Voltage
2.0
3.6
V
IIH
Logic Input High Input Current
Digital Input Voltage = 3.3V
−110
110
μA
IIL
Logic Input Low Input Current
Digital Input Voltage = 0V
−110
110
μA
Parallel and Pulse Mode Timing
tGS
Setup Time
3
ns
tGH
Hold Time
3
ns
tLP
Latch Low Pulse Width
7
ns
tPG
Pulse Gap between Pulses
20
ns
tPW
Minimum Latch Pulse Width
20
ns
tRW
Reset Width
10
ns
Serial Mode Timing and AC Characteristics
SPI Compatible
fSCLK
Serial Clock Frequency
10.5
MHz
tPH
SCLK High State Duty Cycle
% of SCLK Period
40
60
%
tPL
SCLK Low State Duty cycle
% of SCLK Period
40
60
%
tSU
Serial Data In Setup Time
0.5
ns
tH
Serial Data In Hold Time
5
ns
tODZ
Serial Data Out Driven-to- Tri-State
Referenced to Positive edge of CS
40
50
ns
Time
tOZD
Serial Data Out Tri-State-to-Driven
Referenced to Negative edge of SCLK
15
20
ns
Time
tOD
Serial Data Out Output Delay TIme
Referenced to Negative edge of SCLK
15
20
ns
tCSS
Serial Chip Select Setup TIme
Referenced to Positive edge of SCLK
10
5
tCSH
Serial Chip Select Hold TIme
Referenced to Positive edge of SCLK
10
5
tIAG
Inter-Access Gap
Minimum time Serial Chip Select pin must
3
Cycles of
be asserted between accesses.
SCLK
4
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LMH6517


Số phần tương tự - LMH6517SQNOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6517SQ NSC-LMH6517SQ Datasheet
220Kb / 8P
   Multi Standard, IF and Baseband, Dual, DVGA
logo
Texas Instruments
LMH6517SQ/NOPB TI1-LMH6517SQ/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, Low Noise, IF and Baseband, Dual 16 bit ADC Driver With Digitally Controlled Gain
logo
National Semiconductor ...
LMH6517SQE NSC-LMH6517SQE Datasheet
220Kb / 8P
   Multi Standard, IF and Baseband, Dual, DVGA
logo
Texas Instruments
LMH6517SQE/NOPB TI1-LMH6517SQE/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, Low Noise, IF and Baseband, Dual 16 bit ADC Driver With Digitally Controlled Gain
logo
National Semiconductor ...
LMH6517SQX NSC-LMH6517SQX Datasheet
220Kb / 8P
   Multi Standard, IF and Baseband, Dual, DVGA
More results

Mô tả tương tự - LMH6517SQNOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6517 TI1-LMH6517 Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, Low Noise, IF and Baseband, Dual 16 bit ADC Driver With Digitally Controlled Gain
logo
Linear Technology
LT5524 LINER-LT5524 Datasheet
184Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5524 LINER-LT5524_15 Datasheet
190Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5514 LINER-LT5514 Datasheet
275Kb / 20P
   Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5514 LINER-LT5514_15 Datasheet
285Kb / 20P
   Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LTC2270 LINER-LTC2270 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2270 LINER-LTC2270_15 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
logo
Maxim Integrated Produc...
MAX12557 MAXIM-MAX12557 Datasheet
905Kb / 28P
   Dual, 65Msps, 14-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX12559 MAXIM-MAX12559 Datasheet
400Kb / 30P
   Dual, 96Msps, 14-Bit, IF/Baseband ADC
Rev 1; 4/07
MAX12558 MAXIM-MAX12558 Datasheet
469Kb / 30P
   Dual, 80Msps, 14-Bit, IF/Baseband ADC
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com