công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6517 bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện LMH6517
Giải thích chi tiết về linh kiện  Low Power, Low Noise, IF and Baseband, Dual 16 bit ADC Driver With Digitally Controlled Gain
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6517 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LMH6517_14 Datasheet HTML 5Page - Texas Instruments LMH6517_14 Datasheet HTML 6Page - Texas Instruments LMH6517_14 Datasheet HTML 7Page - Texas Instruments LMH6517_14 Datasheet HTML 8Page - Texas Instruments LMH6517_14 Datasheet HTML 9Page - Texas Instruments LMH6517_14 Datasheet HTML 10Page - Texas Instruments LMH6517_14 Datasheet HTML 11Page - Texas Instruments LMH6517_14 Datasheet HTML 12Page - Texas Instruments LMH6517_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
-40
-20
0
20
40
60
80
100 120
TEMPERATURE (°C)
34
36
38
40
42
44
46
48
50
POUT = 3 dBm / TONE
f = 200 MHz
MAXIMUM GAIN
-40
-10
20
50
80
105
-0.1
0
0.1
0.2
0.3
TEMPERATURE (°C)
ATT=0 dB
ATT=31 dB
ATT=16 dB
OUTPUT POWER (dBm/tone)
46
44
42
40
38
36
34
32
-2
0
2
4
6
8
10
ATT = 0 dB
ATT = 8 dB
ATT = 16 dB
ATT = 24 dB
RL = 100:
f = 250 MHz
OUTPUT POWER (dBm/tone)
-30
-40
-50
-60
-70
-80
-90
-100
-2
0
2
4
6
8
10
ATT = 0 dB
ATT = 8 dB
ATT = 16 dB
ATT = 24 dB
RL = 100:
f = 200 MHz
OUTPUT POWER (dBm/tone)
46
44
42
40
38
36
34
32
-2
0
2
4
6
8
10
ATT = 0 dB
ATT = 8 dB
ATT = 16 dB
ATT = 24 dB
RL = 100:
f = 150 MHz
OUTPUT POWER (dBm/tone)
46
44
42
40
38
36
34
32
-2
0
2
4
6
8
10
ATT = 0 dB
ATT = 8 dB
ATT = 16 dB
ATT = 24dB
RL = 100:
f = 200 MHz
LMH6517
www.ti.com
SNOSB19J – NOVEMBER 2008 – REVISED NOVEMBER 2011
Typical Performance Characteristics (continued)
VCC = 5V
Third Order Intercept Point at Various Attenuator Settings
Third Order Intercept Point at Various Attenuator Settings
f = 150 MHz
f = 200 MHz
Figure 8.
Figure 9.
Third Order Intercept Point at Various Attenuator Settings
Third Order Intermodulation at Various Attenuator Settings
f = 250 MHz
f = 200 MHz
Figure 10.
Figure 11.
OIP3
Gain Shift
vs
vs
Temperature
Temperature
Figure 12.
Figure 13.
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6517


Số phần tương tự - LMH6517_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6517EVAL-R1 NSC-LMH6517EVAL-R1 Datasheet
3Mb / 10P
   Evaluation Board is designed to aid in the characterization of National
LMH6517SQ NSC-LMH6517SQ Datasheet
220Kb / 8P
   Multi Standard, IF and Baseband, Dual, DVGA
logo
Texas Instruments
LMH6517SQ/NOPB TI1-LMH6517SQ/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, Low Noise, IF and Baseband, Dual 16 bit ADC Driver With Digitally Controlled Gain
logo
National Semiconductor ...
LMH6517SQE NSC-LMH6517SQE Datasheet
220Kb / 8P
   Multi Standard, IF and Baseband, Dual, DVGA
logo
Texas Instruments
LMH6517SQE/NOPB TI1-LMH6517SQE/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, Low Noise, IF and Baseband, Dual 16 bit ADC Driver With Digitally Controlled Gain
More results

Mô tả tương tự - LMH6517_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6517 TI1-LMH6517 Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, Low Noise, IF and Baseband, Dual 16 bit ADC Driver With Digitally Controlled Gain
logo
Linear Technology
LT5524 LINER-LT5524 Datasheet
184Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5524 LINER-LT5524_15 Datasheet
190Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5514 LINER-LT5514 Datasheet
275Kb / 20P
   Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5514 LINER-LT5514_15 Datasheet
285Kb / 20P
   Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LTC2270 LINER-LTC2270 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2270 LINER-LTC2270_15 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
logo
Maxim Integrated Produc...
MAX12557 MAXIM-MAX12557 Datasheet
905Kb / 28P
   Dual, 65Msps, 14-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX12559 MAXIM-MAX12559 Datasheet
400Kb / 30P
   Dual, 96Msps, 14-Bit, IF/Baseband ADC
Rev 1; 4/07
MAX12558 MAXIM-MAX12558 Datasheet
469Kb / 30P
   Dual, 80Msps, 14-Bit, IF/Baseband ADC
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com