công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6515 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LMH6515
Giải thích chi tiết về linh kiện  LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6515 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LMH6515_14 Datasheet HTML 1Page - Texas Instruments LMH6515_14 Datasheet HTML 2Page - Texas Instruments LMH6515_14 Datasheet HTML 3Page - Texas Instruments LMH6515_14 Datasheet HTML 4Page - Texas Instruments LMH6515_14 Datasheet HTML 5Page - Texas Instruments LMH6515_14 Datasheet HTML 6Page - Texas Instruments LMH6515_14 Datasheet HTML 7Page - Texas Instruments LMH6515_14 Datasheet HTML 8Page - Texas Instruments LMH6515_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LMH6515
SNOSAX4B – AUGUST 2007 – REVISED OCTOBER 2007
www.ti.com
5V ELECTRICAL CHARACTERISTICS
(1)(2) (continued)
The following specifications apply for single supply with VCC = 5V, Maximum Gain , RL = 100Ω (200Ω external || 200Ω
internal), VOUT = 2 VPP, fin = 150 MHz. Boldface limits apply at temperature extremes.
Symbol
Parameter
Conditions
Min(3)
Typ(4)
Max(3)
Units
Maximum Input Voltage
DC
3.3
V
Maximum Differential Output Voltage
VCC = 5V, Output Common Mode = 5V
5.5
VPP
Swing
VOS
Output Offset Voltage
All Gain Settings
30
mV
CMRR
Common Mode Rejection Ratio
85
dB
PSRR
Power Supply Rejection Ratio
63
83
dB
61
Gain Parameters
Maximum Gain
DC, Internal RL = 200Ω,
23.9
24.2
24.6
dB
External RL = 1280Ω
23.4
24.8
Minimum Gain
DC, Internal RL = 200Ω,
−7.2
−6.9
−6.5
dB
External RL = 1280Ω
−7.7
−6.4
Gain Step Size
DC
1.0
dB
Gain Step Error
DC
0.02
dB
f = 150 MHz
0.07
Cumulative Gain Step Error
DC, Gain Step 31 to Gain Step 0
−0.1
0.05
0.3
dB
−0.2
0.4
Gain Step Switching Time
5
ns
Digital Inputs/Timing
Logic Compatibility
CMOS Logic
3.3
V
VIL
Logic Input Low Voltage
0.8
V
VIH
Logic Input High Voltage
2.0
V
IIH
Logic Input High Input Current(5)
32
40
μA
TSU
Setup Time
3
ns
THOLD
Hold Time
3
ns
TPW
Minimum Latch Pulse Width
10
ns
Power Requirements
ICC
Total Supply Current
VOUT = 0V Differential, VOUT Common
107
124
mA
Mode = 5V
134
Amplifier Supply Current
Pin 3 Only
56
66
mA
74
Output Stage Bias Currents
Pins 13, 14 and Pins 15, 16;
48
58
mA
VOUT Common Mode = 5 V
60
(5)
Negative input current implies current flowing out of the device.
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LMH6515


Số phần tương tự - LMH6515_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6515SQ NSC-LMH6515SQ Datasheet
529Kb / 18P
   600 MHz, Digital Controlled, Variable Gain Amplifier
logo
Texas Instruments
LMH6515SQ/NOPB TI1-LMH6515SQ/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6515SQX NSC-LMH6515SQX Datasheet
529Kb / 18P
   600 MHz, Digital Controlled, Variable Gain Amplifier
More results

Mô tả tương tự - LMH6515_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6515 TI1-LMH6515 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6514 NSC-LMH6514 Datasheet
525Kb / 20P
   600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6515 NSC-LMH6515 Datasheet
529Kb / 18P
   600 MHz, Digital Controlled, Variable Gain Amplifier
logo
Texas Instruments
LMH6514 TI1-LMH6514 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6514 TI1-LMH6514_14 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6518 NSC-LMH6518 Datasheet
250Kb / 8P
   825 MHz, Digital Controlled, Variable Gain Amplifier
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015 RFMD-RFDA2015 Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
logo
Qorvo, Inc
QPB0066 QORVO-QPB0066 Datasheet
1Mb / 15P
   Digital Controlled Variable Gain Amplifier (5 - 500 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com